Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS3991V Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS3991V
Description  Low-Cost CCFL Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3991V Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS3991V Datasheet HTML 1Page - Maxim Integrated Products DS3991V Datasheet HTML 2Page - Maxim Integrated Products DS3991V Datasheet HTML 3Page - Maxim Integrated Products DS3991V Datasheet HTML 4Page - Maxim Integrated Products DS3991V Datasheet HTML 5Page - Maxim Integrated Products DS3991V Datasheet HTML 6Page - Maxim Integrated Products DS3991V Datasheet HTML 7Page - Maxim Integrated Products DS3991V Datasheet HTML 8Page - Maxim Integrated Products DS3991V Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
_______________________________________________________________________________________
3
Note 1: All voltages are referenced to ground unless otherwise noted. Currents into the IC are positive; currents out of the IC are
negative.
Note 2: During fault conditions, if AC-coupled, LCM and OVD can go below ground by up to 1V for up to 1s.
Note 3: Threshold voltage includes the DC bias-voltage offset.
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +4.5V to 5.5V, TA = -40°C to +85°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Lamp Regulation Threshold
VLRT
(Note 3)
2.29
2.35
2.41
V
OVD Threshold
VOVDT
(Note 3)
2.25
2.35
2.45
V
Lamp Frequency
LFOSCI
40
80
kHz
Lamp Frequency Tolerance
LFTOL
LOSC resistor ±0.1% over temperature;
measured from 0°C to +85°C
-5
+5
%
Burst-Dimming PWM Frequency
PFOSCI
80
300
Hz
Burst-Dimming PWM Frequency
Tolerance
PFTOL
POSC resistor ±0.1% over temperature
-5
+5
%
SLOPE = 0
0
V
BRIGHT Voltage: Minimum
Brightness
VBMIN
SLOPE = 1
3.3
V
SLOPE = 0
3.3
V
BRIGHT Voltage: Maximum
Brightness
VBMAX
SLOPE = 1
0
V
Gate-Driver Output Rise/Fall
tR/tF
CL = 600pF
100
ns
Typical Operating Characteristics
(VCC = 5.0V, TA = +25°C, unless otherwise noted.)
ACTIVE SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.3
5.1
4.9
4.7
3.5
4.0
4.5
5.0
5.5
6.0
3.0
4.5
5.5
DPWM = 100%
DPWM = 50%
DPWM = 10%
SVM TRIPPED
GATE QC = 4.5nC
fLOSC = 49.6kHz
ACTIVE SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
22.5
4.5
5.0
5.5
6.0
4.0
-40.0
85.0
VCC = 5.5V
VCC = 5.0V
VCC = 4.5V
GATE QC = 4.5nC
fLOSC = 49.6kHz
DPWM = 100%
INTERNAL FREQUENCY CHANGE
vs. TEMPERATURE
TEMPERATURE (
°C)
22.5
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
-1.0
-40.0
85.0
DPWM FREQUENCY
LAMP FREQUENCY
Low-Cost CCFL Controller


Similar Part No. - DS3991V

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3992 MAXIM-DS3992 Datasheet
225Kb / 13P
   Two-Channel, Push-Pull CCFL Controller
Rev 0; 9/06
DS3992Z-09N MAXIM-DS3992Z-09N Datasheet
225Kb / 13P
   Two-Channel, Push-Pull CCFL Controller
Rev 0; 9/06
DS3992Z-09N++ MAXIM-DS3992Z-09N+ Datasheet
225Kb / 13P
   Two-Channel, Push-Pull CCFL Controller
Rev 0; 9/06
DS3992Z-09N+R MAXIM-DS3992Z-09N+R Datasheet
225Kb / 13P
   Two-Channel, Push-Pull CCFL Controller
Rev 0; 9/06
DS3992Z-09N+T MAXIM-DS3992Z-09N+T Datasheet
225Kb / 13P
   Two-Channel, Push-Pull CCFL Controller
Rev 0; 9/06
More results

Similar Description - DS3991V

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8722A MAXIM-MAX8722A Datasheet
383Kb / 20P
   Low-Cost CCFL Backlight Controller
19-3321; Rev 0; 10/05
MAX8722C MAXIM-MAX8722C Datasheet
561Kb / 21P
   Low-Cost CCFL Backlight Controller
Rev 3; 2/09
logo
Beyond Innovation Techn...
BIT3102B BITEK-BIT3102B Datasheet
49Kb / 1P
   Low Cost PWM CCFL Controller
logo
List of Unclassifed Man...
BI3102 ETC-BI3102 Datasheet
158Kb / 6P
   LOW COST PWM CCFL CONTROLLER
logo
Maxim Integrated Produc...
MAX8722 MAXIM-MAX8722 Datasheet
331Kb / 20P
   Low-Cost CCFL Backlight Controller
Rev 0; 6/04
MAX8759 MAXIM-MAX8759 Datasheet
2Mb / 31P
   Low-Cost, SMBus, CCFL Backlight Controller
Rev 3; 4/14
logo
Marktech Corporate
MAX8759 MARKTECH-MAX8759 Datasheet
647Kb / 31P
   Low-Cost, SMBus, CCFL Backlight Controller
logo
List of Unclassifed Man...
OB3302 ETC-OB3302 Datasheet
201Kb / 1P
   Cost Effective CCFL Controller -- Push Pull
logo
Analog Microelectronics
AME9001 AME-AME9001 Datasheet
370Kb / 27P
   CCFL BACKLIGHT CONTROLLER
logo
Zilog, Inc.
Z89135 ZILOG-Z89135 Datasheet
328Kb / 66P
   Low-Cost DTAD Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com