Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS3991VT Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DS3991VT
Description  Low-Cost CCFL Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3991VT Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button DS3991VT Datasheet HTML 4Page - Maxim Integrated Products DS3991VT Datasheet HTML 5Page - Maxim Integrated Products DS3991VT Datasheet HTML 6Page - Maxim Integrated Products DS3991VT Datasheet HTML 7Page - Maxim Integrated Products DS3991VT Datasheet HTML 8Page - Maxim Integrated Products DS3991VT Datasheet HTML 9Page - Maxim Integrated Products DS3991VT Datasheet HTML 10Page - Maxim Integrated Products DS3991VT Datasheet HTML 11Page - Maxim Integrated Products DS3991VT Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Low-Cost CCFL Controller
8
_______________________________________________________________________________________
CCFL Channel Block Diagram
GATE
DRIVERS
GA
GB
DIGITAL
CCFL
CONTROLLER
CHANNEL FAULT
LAMP FREQUENCY
(40kHz TO 80kHz)
BURST-DIMMING
PWM SIGNAL
CHANNEL ENABLE
MOSFET
GATE DRIVERS
LCM
LAMP CURRENT MONITOR
400mV
2.0V
LAMP OVERCURRENT
LAMP STRIKE AND REGULATION
LAMP OUT
1.0V
1.0V
OVD
OVERVOLTAGE DETECTOR
LAMP MAXIMUM VOLTAGE REGULATION
64 LAMP CYCLE
INTEGRATOR
OVERVOLTAGE
DS3991
Detailed Description
The DS3991 is available for both push-pull and half-
bridge drive topologies. In both drive topologies, the
DS3991 drives two logic-level MOSFETs. The DS3991
alternately turns on the two MOSFETs to create the high-
voltage AC waveform on the secondary. By varying the
duration of the MOSFET turn-on times, the controller is
able to accurately control the amount of current flowing
through the CCFL lamp. See the
Typical Push-Pull
Application and Typical Half-Bridge Application figures.
The DS3991 can also drive more than one CCFL lamp
per channel. The
Typical Push-Pull Application, Multiple
Lamp Per Channel and Typical Half-Bridge Application,
Multiple Lamp Per Channel figures show an application
driving three lamps.
A series resistor on the low-voltage side of the CCFL
lamp enables current monitoring. The voltage developed
across this resistor is fed to the lamp current monitor
(LCM) input on the DS3991. The DS3991 compares the
resistor voltage against an internal reference voltage to
determine the duty cycle for the MOSFET gates. See the
Main System Block Diagram and the CCFL Channel
Block Diagram for more information.
Dimming Control
The DS3991 uses burst dimming to control the lamp
brightness. During the high period of the DPWM cycle,
the lamp is driven at the selected lamp frequency
(40kHz to 80kHz) as shown in Figure 1. This part of the
cycle is also called the burst period because of the
lamp-frequency burst that occurs during this time.
During the low period of the DPWM cycle, the controller
disables the MOSFET gate drivers so the lamp is not
driven. This causes the current to stop flowing in the
lamp, but the time is short enough to keep the lamp
from de-ionizing. Dimming is increased/decreased by
adjusting (i.e., modulating) the burst-period duty cycle.
At the beginning of each burst-dimming cycle, soft-start
slowly ramps the lamp current to reduce the potential to
create audible transformer noise.
There are two methods to control the duty cycle and
frequency of the burst-dimming DPWM. If the PWM_EN
pin is tied low, then the analog-control method is
enabled; a 0V to 3.3V analog voltage at the BRIGHT
input pin determines the duty cycle of a digital pulse-
width modulated (DPWM) signal. The frequency of the
DPWM signal is determined by the value of the resistor
tied from the POSC pin to ground. The slope of the
BRIGHT dimming input is either positive or negative
based on whether the SLOPE pin is tied low or high,
respectively.


Similar Part No. - DS3991VT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3992 MAXIM-DS3992 Datasheet
225Kb / 13P
   Two-Channel, Push-Pull CCFL Controller
Rev 0; 9/06
DS3992Z-09N MAXIM-DS3992Z-09N Datasheet
225Kb / 13P
   Two-Channel, Push-Pull CCFL Controller
Rev 0; 9/06
DS3992Z-09N++ MAXIM-DS3992Z-09N+ Datasheet
225Kb / 13P
   Two-Channel, Push-Pull CCFL Controller
Rev 0; 9/06
DS3992Z-09N+R MAXIM-DS3992Z-09N+R Datasheet
225Kb / 13P
   Two-Channel, Push-Pull CCFL Controller
Rev 0; 9/06
DS3992Z-09N+T MAXIM-DS3992Z-09N+T Datasheet
225Kb / 13P
   Two-Channel, Push-Pull CCFL Controller
Rev 0; 9/06
More results

Similar Description - DS3991VT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8722A MAXIM-MAX8722A Datasheet
383Kb / 20P
   Low-Cost CCFL Backlight Controller
19-3321; Rev 0; 10/05
MAX8722C MAXIM-MAX8722C Datasheet
561Kb / 21P
   Low-Cost CCFL Backlight Controller
Rev 3; 2/09
logo
Beyond Innovation Techn...
BIT3102B BITEK-BIT3102B Datasheet
49Kb / 1P
   Low Cost PWM CCFL Controller
logo
List of Unclassifed Man...
BI3102 ETC-BI3102 Datasheet
158Kb / 6P
   LOW COST PWM CCFL CONTROLLER
logo
Maxim Integrated Produc...
MAX8722 MAXIM-MAX8722 Datasheet
331Kb / 20P
   Low-Cost CCFL Backlight Controller
Rev 0; 6/04
MAX8759 MAXIM-MAX8759 Datasheet
2Mb / 31P
   Low-Cost, SMBus, CCFL Backlight Controller
Rev 3; 4/14
logo
Marktech Corporate
MAX8759 MARKTECH-MAX8759 Datasheet
647Kb / 31P
   Low-Cost, SMBus, CCFL Backlight Controller
logo
List of Unclassifed Man...
OB3302 ETC-OB3302 Datasheet
201Kb / 1P
   Cost Effective CCFL Controller -- Push Pull
logo
Analog Microelectronics
AME9001 AME-AME9001 Datasheet
370Kb / 27P
   CCFL BACKLIGHT CONTROLLER
logo
Zilog, Inc.
Z89135 ZILOG-Z89135 Datasheet
328Kb / 66P
   Low-Cost DTAD Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com