Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPFC74NP-PS03H2A25 Datasheet(PDF) 1 Page - Sumida Corporation

Part # CPFC74NP-PS03H2A25
Description  DC COMMON MODE CHOKE COIL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CPFC74NP-PS03H2A25 Datasheet(HTML) 1 Page - Sumida Corporation

  CPFC74NP-PS03H2A25 Datasheet HTML 1Page - Sumida Corporation CPFC74NP-PS03H2A25 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DC COMMON MODE CHOKE COIL <SMD Type:CPFC Series>
Type: CPFC74
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/2
MARK OF POLARITY
②③
①④
②③
MARK OF POLARITY
①④
Product Description
9.5×5.7mm Max.(L×W), 5.1mm Max. Height .
Feature
Ideally used in CAN BUS ,AV,OA equipment.
RoHS Compliance
Dimensions (mm)
Dimension does not include solder used on coil
.
Land Pattern (mm)
Schematics (Bottom)
or
Specification (For CAN bus)
Part Name.
Stamp
Impedance (Ω)
(L1,L2 Parallel)
(10~100MHz)
Insulation
Resistance
(MΩ)(Coil-Coil)
(DC80V 1min)
Withstanding
Voltage (coil-coil)
(5sec)
D.C.R. (Ω)
(1-2)at 20℃
(3-4) short
CPFC74NP-CB1ØM4
C10M
1000 MIN.
100 MIN.
200V DC
0.6 MAX.
CPFC74NP-CBØ8M6
C08M
800 MIN.
100 MIN.
200V DC
0.5 MAX.
D.C.R. is measured by 2 lines as series because impedance will be deteriorated when D.C.R. is
measured by 1 line.
7.0±0.2
5.08 MAX.
6.4±0.2
9.5 MAX.
0.15
1.6
6.7
9.9


Similar Part No. - CPFC74NP-PS03H2A25

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CPFC74B SUMIDA-CPFC74B Datasheet
234Kb / 1P
   Common mode choke coil for automobile.
CPFC74BNP-102 SUMIDA-CPFC74BNP-102 Datasheet
234Kb / 1P
   Common mode choke coil for automobile.
CPFC74BNP-851 SUMIDA-CPFC74BNP-851 Datasheet
234Kb / 1P
   Common mode choke coil for automobile.
More results

Similar Description - CPFC74NP-PS03H2A25

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
BM1012LF SUMIDA-BM1012LF_06 Datasheet
143Kb / 1P
   DC COMMON MODE CHOKE COIL
CPFC54 SUMIDA-CPFC54 Datasheet
187Kb / 2P
   DC Common Mode Choke Coil
CPFC75 SUMIDA-CPFC75 Datasheet
118Kb / 1P
   DC COMMON MODE CHOKE COIL
CLP82 SUMIDA-CLP82_06 Datasheet
155Kb / 2P
   DC COMMON MODE CHOKE COIL
logo
DONG IL TECHNOLOGY LTD.
LS6 DIT-LS6 Datasheet
1Mb / 2P
   COMMON MODE CHOKE COIL
logo
Sumida Corporation
CPFC43 SUMIDA-CPFC43 Datasheet
50Kb / 1P
   Common Mode Choke Coil
logo
DONG IL TECHNOLOGY LTD.
LS3 DIT-LS3 Datasheet
1Mb / 2P
   COMMON MODE CHOKE COIL
logo
KOA Speer Electronics, ...
SLF0905TTEB102Y KOA-SLF0905TTEB102Y Datasheet
334Kb / 1P
   common mode choke coil
logo
DONG IL TECHNOLOGY LTD.
LC4 DIT-LC4 Datasheet
1Mb / 2P
   COMMON MODE CHOKE COIL
logo
Sumida Corporation
CPFC0535B SUMIDA-CPFC0535B Datasheet
151Kb / 3P
   Common mode choke coil for DC lines
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com