Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KPTD-3216 Datasheet(PDF) 4 Page - Kingbright Corporation

Part # KPTD-3216
Description  3.2x1.6mm SMD CHIP LED LAMPS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KPTD-3216 Datasheet(HTML) 4 Page - Kingbright Corporation

  KPTD-3216 Datasheet HTML 1Page - Kingbright Corporation KPTD-3216 Datasheet HTML 2Page - Kingbright Corporation KPTD-3216 Datasheet HTML 3Page - Kingbright Corporation KPTD-3216 Datasheet HTML 4Page - Kingbright Corporation KPTD-3216 Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SPEC NO: KDA0149
REV NO: V.1
DATE: SEP/08/2001
PAGE: 4 OF 5
APPROVED: J.LU
CHECKED:
DRAWN: S. H. CHEN
Super Bright Green KPTD-3216SGC
Yellow KPTD-3216YC


Similar Part No. - KPTD-3216

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
KPTD-3216CGCK TO-GRACE-KPTD-3216CGCK Datasheet
896Kb / 4P
   3.2 x 1.6 mm SMD Chip LED Lamp
KPTD-3216QBC-D TO-GRACE-KPTD-3216QBC-D Datasheet
897Kb / 4P
   3.2 x 1.6 mm SMD Chip LED Lamp
KPTD-3216SECK TO-GRACE-KPTD-3216SECK Datasheet
860Kb / 4P
   3.2 x 1.6 mm SMD Chip LED Lamp
KPTD-3216SURCK TO-GRACE-KPTD-3216SURCK Datasheet
886Kb / 4P
   3.2 x 1.6 mm SMD Chip LED Lamp
KPTD-3216SYCK TO-GRACE-KPTD-3216SYCK Datasheet
891Kb / 4P
   3.2 x 1.6 mm SMD Chip LED Lamp
More results

Similar Description - KPTD-3216

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
KP-3216 KINGBRIGHT-KP-3216 Datasheet
833Kb / 6P
   3.2x1.6mm SMD CHIP LED LAMPS
logo
List of Unclassifed Man...
KP-3216 ETC-KP-3216 Datasheet
586Kb / 6P
   3.2x1.6mm SMD CHIP LED LAMPS
logo
Kingbright Corporation
AP3216SGC KINGBRIGHT-AP3216SGC Datasheet
141Kb / 5P
   3.2x1.6mm SMD CHIP LED LAMPS
logo
List of Unclassifed Man...
KPT-3216 ETC-KPT-3216 Datasheet
596Kb / 6P
   3.2x1.6mm SUPER THIN SMD CHIP LED LAMPS
logo
Kingbright Corporation
APTR3216SGC KINGBRIGHT-APTR3216SGC Datasheet
128Kb / 4P
   3.2x1.6mm SMD CHIP LED LAMP
APTD3216SECK KINGBRIGHT-APTD3216SECK Datasheet
278Kb / 5P
   3.2x1.6mm SMD CHIP LED LAMP
APTD3216SGC KINGBRIGHT-APTD3216SGC Datasheet
276Kb / 5P
   3.2x1.6mm SMD CHIP LED LAMP
APTD3216SURCK KINGBRIGHT-APTD3216SURCK Datasheet
278Kb / 5P
   3.2x1.6mm SMD CHIP LED LAMP
APTD3216VGC KINGBRIGHT-APTD3216VGC Datasheet
284Kb / 5P
   3.2x1.6mm SMD CHIP LED LAMP
AP3216SYC KINGBRIGHT-AP3216SYC Datasheet
118Kb / 4P
   3.2x1.6mm SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com