Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BW0405XA Datasheet(PDF) 11 Page - Samsung semiconductor

Part # BW0405XA
Description  0.35關m 16-BIT 44.1KHZ SIGMA-DELTA STEREO DAC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

BW0405XA Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button BW0405XA Datasheet HTML 6Page - Samsung semiconductor BW0405XA Datasheet HTML 7Page - Samsung semiconductor BW0405XA Datasheet HTML 8Page - Samsung semiconductor BW0405XA Datasheet HTML 9Page - Samsung semiconductor BW0405XA Datasheet HTML 10Page - Samsung semiconductor BW0405XA Datasheet HTML 11Page - Samsung semiconductor BW0405XA Datasheet HTML 12Page - Samsung semiconductor BW0405XA Datasheet HTML 13Page - Samsung semiconductor BW0405XA Datasheet HTML 14Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
0.35
µµµµm 16-BIT 44.1KHZ SIGMA-DELTA STEREO DAC
BW0405XA
11
FUNCTIONAL DESCRIPTION
Compensation Filter
&
De-emphasis/
FIR Filter
Sinc Filter
&
Σ∆
Modulator
4bit DAC
&
SC-Postfilter
Anti-Image
Filter
SDATA
BCK
LRCK
AoutL
4Fs/8Fs
16bits
64Fs
1bit
DEEM
DN
1Fs/2Fs
16bits
S/P Converter
&
Attenuator
MCLK
MDATA
MLD
AoutR
MUTEL
Figure 4. Funtional Block Diagram
Fig4 is the 1bit 4th order sigma-delta DAC block daigram. S/P Converter converts serial 16bit input data to parallel
16bit data. Digital input data is attenuated by MICOM interface pin control. Compensation Filter compensates gain
droop in Passband by Sinc Filter and Sigma-Dellta Modulator Signal Transfer Function. De-emphasis Block de-
emphasizes pre-emphasised input data to emphssize high frequency in audible band. FIR Filter perfroms 4X
interpolation. And it outputs 4Fs(DN='Low') rate data or 8Fs(DN='High') rate data by variabled input data rate. It
also removes the images of the input signal that are present at multiples of the input sample frequency. And Sinc
filter makes the constant 64Fs rate data by 16 times or 8 times upsampling FIR Filter output data according to
DN(Double/Normal Mode) Pin Selection. This operation intorduces a sinc function responce on the resulting
frequency spectrum, which greatly attenuates the energy of images at the multifules of 4Fs(or 8Fs).
Digital sigma-delta modulator of bit-stream type has the IFL (Inverse-Follower-Leader) topology, and it performs a
noise-shaping function. The modulator shapes the quantization noise by suppressing its in-band component and
pushes the noise energy of outside the band-of-interest without deteriorating the audio input signal. The 64 times
oversampled 1-bit PDM outputs from the modulator drives a analog postfilter.
The analog postfilter comprises SC-postfilter, anti-imaging filter. The SC-postfilter removes the quantization noise
shaped to out-of-band by digital sigma-delta modulator. This analog filter has the good clock jitter characteristc and
very linear characteristic. And following the CTF(continuous time filter) removes the sampling images and makes
the high resolution analog output.


Similar Part No. - BW0405XA

ManufacturerPart #DatasheetDescription
logo
GSR Technology Ltd
BW051 GSR-BW051 Datasheet
1Mb / 2P
   Intel짰 Pentium짰/Celeron짰 Processor N3000 Family 2.5" Pico-ITX
logo
DFI Inc
BW051 DFI-BW051 Datasheet
755Kb / 2P
   Intel Pentium/Celeron Processor N3000 Family 2.5 Pico-ITX
logo
GSR Technology Ltd
BW051-BB GSR-BW051-BB Datasheet
1Mb / 2P
   Intel짰 Pentium짰/Celeron짰 Processor N3000 Family 2.5" Pico-ITX
logo
DFI Inc
BW051-BB-E8000 DFI-BW051-BB-E8000 Datasheet
755Kb / 2P
   Intel Pentium/Celeron Processor N3000 Family 2.5 Pico-ITX
BW051-BB-N3060 DFI-BW051-BB-N3060 Datasheet
755Kb / 2P
   Intel Pentium/Celeron Processor N3000 Family 2.5 Pico-ITX
More results

Similar Description - BW0405XA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7535 STMICROELECTRONICS-TDA7535_06 Datasheet
128Kb / 9P
   DELTA/SIGMA CASCADE 20 BIT STEREO DAC
TDA7535 STMICROELECTRONICS-TDA7535 Datasheet
160Kb / 9P
   DELTA/SIGMA CASCADE 20 BIT STEREO DAC
TDA7535013TR STMICROELECTRONICS-TDA7535013TR Datasheet
157Kb / 12P
   Delta/sigma cascade 20 bit stereo DAC
logo
Analog Devices
AD1852 AD-AD1852_15 Datasheet
501Kb / 20P
   Stereo, 24-Bit, 192 kHz, Multibit, Sigma-Delta DAC
REV. A
AD1852JRSZRL AD-AD1852JRSZRL Datasheet
515Kb / 20P
   Stereo, 24-Bit, 192 kHz, Multibit, Sigma-Delta DAC
REV. A
logo
Motorola, Inc
MC145073 MOTOROLA-MC145073 Datasheet
228Kb / 16P
   Dual 16-Bit Stereo Audio Sigma-Delta ADC
logo
Analog Devices
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
   16-Bit, Sigma-Delta ADC
REV. D
AD7715 AD-AD7715_17 Datasheet
897Kb / 41P
   16-Bit, Sigma-Delta ADC
logo
Texas Instruments
TLC320AD75C TI-TLC320AD75C Datasheet
211Kb / 43P
[Old version datasheet]   20-Bit Sigma-Delta Stereo ADA Circuit
TLC320AD75 TI1-TLC320AD75 Datasheet
224Kb / 43P
[Old version datasheet]   20-Bit Sigma-Delta Stereo ADA Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com