Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BW0405XA Datasheet(PDF) 7 Page - Samsung semiconductor

Part # BW0405XA
Description  0.35關m 16-BIT 44.1KHZ SIGMA-DELTA STEREO DAC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

BW0405XA Datasheet(HTML) 7 Page - Samsung semiconductor

Back Button BW0405XA Datasheet HTML 3Page - Samsung semiconductor BW0405XA Datasheet HTML 4Page - Samsung semiconductor BW0405XA Datasheet HTML 5Page - Samsung semiconductor BW0405XA Datasheet HTML 6Page - Samsung semiconductor BW0405XA Datasheet HTML 7Page - Samsung semiconductor BW0405XA Datasheet HTML 8Page - Samsung semiconductor BW0405XA Datasheet HTML 9Page - Samsung semiconductor BW0405XA Datasheet HTML 10Page - Samsung semiconductor BW0405XA Datasheet HTML 11Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
0.35
µµµµm 16-BIT 44.1KHZ SIGMA-DELTA STEREO DAC
BW0405XA
7
ELECTRICAL CHARACTERISTICS
(VDDD,VDDA=2.5V, Temp=25
°C, Fs=44.1kHz, Signal Frequency=20-20kHz, Cload of AoutL, AoutR=10pF)
Parameter
Min
Typ
Max
Units
Resolution
16
bits
SNR
<1>
80
90
dB
THD
<2>
0.005
0.01
%
SND(THD+Noise)
<3>
76
80
dB
Dynamic Range
<4>
85
90
dB
Reference Voltage Ouput
0.5 x VDDA
V
Frequency Responce
± 0.1
± 0.5
dB
Analog Output
Voltage Range
0.75 x VDDA
Vpp
Load Impedance
10k
Digital Filter
Pass Band Ripple
± 0.0072
dB
Stop Band Attenuation
62.7
dB
Pass Band
0.45
Fs
Power Supply
Analog Current
2
3
mA
Digital Current
5
6
mA
Power Dissipation
17.5
22.5
mW
Power Down Current
0.1
1
mA
NOTES:
1.
1kHz 0dB Sinewave Input, EIAJ
2.
1kHz -3dB Sinewave Input
3.
1kHz 0dB Sinewave Input, (Not EIAJ)
4.
1kHz -60dB Sinewve Input, and then measured data + 60dB


Similar Part No. - BW0405XA

ManufacturerPart #DatasheetDescription
logo
GSR Technology Ltd
BW051 GSR-BW051 Datasheet
1Mb / 2P
   Intel짰 Pentium짰/Celeron짰 Processor N3000 Family 2.5" Pico-ITX
logo
DFI Inc
BW051 DFI-BW051 Datasheet
755Kb / 2P
   Intel Pentium/Celeron Processor N3000 Family 2.5 Pico-ITX
logo
GSR Technology Ltd
BW051-BB GSR-BW051-BB Datasheet
1Mb / 2P
   Intel짰 Pentium짰/Celeron짰 Processor N3000 Family 2.5" Pico-ITX
logo
DFI Inc
BW051-BB-E8000 DFI-BW051-BB-E8000 Datasheet
755Kb / 2P
   Intel Pentium/Celeron Processor N3000 Family 2.5 Pico-ITX
BW051-BB-N3060 DFI-BW051-BB-N3060 Datasheet
755Kb / 2P
   Intel Pentium/Celeron Processor N3000 Family 2.5 Pico-ITX
More results

Similar Description - BW0405XA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7535 STMICROELECTRONICS-TDA7535_06 Datasheet
128Kb / 9P
   DELTA/SIGMA CASCADE 20 BIT STEREO DAC
TDA7535 STMICROELECTRONICS-TDA7535 Datasheet
160Kb / 9P
   DELTA/SIGMA CASCADE 20 BIT STEREO DAC
TDA7535013TR STMICROELECTRONICS-TDA7535013TR Datasheet
157Kb / 12P
   Delta/sigma cascade 20 bit stereo DAC
logo
Analog Devices
AD1852 AD-AD1852_15 Datasheet
501Kb / 20P
   Stereo, 24-Bit, 192 kHz, Multibit, Sigma-Delta DAC
REV. A
AD1852JRSZRL AD-AD1852JRSZRL Datasheet
515Kb / 20P
   Stereo, 24-Bit, 192 kHz, Multibit, Sigma-Delta DAC
REV. A
logo
Motorola, Inc
MC145073 MOTOROLA-MC145073 Datasheet
228Kb / 16P
   Dual 16-Bit Stereo Audio Sigma-Delta ADC
logo
Analog Devices
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
   16-Bit, Sigma-Delta ADC
REV. D
AD7715 AD-AD7715_17 Datasheet
897Kb / 41P
   16-Bit, Sigma-Delta ADC
logo
Texas Instruments
TLC320AD75C TI-TLC320AD75C Datasheet
211Kb / 43P
[Old version datasheet]   20-Bit Sigma-Delta Stereo ADA Circuit
TLC320AD75 TI1-TLC320AD75 Datasheet
224Kb / 43P
[Old version datasheet]   20-Bit Sigma-Delta Stereo ADA Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com