Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCP105LNP-152K Datasheet(PDF) 2 Page - Sumida Corporation

Part # RCP105LNP-152K
Description  POWER INDUCTORS Type: RCP Series>
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

RCP105LNP-152K Datasheet(HTML) 2 Page - Sumida Corporation

  RCP105LNP-152K Datasheet HTML 1Page - Sumida Corporation RCP105LNP-152K Datasheet HTML 2Page - Sumida Corporation RCP105LNP-152K Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
POWER INDUCTORS <Pin Type: RCP Series>
Type: RCP-105, RCP-105L
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/3
◆ Specification (RCP-105)
Part No.
Stamp
Inductance
[Within]
(at1kHz)
Unloaded
Q [Min.]
(at1kHz)
D.C.R.(Ω)
[Max.]
(at 20℃)
RCP1Ø5NP-1Ø4K
104K
100mH ± 10%
45
20
RCP1Ø5NP-124K
124K
120mH ± 10%
50
21
RCP1Ø5NP-154K
154K
150mH ± 10%
55
24
RCP1Ø5NP-184K
184K
180mH ± 10%
70
21
RCP1Ø5NP-224K
224K
220mH ± 10%
85
21.5
RCP1Ø5NP-274K
274K
270mH ± 10%
100
24
RCP1Ø5NP-334K
334K
330mH ± 10%
135
20
RCP1Ø5NP-394K
394K
390mH ± 10%
150
21
RCP1Ø5NP-474K
474K
470mH ± 10%
215
19
RCP1Ø5NP-564K
564K
560mH ± 10%
240
22
RCP1Ø5NP-684K
684K
680mH ± 10%
250
23
RCP1Ø5NP-824K
824K
820mH ± 10%
280
22.5
RCP1Ø5NP-1Ø5K
105K
1.0H ± 10%
460
18
RCP1Ø5NP-125K
125K
1.2H ± 10%
500
20
RCP1Ø5NP-155K
155K
1.5H ± 10%
570
21


Similar Part No. - RCP105LNP-152K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RCP1206B VISHAY-RCP1206B Datasheet
95Kb / 4P
   Thick Film Chip Resistors, Industrial, High Power, Aluminum Nitride Substrate
Revision: 13-Dec-16
RCP1206W VISHAY-RCP1206W Datasheet
95Kb / 4P
   Thick Film Chip Resistors, Industrial, High Power, Aluminum Nitride Substrate
Revision: 13-Dec-16
logo
Sumida Corporation
RCP1317 SUMIDA-RCP1317 Datasheet
52Kb / 4P
   RCP1317
RCP1317 SUMIDA-RCP1317 Datasheet
201Kb / 2P
   POWER INDUCTORS < Pin Type: RCP Series >
RCP1317NP-101M SUMIDA-RCP1317NP-101M Datasheet
52Kb / 4P
   RCP1317
More results

Similar Description - RCP105LNP-152K

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCP1317 SUMIDA-RCP1317_06 Datasheet
201Kb / 2P
   POWER INDUCTORS < Pin Type: RCP Series >
RCP-095 SUMIDA-RCP-095 Datasheet
222Kb / 5P
   POWER INDUCTORS < Pin Type: RCP Series >
RCP-195D SUMIDA-RCP-195D Datasheet
156Kb / 2P
   POWER INDUCTORS
RC-855 SUMIDA-RC-855 Datasheet
44Kb / 5P
   POWER INDUCTORS < Pin Type: RC Series>
RCR-110D SUMIDA-RCR-110D Datasheet
155Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
RX-9P SUMIDA-RX-9P Datasheet
86Kb / 7P
   POWER INDUCTORS < Pin Type: RX Series>
RP1315 SUMIDA-RP1315 Datasheet
166Kb / 2P
   POWER INDUCTORS
RC-885 SUMIDA-RC-885 Datasheet
121Kb / 2P
   POWER INDUCTORS < PIN Type: RC Series>
RCR1010 SUMIDA-RCR1010 Datasheet
151Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
RCR-108D SUMIDA-RCR-108D Datasheet
162Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com