Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM55-0003TR Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AM55-0003TR
Description  250 mW Power Amplifier with T/R and Diversity Switches 2.4 - 2.5 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AM55-0003TR Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AM55-0003TR Datasheet HTML 1Page - List of Unclassifed Manufacturers AM55-0003TR Datasheet HTML 2Page - List of Unclassifed Manufacturers AM55-0003TR Datasheet HTML 3Page - List of Unclassifed Manufacturers AM55-0003TR Datasheet HTML 4Page - List of Unclassifed Manufacturers AM55-0003TR Datasheet HTML 5Page - List of Unclassifed Manufacturers AM55-0003TR Datasheet HTML 6Page - List of Unclassifed Manufacturers AM55-0003TR Datasheet HTML 7Page - List of Unclassifed Manufacturers AM55-0003TR Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
250 mW Power Amplifier with T/R and Diversity Switches
AM55-0003
Specifications Subject to Change Without Notice
V 2.0
M/A-COM Inc.
s
1011 Pawtucket Boulevard, Lowell, MA 01853 USA
s
Telephone: 800-366-2266
3
Power Amplifier Small Signal
Performance1
Power Amplifier CW Performance at
Various Supply Voltages1
1. All data measured at TA = +25°C and VG1, VG2 and VG3 adjusted for first stage quiescent current of 20 mA, second stage current of 70 mA
and third stage current of 90 mA, respectively.
LINEAR GAIN, V
DD1 = VDD2 = VDD3
2.0
2.2
2.4
2.6
2.8
3.0
35
30
25
20
15
10
FREQUENCY (GHz)
INPUT MATCH
2.0
2.2
2.4
2.6
2.8
3.0
-5
-10
-15
-20
-25
-30
FREQUENCY (GHz)
OUTPUT MATCH
2.0
2.2
2.4
2.6
2.8
3.0
0
-5
-10
-15
-20
FREQUENCY (GHz)
POWER ADDED EFFICIENCY (%)
@ 2.45 GHz, V
DD1 = VDD2 = VDD3
-19
-14
-9
-4
1
50
40
30
20
10
0
INPUT POWER (dBm)
GAIN COMPRESSION @ 2.45 GHz, V
DD1 =VDD2 = VDD3
-19
-14
-9
-4
1
0
-1
-2
-3
-4
-5
-6
-7
INPUT POWER (dBm)
POWER OUTPUT @ 2.45 GHz, V
DD1 = VDD2 = VDD3
-19
-14
-9
-4
1
30
25
20
15
10
5
POWER INPUT (dBm)
5 V
4 V
6 V
3 V
3 V
4 V
6 V
5 V
6 V
3 V
4 V
5 V
6 V
3 V
5 V
6 V
5 V
4 V
3 V
6 V
5 V
3 V
4 V
4 V


Similar Part No. - AM55-0003TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM55-0004 MACOM-AM55-0004 Datasheet
338Kb / 8P
   250 mW Linear Power Amplifier and T/R Switch 1.8 - 2.0 GHz
AM55-0004 MACOM-AM55-0004 Datasheet
673Kb / 8P
   250 mW Linear Power Amplifier and T/R Switch 1.8 - 2.0 GHz
logo
M/A-COM Technology Solu...
AM55-0004 MA-COM-AM55-0004 Datasheet
281Kb / 8P
   250 mW Linear Power Amplifier and T/R Switch 1.8-2.0 GHz
logo
Tyco Electronics
AM55-0004RTR MACOM-AM55-0004RTR Datasheet
338Kb / 8P
   250 mW Linear Power Amplifier and T/R Switch 1.8 - 2.0 GHz
AM55-0004RTR MACOM-AM55-0004RTR Datasheet
673Kb / 8P
   250 mW Linear Power Amplifier and T/R Switch 1.8 - 2.0 GHz
More results

Similar Description - AM55-0003TR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AM55-0004 MA-COM-AM55-0004 Datasheet
281Kb / 8P
   250 mW Linear Power Amplifier and T/R Switch 1.8-2.0 GHz
logo
Tyco Electronics
AM55-0004 MACOM-AM55-0004 Datasheet
338Kb / 8P
   250 mW Linear Power Amplifier and T/R Switch 1.8 - 2.0 GHz
AM55-0004 MACOM-AM55-0004_1 Datasheet
673Kb / 8P
   250 mW Linear Power Amplifier and T/R Switch 1.8 - 2.0 GHz
logo
List of Unclassifed Man...
AP1093 ETC1-AP1093 Datasheet
304Kb / 7P
   2.4~2.5 GHz Power Amplifier
AP1091 ETC-AP1091 Datasheet
246Kb / 7P
   2.4~2.5 GHz Power Amplifier
logo
Silicon Storage Technol...
SST12LP00 SST-SST12LP00 Datasheet
489Kb / 14P
   2.4-2.5 GHz Power Amplifier
logo
ANADIGICS, Inc
RFSP2020 ANADIGICS-RFSP2020 Datasheet
79Kb / 4P
   2.4-2.5 GHz Power Amplifier
logo
List of Unclassifed Man...
AP1098 ETC-AP1098 Datasheet
104Kb / 5P
   2.4~2.5 GHz Power Amplifier
logo
ANADIGICS, Inc
RFSP2010 ANADIGICS-RFSP2010 Datasheet
75Kb / 4P
   2.4-2.5 GHz Power Amplifier
logo
M/A-COM Technology Solu...
MAAPSS0081 MA-COM-MAAPSS0081 Datasheet
271Kb / 6P
   ISM Power Amplifier 2.4 - 2.5 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com