Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8TQ080STRR Datasheet(PDF) 6 Page - International Rectifier

Part # 8TQ080STRR
Description  SCHOTTKY RECTIFIER 8 Amp
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

8TQ080STRR Datasheet(HTML) 6 Page - International Rectifier

  8TQ080STRR Datasheet HTML 1Page - International Rectifier 8TQ080STRR Datasheet HTML 2Page - International Rectifier 8TQ080STRR Datasheet HTML 3Page - International Rectifier 8TQ080STRR Datasheet HTML 4Page - International Rectifier 8TQ080STRR Datasheet HTML 5Page - International Rectifier 8TQ080STRR Datasheet HTML 6Page - International Rectifier 8TQ080STRR Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
8TQ...SPbF Series
6
Bulletin PD-21041 rev. B 06/06
www.irf.com
080 = 80V
100 = 100V
Ordering Information Table
8
T
Q
100
S
TRL PbF
Device Code
1
5
2
4
3
6
1
-
Current Rating (8A)
2
-
Circuit Configuration
3
T = TO-220
3
-
Schottky "Q" Series
4
-
Voltage Ratings
5
-
S = D2Pak
6
-
none = Tube (50 pieces)
TRL = Tape & Reel (Left Oriented)
TRR = Tape & Reel (Right Oriented)
7
-
none = Standard Production
PbF = Lead-Free
7
Dimensionsinmillimetersand(inches)
Tape & Reel Information


Similar Part No. - 8TQ080STRR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
8TQ080STRR VISHAY-8TQ080STRR Datasheet
107Kb / 6P
   Schottky Rectifier, 8 A
Revision: 19-Aug-08
8TQ080STRRPBF VISHAY-8TQ080STRRPBF Datasheet
110Kb / 6P
   Schottky Rectifier, 8 A
Revision: 26-May-08
8TQ080STRRPBF VISHAY-8TQ080STRRPBF Datasheet
111Kb / 6P
   Schottky Rectifier, 8 A
Revision: 15-Mar-10
More results

Similar Description - 8TQ080STRR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MS830 MICROSEMI-MS830 Datasheet
91Kb / 2P
   8 Amp Schottky Rectifier
HSM880 MICROSEMI-HSM880 Datasheet
102Kb / 2P
   8 Amp Schottky Rectifier
HSM825 MICROSEMI-HSM825 Datasheet
99Kb / 2P
   8 Amp Schottky Rectifier
MS880 MICROSEMI-MS880 Datasheet
94Kb / 2P
   8 Amp Schottky Rectifier
LSM835 MICROSEMI-LSM835 Datasheet
99Kb / 2P
   8 Amp Schottky Rectifier
MSP835 MICROSEMI-MSP835 Datasheet
91Kb / 2P
   8 Amp Schottky Rectifier
logo
Central Semiconductor C...
CPD38X CENTRAL-CPD38X Datasheet
151Kb / 1P
   8 Amp Schottky Rectifier Chip
logo
Microsemi Corporation
UPS835L MICROSEMI-UPS835L Datasheet
54Kb / 2P
   SCHOTTKY BARRIER RECTIFIER 8 AMP 35 VOLT
logo
Micro Commercial Compon...
MBR870 MCC-MBR870_13 Datasheet
187Kb / 3P
   8 Amp Schottky Rectifier 70-100 Volts
MBR870 MCC-MBR870 Datasheet
110Kb / 3P
   8 Amp Schottky Rectifier 70-100 Volts
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com