Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8TQ080STRL Datasheet(PDF) 4 Page - International Rectifier

Part # 8TQ080STRL
Description  SCHOTTKY RECTIFIER 8 Amp
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

8TQ080STRL Datasheet(HTML) 4 Page - International Rectifier

  8TQ080STRL Datasheet HTML 1Page - International Rectifier 8TQ080STRL Datasheet HTML 2Page - International Rectifier 8TQ080STRL Datasheet HTML 3Page - International Rectifier 8TQ080STRL Datasheet HTML 4Page - International Rectifier 8TQ080STRL Datasheet HTML 5Page - International Rectifier 8TQ080STRL Datasheet HTML 6Page - International Rectifier 8TQ080STRL Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
8TQ...SPbF Series
4
Bulletin PD-21041 rev. B 06/06
www.irf.com
Fig. 8 - Unclamped Inductive Test Circuit
Fig. 5 - Maximum Allowable Case Temperature
Vs. Average Forward Current
Fig. 6 - Forward Power Loss Characteristics
Fig. 7 - Maximum Non-Repetitive Surge Current
FREE-WHEEL
DIODE
40HFL40S02
CURRENT
MONITOR
HIGH-SPEED
SWITCH
IRFP460
L
DUT
Rg = 25 ohm
Vd = 25 Volt
+
140
145
150
155
160
165
170
175
180
02
4
6
8
10
12
DC
F(AV)
see note (2)
Average Forward Current - I
(A)
Square wave (D = 0.50)
80%Rated V applied
R
0
1
2
3
4
5
6
7
02
468
10
12
DC
F(AV)
RMSLimit
D = 0.20
D = 0.25
D = 0.33
D = 0.50
D = 0.75
Average Forward Current - I
(A)
100
1000
10
100
1000
10000
p
Square Wave Pulse Duration - t
(microsec)
At Any Rated Load Condition
And With Rated V
Applied
Following Surge
RRM
(2)
Formula used: T
C = TJ - (Pd + PdREV) x RthJC ;
Pd = Forward Power Loss = I
F(AV) x VFM @ (IF(AV) / D) (see Fig. 6);
Pd
REV = Inverse Power Loss = VR1 x IR (1 - D); IR @ VR1 = 80% rated VR


Similar Part No. - 8TQ080STRL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
8TQ080STRL VISHAY-8TQ080STRL Datasheet
107Kb / 6P
   Schottky Rectifier, 8 A
Revision: 19-Aug-08
8TQ080STRLPBF VISHAY-8TQ080STRLPBF Datasheet
110Kb / 6P
   Schottky Rectifier, 8 A
Revision: 26-May-08
8TQ080STRLPBF VISHAY-8TQ080STRLPBF Datasheet
111Kb / 6P
   Schottky Rectifier, 8 A
Revision: 15-Mar-10
More results

Similar Description - 8TQ080STRL

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MS830 MICROSEMI-MS830 Datasheet
91Kb / 2P
   8 Amp Schottky Rectifier
HSM880 MICROSEMI-HSM880 Datasheet
102Kb / 2P
   8 Amp Schottky Rectifier
HSM825 MICROSEMI-HSM825 Datasheet
99Kb / 2P
   8 Amp Schottky Rectifier
MS880 MICROSEMI-MS880 Datasheet
94Kb / 2P
   8 Amp Schottky Rectifier
LSM835 MICROSEMI-LSM835 Datasheet
99Kb / 2P
   8 Amp Schottky Rectifier
MSP835 MICROSEMI-MSP835 Datasheet
91Kb / 2P
   8 Amp Schottky Rectifier
logo
Central Semiconductor C...
CPD38X CENTRAL-CPD38X Datasheet
151Kb / 1P
   8 Amp Schottky Rectifier Chip
logo
Microsemi Corporation
UPS835L MICROSEMI-UPS835L Datasheet
54Kb / 2P
   SCHOTTKY BARRIER RECTIFIER 8 AMP 35 VOLT
logo
Micro Commercial Compon...
MBR870 MCC-MBR870_13 Datasheet
187Kb / 3P
   8 Amp Schottky Rectifier 70-100 Volts
MBR870 MCC-MBR870 Datasheet
110Kb / 3P
   8 Amp Schottky Rectifier 70-100 Volts
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com