Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCH664NP-100M Datasheet(PDF) 2 Page - Sumida Corporation

Part # RCH664NP-100M
Description  Power Inductor< Pin Type: RCH Series>
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

RCH664NP-100M Datasheet(HTML) 2 Page - Sumida Corporation

  RCH664NP-100M Datasheet HTML 1Page - Sumida Corporation RCH664NP-100M Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Power Inductor< Pin Type: RCH Series>
Type: RCH-664
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
Specification
Part Name
Stamp
Inductance
[Within] (μH)
1
D.C.R.
(Ω)[Max.]
at 20℃
Rated
Current
(A)※2
S.R.F.
(MHz)
<Ref.>
RCH664NP-1RØM
RCH664NP-1R3M
1R0M
1R3M
1.0±20%
1.3±20%
18.3m
20.6m
4.00
3.70
243
207
RCH664NP-1R7M
RCH664NP-2R2M
RCH664NP-2R7M
1R7M
2R2M
2R7M
1.7±20%
2.2±20%
2.7±20%
22.8m
25.5m
28.2m
3.52
3.20
3.00
170
141
110
RCH664NP-3R3M
RCH664NP-3R9M
RCH664NP-4R7M
3R3M
3R9M
4R7M
3.3±20%
3.9±20%
4.7±20%
30.8m
33.4m
36.4m
2.83
2.63
2.43
85.7
65
50.5
RCH664NP-5R5M
RCH664NP-6R3M
RCH664NP-7R2M
5R5M
6R3M
7R2M
5.5±20%
6.3±20%
7.2±20%
39.5m
43.0m
46.2m
2.30
2.14
2.09
44.5
39.3
36.5
RCH664NP-8R1M
RCH664NP-9R1M
RCH664NP-1ØØM
8R1M
9R1M
100M
8.1±20%
9.1±20%
10±20%
49.8m
53.2m
56.6m
1.99
1.86
1.75
35.1
33.7
32.2
RCH664NP-11ØL
RCH664NP-12ØL
RCH664NP-13ØL
110L
120L
130L
11±15%
12±15%
13±15%
59.6m
63.0m
66.7m
1.64
1.52
1.48
30.4
28.2
26.7
RCH664NP-14ØL
RCH664NP-15ØL
RCH664NP-16ØL
140L
150L
160L
14±15%
15±15%
16±15%
70.1m
74.4m
78.8m
1.44
1.40
1.33
25.4
24.2
23.1
RCH664NP-18ØL
180L
18±15%
83.9m
1.30
22.6
RCH664NP-22ØK
RCH664NP-27ØK
220K
270K
22±10%
27±10%
0.11
0.14
1.27
1.14
18
16
RCH664NP-33ØK
RCH664NP-39ØK
RCH664NP-47ØK
330K
390K
470K
33±10%
39±10%
47±10%
0.17
0.19
0.23
1.03
950m
870m
15
13
12
RCH664NP-56ØK
RCH664NP-68ØK
RCH664NP-82ØK
560K
680K
820K
56±10%
68±10%
82±10%
0.26
0.28
0.39
800m
720m
660m
11
10
9.3
RCH664NP-1Ø1K
RCH664NP-121K
RCH664NP-151K
101K
121K
151K
100±10%
120±10%
150±10%
0.43
0.54
0.64
590m
540m
480m
8.4
7.0
6.2
RCH664NP-181K
RCH664NP-221K
RCH664NP-271K
181K
221K
271K
180±10%
220±10%
270±10%
0.74
0.96
1.12
440m
400m
360m
5.7
5.4
5.1
RCH664NP-331K
RCH664NP-391K
RCH664NP-471K
331K
391K
471K
330±10%
390±10%
470±10%
1.48
1.66
1.91
330m
300m
270m
4.3
4.1
3.8
RCH664NP-561K
RCH664NP-681K
RCH664NP-821K
561K
681K
821K
560±10%
680±10%
820±10%
2.31
2.67
3.10
250m
230m
210m
3.0
2.8
2.6
RCH664NP-1Ø2K
102K
1000±10%
4.45
190m
2.5
1:Measuring frequency
1.0μH ~ 10μH
at
7.96MHz
11μH ~ 82μH
at
2.52MHz
100μH ~1000μH
at
1 kHz
2: Rated current: The DC current at which the inductance decreases 90% of it’s initial value or when
t=40
△℃
, whichever is lower(Ta=20 )


Similar Part No. - RCH664NP-100M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCH664NP-100M SUMIDA-RCH664NP-100M Datasheet
298Kb / 6P
   PIN Power Inductor
More results

Similar Description - RCH664NP-100M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCH-855 SUMIDA-RCH-855 Datasheet
181Kb / 3P
   Power Inductor< Pin Type: RCH Series>
RCH-4564 SUMIDA-RCH-4564 Datasheet
186Kb / 1P
   Power Inductor< Pin Type: RCH Series>
RCH-109 SUMIDA-RCH-109 Datasheet
179Kb / 2P
   Power Inductor< Pin Type : RCH Series>
RCH114 SUMIDA-RCH114 Datasheet
69Kb / 2P
   Power Inductor< Pin Type: RCH Series>
RCH110C SUMIDA-RCH110C Datasheet
163Kb / 2P
   Power Inductor Pin Type:
RCH1216B SUMIDA-RCH1216B_06 Datasheet
183Kb / 2P
   Power Inductor Pin Type:
RCH-110 SUMIDA-RCH-110 Datasheet
181Kb / 2P
   Power Inductor< Pin Type : RCH Series>
RCH-654 SUMIDA-RCH-654 Datasheet
168Kb / 2P
   Power Inductor< Pin Type :RCH Series>
RCH-114 SUMIDA-RCH-114 Datasheet
177Kb / 2P
   Power Inductor< Pin Type: RCH Series>
RCH-108 SUMIDA-RCH-108 Datasheet
181Kb / 2P
   Power Inductor< Pin Type : RCH Series>
RCH8011B SUMIDA-RCH8011B Datasheet
190Kb / 3P
   Power Inductor< PIN Type : RCH Series>
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com