Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ-N286RD Datasheet(PDF) 3 Page - BRIGHT LED ELECTRONICS CORP

Part # BQ-N286RD
Description  0.28(7.10MM) FOUR DIGIT LED DISPLAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BQ-N286RD Datasheet(HTML) 3 Page - BRIGHT LED ELECTRONICS CORP

  BQ-N286RD Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BQ-N286RD Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BQ-N286RD Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image

 

 
 
 

 
  !
 ""#
$    %
 &'  & (#)
(*  
 (+', -'+. '/
0
12' 
12' 13
2
   #%
$    %
(!
1(4545
 ( -'6 '
0
12' 
2
 ""#"
$    %
12' ("
 (+', -'+. '/
0
7

& 
2
$  %
& ( #
 (+', -'+. '/
0
 32    
 
 ""#
$    )-
# 8  8 " 8 
#  # 
 (3
0
' '9
   
 
 ""#
" 8 #
 
 (3
0
 
    )
  #
$    )
:( !
& (:
0
7;

<3
    "
   !
 ""# #
$    )
:( #
& (:
0
$*=7>  7) ? ?)*7 ? 17 7)% @
2 
3<
2 
$2   
?& ;2
A?
?()
; *B:
; 

A(A
; *B
 3
A
?()
%& B:
> :*  '     ':    ;:
: ' < 9 <& '   '   '; < 
  <     ' :


Similar Part No. - BQ-N286RD

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BQ-N286RD YSTONE-BQ-N286RD Datasheet
133Kb / 1P
   FOUR DIGIT LED DISPLAYS
More results

Similar Description - BQ-N286RD

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BS-C281ND BRIGHT-BS-C281ND Datasheet
139Kb / 3P
   0.28(7.10MM)single DIGIT LED DISPLAY
logo
BetLux Electronics
BL-Q28A-43 BETLUX-BL-Q28A-43 Datasheet
338Kb / 5P
   7.10mm (0.28) Four digit numeric display series
logo
BRIGHT LED ELECTRONICS ...
BS-C283ND BRIGHT-BS-C283ND Datasheet
73Kb / 1P
   0.28(7.10MM) single DIGIT LED DISPLAY
BS-A282RD-B BRIGHT-BS-A282RD-B Datasheet
147Kb / 3P
   0.28(7.10MM)single DIGIT LED DISPLAY
BS-A283ND BRIGHT-BS-A283ND Datasheet
73Kb / 1P
   0.28(7.10MM)single DIGIT LED DISPLAY
logo
LIGITEK electronics co....
LFD265-62-XX-RP11-PF LIGITEK-LFD265-62-XX-RP11-PF Datasheet
145Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD265-63-XX-PF LIGITEK-LFD265-63-XX-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD4H5-62-XX-S LIGITEK-LFD4H5-62-XX-S Datasheet
100Kb / 8P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD211-22V-XX-PF LIGITEK-LFD211-22V-XX-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD211-22-XX-PF LIGITEK-LFD211-22-XX-PF Datasheet
160Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com