Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCI-B0603-121 Datasheet(PDF) 2 Page - Sumida Corporation

Part # SCI-B0603-121
Description  Multilayer Chip Ceramic Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

SCI-B0603-121 Datasheet(HTML) 2 Page - Sumida Corporation

  SCI-B0603-121 Datasheet HTML 1Page - Sumida Corporation SCI-B0603-121 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PAGE
Multilayer Chip Ceramic Inductors
——
SCI-0603
2/2
*All specifications are subject to change without notice.
Electrical Parameters
* SRF : Self-Resonant Frequency.
* DCR : DC Resistance
Electrical Characteristic Curves
10M
100M
1G
10G
1
10
100
1000
2.2 nH
4.7 nH
10 nH
22 nH
47 nH
120 nH
Inductance characteristics
Frequency [Hz]
10M
100M
1G
10G
0
10
20
30
40
50
120 nH
47 nH
22 nH
10 nH
4.7 nH
2.2 nH
Q characteristics
Frequency [Hz]
Test Equipment & Fixture
L, Q : RF Impedance Analyzer 4991A(Agilent) , Test Fixture 16196C(Agilent)
SRF : Network Analyzer 8722ES (Agilent)
Rdc : TWA-161A,B
Inductance
(at 100MHz)
Q
(Min)
Q (Typ)
SRF(MHz)
DCR(mΩ)
Part No.
nH
Tolerance
100MHz
100MHz 800 MHz 1.0GHz
1.8GHz
Min.
max.
Rated
current
(mA) max.
SCI-B0603-10N□□□
1.0
4
6
20
22
31
10000
200
300
SCI-B0603-12N□□□
1.2
4
6
20
22
31
10000
200
300
SCI-B0603-15N□□□
1.5
4
6
20
22
30
10000
300
300
SCI-B0603-18N□□□
1.8
4
6
20
22
30
10000
300
300
SCI-B0603-22N□□□
2.2
4
6
20
22
30
8800
350
300
SCI-B0603-27N□□□
2.7
4
6
20
22
30
7700
400
300
SCI-B0603-33N□□□
3.3
4
6
20
22
30
6700
450
300
SCI-B0603-39N□□□
3.9
4
6
20
22
29
6000
500
300
SCI-B0603-47N□□□
4.7
4
6
19
21
29
5300
550
300
SCI-B0603-56N□□□
5.6
±
0.3nH
4
6
19
21
28
4600
600
300
SCI-B0603-68N□□□
6.8
4
6
19
21
27
3900
700
250
SCI-B0603-82N□□□
8.2
4
6
19
21
26
3400
800
250
SCI-B0603-100□□□
10
4
6
19
21
25
2900
900
250
SCI-B0603-120□□□
12
5
7
19
21
23
2700
1100
250
SCI-B0603-150□□□
15
5
7
18
20
21
2300
1200
250
SCI-B0603-180□□□
18
5
7
18
19
18
2100
1400
200
SCI-B0603-220□□□
22
5
7
17
18
14
1800
1700
200
SCI-B0603-270□□□
27
5
7
17
18
-
1800
2400
100
SCI-B0603-330□□□
33
5
7
16
16
-
1700
2700
100
SCI-B0603-390□□□
39
5
7
15
15
-
1500
3000
50
SCI-B0603-470□□□
47
5
7
14
13
-
1300
3500
50
SCI-B0603-560□□□
56
5
7
13
12
-
1100
4000
50
SCI-B0603-680□□□
68
5
7
12
10
-
1100
5000
50
SCI-B0603-820□□□
82
5
7
11
8
-
1000
5000
50
SCI-B0603-101□□□
100
5
7
10
6
-
900
5500
40
SCI-B0603-121□□□
120
±
5%
5
7
7
2
-
800
6000
40


Similar Part No. - SCI-B0603-121

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
SCI-B1005-100 SUMIDA-SCI-B1005-100 Datasheet
333Kb / 2P
   Multilayer Chip Ceramic Inductors
SCI-B1005-101 SUMIDA-SCI-B1005-101 Datasheet
333Kb / 2P
   Multilayer Chip Ceramic Inductors
SCI-B1005-10N SUMIDA-SCI-B1005-10N Datasheet
333Kb / 2P
   Multilayer Chip Ceramic Inductors
SCI-B1005-120 SUMIDA-SCI-B1005-120 Datasheet
333Kb / 2P
   Multilayer Chip Ceramic Inductors
SCI-B1005-12N SUMIDA-SCI-B1005-12N Datasheet
333Kb / 2P
   Multilayer Chip Ceramic Inductors
More results

Similar Description - SCI-B0603-121

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
SCI-B1608-10N SUMIDA-SCI-B1608-10N Datasheet
333Kb / 2P
   Multilayer Chip Ceramic Inductors
logo
Abracon Corporation
AIMC-0805 ABRACON-AIMC-0805 Datasheet
59Kb / 1P
   MULTILAYER CERAMIC CHIP INDUCTORS
AIMC-0603 ABRACON-AIMC-0603 Datasheet
1Mb / 2P
   MULTILAYER CHIP CERAMIC INDUCTORS
06.01.11
AIMC-0402HQ ABRACON-AIMC-0402HQ Datasheet
1Mb / 3P
   MULTILAYER CHIP CERAMIC INDUCTORS
11.27.12
logo
Sumida Corporation
SCI-B2012-10N SUMIDA-SCI-B2012-10N Datasheet
357Kb / 2P
   Multilayer Chip Ceramic Inductors
logo
Abracon Corporation
AIMC-0402 ABRACON-AIMC-0402 Datasheet
60Kb / 1P
   MULTILAYER CERAMIC CHIP INDUCTORS
logo
Sumida Corporation
SCI-B1005-10N SUMIDA-SCI-B1005-10N Datasheet
333Kb / 2P
   Multilayer Chip Ceramic Inductors
logo
Abracon Corporation
AIMC-0201 ABRACON-AIMC-0201 Datasheet
1Mb / 2P
   MULTILAYER CHIP CERAMIC INDUCTORS
06.02.11
logo
Frontier Electronics.
TF160808 FRONTIER-TF160808_15 Datasheet
115Kb / 2P
   SMD MULTILAYER CERAMIC CHIP INDUCTORS
logo
Shanghai Leiditech Elec...
LSCQ LEIDITECH-LSCQ Datasheet
7Mb / 13P
   SMD Ceramic Multilayer Chip Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com