Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC855NP-471J Datasheet(PDF) 3 Page - Sumida Corporation

Part # RC855NP-471J
Description  POWER INDUCTORS < Pin Type: RC Series>
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

RC855NP-471J Datasheet(HTML) 3 Page - Sumida Corporation

  RC855NP-471J Datasheet HTML 1Page - Sumida Corporation RC855NP-471J Datasheet HTML 2Page - Sumida Corporation RC855NP-471J Datasheet HTML 3Page - Sumida Corporation RC855NP-471J Datasheet HTML 4Page - Sumida Corporation RC855NP-471J Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
POWER INDUCTORS < Pin Type: RC Series>
Type:RC-855
Please refer to the sales offices on our website for a representative near you
www.sumida.com
3/5
◆ Specification-2
Part Name
Stamp
Inductance
[Within]
※1
Qu
[Min.]
※1
Rated .current
(mA)[Ref.]
※2
D.C.R.(Ω)
[Max.]
(at 20℃)
S.R.F.
(MHz)
[Min.]
RC855NP-1R1M
1R1M
1.1μH ± 20%
90
300
0.1
100.0
RC855NP-1R3M
1R3M
1.3μH ± 20%
95
300
0.1
100.0
RC855NP-1R6M
1R6M
1.6μH ± 20%
100
300
0.1
100.0
RC855NP-2RØM
2R0M
2.0μH ± 20%
70
400
0.1
78.5
RC855NP-2R4M
2R4M
2.4μH ± 20%
70
400
0.2
69.5
RC855NP-3RØM
3R0M
3.0μH ± 20%
65
300
0.2
59.0
RC855NP-3R6K
3R6K
3.6μH ± 10%
75
300
0.2
47.5
RC855NP-4R3K
4R3K
4.3μH ± 10%
75
250
0.2
42.0
RC855NP-5R1K
5R1K
5.1μH ± 10%
75
250
0.2
38.0
RC855NP-6R2K
6R2K
6.2μH ± 10%
75
200
0.3
34.0
RC855NP-7R5K
7R5K
7.5μH ± 10%
70
200
0.4
30.0
RC855NP-9R1K
9R1K
9.1μH ± 10%
65
150
0.4
27.6
RC855NP-11ØK
110K
11μH ± 10%
60
150
0.4
25.2
RC855NP-13ØK
130K
13μH ± 10%
55
150
0.5
21.8
RC855NP-16ØK
160K
16μH ± 10%
50
150
0.5
18.2
RC855NP-2ØØK
200K
20μH ± 10%
50
150
0.6
17.0
RC855NP-24ØK
240K
24μH ± 10%
45
150
0.6
16.2
RC855NP-3ØØK
300K
30μH ± 10%
40
150
0.6
15.2
RC855NP-36ØK
360K
36μH ± 10%
40
150
0.7
14.2
RC855NP-43ØK
430K
43μH ± 10%
40
150
0.9
8.5
RC855NP-51ØK
510K
51μH ± 10%
45
150
1.0
8.2
RC855NP-62ØK
620K
62μH ± 10%
45
150
1.1
7.9
RC855NP-75ØK
750K
75μH ± 10%
40
150
1.2
7.2
RC855NP-91ØK
910K
91μH ± 10%
35
150
1.4
6.0
RC855NP-111K
111K
110μH ± 10%
55
100
1.6
8.1
RC855NP-131K
131K
130μH ± 10%
50
100
1.7
7.4
RC855NP-161K
161K
160μH ± 10%
45
100
1.9
6.7
RC855NP-2Ø1K
201K
200μH ± 10%
60
100
2.2
5.5
RC855NP-241K
241K
240μH ± 10%
70
100
2.4
4.9
RC855NP-3Ø1K
301K
300μH ± 10%
60
100
2.7
4.5
RC855NP-361K
361K
360μH ± 10%
55
100
3.0
3.7
RC855NP-431K
431K
430μH ± 10%
70
100
3.9
3.5
RC855NP-511K
511K
510μH ± 10%
60
80
4.1
3.2
RC855NP-621K
621K
620μH ± 10%
70
80
5.5
2.9
RC855NP-751K
751K
750μH ± 10%
70
65
6.2
2.4
RC855NP-911K
911K
910μH ± 10%
75
65
7.6
2.2
※1 Measuring frequency
Inductance, Qu
1.1μH ∼ 9.1μH ;
7.96 MHz
11μH ∼ 91μH
; 2.52 MHz
110μH ∼ 750μH ;
796 kHz
910μH
252 kHz
※2. Rated current:
The DC current at which the temperature rise is△t=40℃(Ta=20℃)(for 1.1μH∼91μH )
The DC current at which the inductance decreases to 95% of it’s initial value.(for the other part numbers)


Similar Part No. - RC855NP-471J

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
RC80 EDI-RC80 Datasheet
40Kb / 2P
   FAST RECOVERY 200 NANOSECOND SILICON RECTIFIER
logo
Chongqing Pingwei Enter...
RC8005 CHONGQING-RC8005 Datasheet
40Kb / 1P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
RC801 CHONGQING-RC801 Datasheet
40Kb / 1P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
RC802 CHONGQING-RC802 Datasheet
40Kb / 1P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Yuechung International ...
RC8025T YIC-RC8025T Datasheet
170Kb / 1P
   Real Time Clock Module (RTC Module)
More results

Similar Description - RC855NP-471J

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RC-87535 SUMIDA-RC-87535 Datasheet
63Kb / 7P
   POWER INDUCTORS < Pin Type: RC Series>
RC-885 SUMIDA-RC-885 Datasheet
121Kb / 2P
   POWER INDUCTORS < PIN Type: RC Series>
RC-865 SUMIDA-RC-865 Datasheet
63Kb / 2P
   Power Inductor< Pin Type: RC Series>
RCR-110D SUMIDA-RCR-110D Datasheet
155Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
RX-9P SUMIDA-RX-9P Datasheet
86Kb / 7P
   POWER INDUCTORS < Pin Type: RX Series>
RP1315 SUMIDA-RP1315 Datasheet
166Kb / 2P
   POWER INDUCTORS
RCR1010 SUMIDA-RCR1010 Datasheet
151Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
RCR-108D SUMIDA-RCR-108D Datasheet
162Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
RCR-664D SUMIDA-RCR-664D Datasheet
152Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
EP169 SUMIDA-EP169_06 Datasheet
148Kb / 2P
   POWER INDUCTORS < Pin Type: EP Series >
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com