Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCI-B1005-15N Datasheet(PDF) 1 Page - Sumida Corporation

Part # SCI-B1005-15N
Description  Multilayer Chip Ceramic Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

SCI-B1005-15N Datasheet(HTML) 1 Page - Sumida Corporation

  SCI-B1005-15N Datasheet HTML 1Page - Sumida Corporation SCI-B1005-15N Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PAGE
Multilayer Chip Ceramic Inductors
——
SCI-1005
1/2
*All specifications are subject to change without notice.
Features
1. SMD type chip inductors utilizing monolithic structure provide highly reliable surface mount applications.
2. Superior Q characteristics is guaranteed over the wide frequency range for high frequency applications.
3. Excellent solder heat resistance for soldering.
4. Lead Free (RoHS Compliance)
Applications
1. RF module of telecommunication products.
- Cellular phone, Cordless telephone etc.
2. GSM Phone, PCS Phone.
3. Computer communications, Radar detectors.
4. Automotive electronics, Keyless remote.
Ordering Information
SCI - B
1005 - 120 - K
J
T
(1)
(2)
(3)
(4)
(5)
(6)
(7)
Shape and Dimensions
(1) Series
(2) Material & design
(5) Tolerance
S : ± 0.3nH
J : ± 5%
K : ± 10%
(3) Dimensions
The first two digits : length(㎜)
The last two digits : width(㎜)
(6) Termination
J : Nickel barrier
(4) Inductance
The first two digits are values.
The last digit is the number of zeros.
N : a decimal point placed between first two digits
Packing
B : Bulk Packing
T : Tape & Reel (Φ 178㎜ [ 7inches])
L : Tape & Reel (Φ 254㎜ [10inches])
unit : mm [inches]
Type
L
W
T
C
1.0±0.10
0.5±0.10
0.5±0.10
0.20±0.10
SCI-□1005-
.039±.004〕
.020±.004〕
.020±.004〕
.008±.004〕
The polarity mark can be provided upon customer's request.
T
C
L
W


Similar Part No. - SCI-B1005-15N

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
SCI-B1608-100 SUMIDA-SCI-B1608-100 Datasheet
333Kb / 2P
   Multilayer Chip Ceramic Inductors
SCI-B1608-101 SUMIDA-SCI-B1608-101 Datasheet
333Kb / 2P
   Multilayer Chip Ceramic Inductors
SCI-B1608-10N SUMIDA-SCI-B1608-10N Datasheet
333Kb / 2P
   Multilayer Chip Ceramic Inductors
SCI-B1608-120 SUMIDA-SCI-B1608-120 Datasheet
333Kb / 2P
   Multilayer Chip Ceramic Inductors
SCI-B1608-121 SUMIDA-SCI-B1608-121 Datasheet
333Kb / 2P
   Multilayer Chip Ceramic Inductors
More results

Similar Description - SCI-B1005-15N

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
SCI-B1608-10N SUMIDA-SCI-B1608-10N Datasheet
333Kb / 2P
   Multilayer Chip Ceramic Inductors
logo
Abracon Corporation
AIMC-0805 ABRACON-AIMC-0805 Datasheet
59Kb / 1P
   MULTILAYER CERAMIC CHIP INDUCTORS
AIMC-0603 ABRACON-AIMC-0603 Datasheet
1Mb / 2P
   MULTILAYER CHIP CERAMIC INDUCTORS
06.01.11
AIMC-0402HQ ABRACON-AIMC-0402HQ Datasheet
1Mb / 3P
   MULTILAYER CHIP CERAMIC INDUCTORS
11.27.12
logo
Sumida Corporation
SCI-B2012-10N SUMIDA-SCI-B2012-10N Datasheet
357Kb / 2P
   Multilayer Chip Ceramic Inductors
logo
Abracon Corporation
AIMC-0402 ABRACON-AIMC-0402 Datasheet
60Kb / 1P
   MULTILAYER CERAMIC CHIP INDUCTORS
logo
Sumida Corporation
SCI-B0603-10N SUMIDA-SCI-B0603-10N Datasheet
358Kb / 2P
   Multilayer Chip Ceramic Inductors
logo
Abracon Corporation
AIMC-0201 ABRACON-AIMC-0201 Datasheet
1Mb / 2P
   MULTILAYER CHIP CERAMIC INDUCTORS
06.02.11
logo
Frontier Electronics.
TF160808 FRONTIER-TF160808_15 Datasheet
115Kb / 2P
   SMD MULTILAYER CERAMIC CHIP INDUCTORS
logo
Shanghai Leiditech Elec...
LSCQ LEIDITECH-LSCQ Datasheet
7Mb / 13P
   SMD Ceramic Multilayer Chip Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com