Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC875XNP-272K Datasheet(PDF) 5 Page - Sumida Corporation

Part # RC875XNP-272K
Description  POWER INDUCTORS < Pin Type: RC Series>
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

RC875XNP-272K Datasheet(HTML) 5 Page - Sumida Corporation

  RC875XNP-272K Datasheet HTML 1Page - Sumida Corporation RC875XNP-272K Datasheet HTML 2Page - Sumida Corporation RC875XNP-272K Datasheet HTML 3Page - Sumida Corporation RC875XNP-272K Datasheet HTML 4Page - Sumida Corporation RC875XNP-272K Datasheet HTML 5Page - Sumida Corporation RC875XNP-272K Datasheet HTML 6Page - Sumida Corporation RC875XNP-272K Datasheet HTML 7Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
POWER INDUCTORS < Pin Type: RC Series>
Type:RC-875/35, RC-875/50, RC-875/75, RC-875X
Please refer to the sales offices on our website for a representative near you
www.sumida.com
5/7
◆ Specification(RC-875/75 –1)
Part Name
Stamp
Inductance
[Within]
※1
Qu
[Min.]
※1
D.C.R.(Ω)
[Max.]
(at 20℃)
Rated
Current
(mA) [Ref.]
※2
S.R.F.
[Min.]
RC875NP-1Ø1K-75
101K
100μH ± 10%
50
0.37
400
4.5MHz
RC875NP-121K-75
121K
120μH ± 10%
50
0.42
400
4.1MHz
RC875NP-151K-75
151K
150μH ± 10%
50
0.50
370
3.7MHz
RC875NP-181K-75
181K
180μH ± 10%
50
0.64
335
3.3MHz
RC875NP-221K-75
221K
220μH ± 10%
55
0.75
300
3.0MHz
RC875NP-271K-75
271K
270μH ± 10%
60
0.84
275
2.7MHz
※RC875-NP-331K-75
331K
330μH ± 10%
65
1.09
230
2.5MHz
RC875NP-391K-75
391K
390μH ± 10%
65
1.20
205
2.3MHz
RC875NP-471K-75
471K
470μH ± 10%
70
1.52
180
2.1MHz
RC875NP-561K-75
561K
560μH ± 10%
70
1.76
160
1.9MHz
RC875NP-681K-75
681K
680μH ± 10%
70
2.00
130
1.7MHz
RC875NP-821K-75
821K
820μH ± 10%
75
2.82
115
1.6MHz
RC875NP-1Ø2K-75
102K
1.0mH ± 10%
50
3.22
105
1.4MHz
RC875NP-122K-75
122K
1.2mH ± 10%
50
3.55
85
1.3MHz
RC875NP-152K-75
152K
1.5mH ± 10%
50
5.12
70
1.2MHz
RC875NP-182K-75
182K
1.8mH ± 10%
50
5.92
55
1.0MHz
RC875NP-222K-75
222K
2.2mH ± 10%
50
6.75
50
950kHz
RC875NP-272K-75
272K
2.7mH ± 10%
50
9.50
45
870kHz
RC875NP-332K-75
332K
3.3mH ± 10%
55
10.9
40
790kHz
RC875NP-392K-75
392K
3.9mH ± 10%
55
12.2
33
720kHz
RC875NP-472K-75
472K
4.7mH ± 10%
50
17.3
30
660kHz
RC875NP-562K-75
562K
5.6mH ± 10%
50
18.9
28
600kHz
RC875NP-682K-75
682K
6.8mH ± 10%
50
24.6
25
550kHz
RC875NP-822K-75
822K
8.2mH ± 10%
50
28.4
23
500kHz
RC875NP-1Ø3K-75
103K
10mH ± 10%
60
26.0
19.5
450kHz
RC875NP-123K-75
123K
12mH ± 10%
60
35.6
18.0
410kHz
RC875NP-153K-75
153K
15mH ± 10%
60
41.2
16.0
370kHz
RC875NP-183K-75
183K
18mH ± 10%
60
54.5
15.0
330kHz
RC875NP-223K-75
223K
22mH ± 10%
60
62.0
13.0
300kHz
RC875NP-273K-75
273K
27mH ± 10%
55
83.2
12.5
270kHz
RC875NP-333K-75
333K
33mH ± 10%
55
95.9
11.5
250kHz
RC875NP-393K-75
393K
39mH ± 10%
50
156
11.0
230kHz
RC875NP-473K-75
473K
47mH ± 10%
50
177
10.0
210kHz


Similar Part No. - RC875XNP-272K

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RC875XNP-272K SUMIDA-RC875XNP-272K Datasheet
183Kb / 2P
   Power Inductor Pin Type:
More results

Similar Description - RC875XNP-272K

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RC-855 SUMIDA-RC-855 Datasheet
44Kb / 5P
   POWER INDUCTORS < Pin Type: RC Series>
RC-885 SUMIDA-RC-885 Datasheet
121Kb / 2P
   POWER INDUCTORS < PIN Type: RC Series>
RC-865 SUMIDA-RC-865 Datasheet
63Kb / 2P
   Power Inductor< Pin Type: RC Series>
RCR-110D SUMIDA-RCR-110D Datasheet
155Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
RX-9P SUMIDA-RX-9P Datasheet
86Kb / 7P
   POWER INDUCTORS < Pin Type: RX Series>
RP1315 SUMIDA-RP1315 Datasheet
166Kb / 2P
   POWER INDUCTORS
RCR1010 SUMIDA-RCR1010 Datasheet
151Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
RCR-108D SUMIDA-RCR-108D Datasheet
162Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
RCR-664D SUMIDA-RCR-664D Datasheet
152Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
EP169 SUMIDA-EP169_06 Datasheet
148Kb / 2P
   POWER INDUCTORS < Pin Type: EP Series >
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com