Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BM-12F88ND Datasheet(PDF) 3 Page - BRIGHT LED ELECTRONICS CORP

Part # BM-12F88ND
Description  LED DOT MATRIX DISPLAY SPECIFICATION
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BM-12F88ND Datasheet(HTML) 3 Page - BRIGHT LED ELECTRONICS CORP

  BM-12F88ND Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BM-12F88ND Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BM-12F88ND Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image

 

 
 
 

 
  !
 ""#
$    %
 &'  & ( )
(*  
 (+', -'+. '/
0
12' 
12' 13
2
   #%
$    %
(!
1(4545
 ( -'6 '
0
12' 
12' 13
7 %
(!
1(4545
 (', -'+.-"'/
0
12' 
2
 ""#"
$    %
12' ("
 (+', -'+. '/
0
8

& 
2
$  % & (#
 (+', -'+. '/
0
 32    
 
 ""#
$    )-
# 9  9 " 9 
#  # 
 (3
0
' ':
   
 
 ""#
" 9 #
 
 (3
0
 
    )
  #
$    )
;( !
& (;
0
87

<3
    "
   !
 ""# #
$    )
;( #
& (;
0
$*=8>  8) ? ?)*8 ? 18 8)% @
2 
3<
2 
$2   
?& 72
A?
?()
7 *B;
7 

A(A
7 *B
 3
A
?()
%& B;
> ;*  '     ';    7;
; ' < : <& '   '   '7 < 
  <     ' ;


Similar Part No. - BM-12F88ND

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BM-12F88MD BRIGHT-BM-12F88MD Datasheet
165Kb / 3P
   LED DOT MATRIX DISPLAY SPECIFICATION
More results

Similar Description - BM-12F88ND

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BM-21688MD BRIGHT-BM-21688MD Datasheet
160Kb / 3P
   LED DOT MATRIX DISPLAY SPECIFICATION
BM-23F58MD-4G BRIGHT-BM-23F58MD-4G Datasheet
160Kb / 3P
   LED DOT MATRIX DISPLAY SPECIFICATION
BM-11J57MD BRIGHT-BM-11J57MD Datasheet
151Kb / 3P
   LED DOT MATRIX DISPLAY SPECIFICATION
BM-11457MD BRIGHT-BM-11457MD Datasheet
149Kb / 3P
   LED DOT MATRIX DISPLAY SPECIFICATION
BM-20657MD BRIGHT-BM-20657MD Datasheet
148Kb / 3P
   LED DOT MATRIX DISPLAY SPECIFICATION
BM-11J57ND BRIGHT-BM-11J57ND Datasheet
196Kb / 4P
   LED DOT MATRIX DISPLAY SPECIFICATION
BM-10457MD BRIGHT-BM-10457MD Datasheet
148Kb / 3P
   LED DOT MATRIX DISPLAY SPECIFICATION
BM-41657MD BRIGHT-BM-41657MD Datasheet
202Kb / 4P
   LED DOT MATRIX DISPLAY SPECIFICATION
BM-20488MD BRIGHT-BM-20488MD Datasheet
165Kb / 3P
   LED DOT MATRIX DISPLAY SPECIFICATION
BM-12F88MD BRIGHT-BM-12F88MD Datasheet
165Kb / 3P
   LED DOT MATRIX DISPLAY SPECIFICATION
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com