Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC855NP-821K Datasheet(PDF) 2 Page - Sumida Corporation

Part # RC855NP-821K
Description  POWER INDUCTORS < Pin Type: RC Series>
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

RC855NP-821K Datasheet(HTML) 2 Page - Sumida Corporation

  RC855NP-821K Datasheet HTML 1Page - Sumida Corporation RC855NP-821K Datasheet HTML 2Page - Sumida Corporation RC855NP-821K Datasheet HTML 3Page - Sumida Corporation RC855NP-821K Datasheet HTML 4Page - Sumida Corporation RC855NP-821K Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
POWER INDUCTORS < Pin Type: RC Series>
Type:RC-855
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/5
◆ Specification-1
Part Name
Stamp
Inductance
[Within]
※1
Min.
※1
Saturation
Current
(mA)[Ref.]
※2
D.C.R.(Ω)
[Max.]
(at 20℃)
S.R.F.
(MHz)
[Min.]
RC855NP-1RØM
1R0M
1.0μH ± 20%
90
400
0.1
100.0
RC855NP-1R2M
1R2M
1.2μH ± 20%
90
300
0.1
100.0
RC855NP-1R5M
1R5M
1.5μH ± 20%
100
300
0.1
100.0
RC855NP-1R8M
1R8M
1.8μH ± 20%
70
400
0.1
86.0
RC855NP-2R2M
2R2M
2.2μH ± 20%
70
400
0.1
71.0
RC855NP-2R7M
2R7M
2.7μH ± 20%
65
400
0.2
68.0
RC855NP-3R3M
3R3M
3.3μH ± 20%
75
300
0.2
51.0
RC855NP-3R9K
3R9K
3.9μH ± 10%
75
300
0.2
44.0
RC855NP-4R7K
4R7K
4.7μH ± 10%
75
250
0.2
40.0
RC855NP-5R6K
5R6K
5.6μH ± 10%
70
250
0.2
36.0
RC855NP-6R8K
6R8K
6.8μH ± 10%
75
200
0.3
32.2
RC855NP-8R2K
8R2K
8.2μH ± 10%
65
200
0.3
28.7
RC855NP-1ØØK
100K
10μH ± 10%
65
150
0.4
26.6
RC855NP-12ØK
120K
12μH ± 10%
60
150
0.4
23.8
RC855NP-15ØK
150K
15μH ± 10%
55
150
0.4
19.6
RC855NP-18ØK
180K
18μH ± 10%
50
150
0.5
18.0
RC855NP-22ØK
220K
22μH ± 10%
50
150
0.5
16.8
RC855NP-27ØK
270K
27μH ± 10%
45
150
0.6
16.0
RC855NP-33ØK
330K
33μH ± 10%
45
150
0.6
15.0
RC855NP-39ØK
390K
39μH ± 10%
40
150
0.7
14.0
RC855NP-47ØK
470K
47μH ± 10%
45
150
0.9
8.4
RC855NP-56ØK
560K
56μH ± 10%
45
150
1.0
8.1
RC855NP-68ØK
680K
68μH ± 10%
45
150
1.1
7.7
RC855NP-82ØK
820K
82μH ± 10%
40
150
1.2
6.8
RC855NP-1Ø1K
101K
100μH ± 10%
55
100
1.5
8.6
RC855NP-121K
121K
120μH ± 10%
55
100
1.6
7.7
RC855NP-151K
151K
150μH ± 10%
50
100
1.8
7.0
RC855NP-181K
181K
180μH ± 10%
45
100
2.1
6.2
RC855NP-221K
221K
220μH ± 10%
60
100
2.3
4.9
RC855NP-271K
271K
270μH ± 10%
55
100
2.6
4.5
RC855NP-331K
331K
330μH ± 10%
55
100
2.9
3.7
RC855NP-391K
391K
390μH ± 10%
50
100
3.2
3.5
RC855NP-471K
471K
470μH ± 10%
60
80
4.3
3.2
RC855NP-561K
561K
560μH ± 10%
65
80
4.5
2.9
RC855NP-681K
681K
680μH ± 10%
60
65
6.1
2.4
RC855NP-821K
821K
820μH ± 10%
60
65
6.8
2.2
RC855NP-1Ø2K
102K
1mH ± 10%
65
65
8.4
2.0
※1.Measuring frequency
1.0μH ∼ 8.2μH; 7.96 MHz
(Inductance, Q)
10μH ∼ 82μH; 2.52 MHz
100μH ∼ 820μH; 796 kHz
1 mH; 252 kHz
※2. Saturation current: The DC current at which the inductance decreases 95% of it’s initial value (Ta=20℃).


Similar Part No. - RC855NP-821K

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
RC80 EDI-RC80 Datasheet
40Kb / 2P
   FAST RECOVERY 200 NANOSECOND SILICON RECTIFIER
logo
Chongqing Pingwei Enter...
RC8005 CHONGQING-RC8005 Datasheet
40Kb / 1P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
RC801 CHONGQING-RC801 Datasheet
40Kb / 1P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
RC802 CHONGQING-RC802 Datasheet
40Kb / 1P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
RC804 CHONGQING-RC804 Datasheet
40Kb / 1P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
More results

Similar Description - RC855NP-821K

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RC-87535 SUMIDA-RC-87535 Datasheet
63Kb / 7P
   POWER INDUCTORS < Pin Type: RC Series>
RC-885 SUMIDA-RC-885 Datasheet
121Kb / 2P
   POWER INDUCTORS < PIN Type: RC Series>
RC-865 SUMIDA-RC-865 Datasheet
63Kb / 2P
   Power Inductor< Pin Type: RC Series>
RCR-110D SUMIDA-RCR-110D Datasheet
155Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
RX-9P SUMIDA-RX-9P Datasheet
86Kb / 7P
   POWER INDUCTORS < Pin Type: RX Series>
RP1315 SUMIDA-RP1315 Datasheet
166Kb / 2P
   POWER INDUCTORS
RCR1010 SUMIDA-RCR1010 Datasheet
151Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
RCR-108D SUMIDA-RCR-108D Datasheet
162Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
RCR-664D SUMIDA-RCR-664D Datasheet
152Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
EP169 SUMIDA-EP169_06 Datasheet
148Kb / 2P
   POWER INDUCTORS < Pin Type: EP Series >
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com