Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFI-A2012-121 Datasheet(PDF) 2 Page - Sumida Corporation

Part # SFI-A2012-121
Description  Multilayer Chip Ferrite Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

SFI-A2012-121 Datasheet(HTML) 2 Page - Sumida Corporation

  SFI-A2012-121 Datasheet HTML 1Page - Sumida Corporation SFI-A2012-121 Datasheet HTML 2Page - Sumida Corporation SFI-A2012-121 Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PAGE
Multilayer Chip Ferrite Inductors
——
SFI-2012
2
/2
*All specifications are subject to change without notice.
Electrical Parameters
Inductance
Q
SRF(㎒)
DCR(mΩ)
Part No.
μ
H
Tolerance
min.
typ.
L, Q test
frequency
(㎒)
min.
typ.
max.
typ.
Rated
current
(mA) max.
SFI-A2012-470□□□
0.048
20
60
50
320
400
100
50
300
SFI-A2012-560□□□
0.056
20
60
50
300
380
150
80
300
SFI-A2012-680□□□
0.068
20
60
50
280
350
200
80
300
SFI-A2012-820□□□
0.082
20
60
50
255
320
200
80
300
SFI-A2012-101□□□
0.10
25
50
25
235
300
200
90
250
SFI-A2012-121□□□
0.12
25
50
25
220
280
200
65
250
SFI-A2012-151□□□
0.15
25
50
25
200
250
200
60
250
SFI-A2012-181□□□
0.18
25
50
25
185
230
200
100
250
SFI-A2012-221□□□
0.22
25
50
25
170
220
250
100
250
SFI-A2012-271□□□
0.27
25
50
25
150
200
300
150
250
SFI-A2012-331□□□
0.33
25
50
25
145
180
300
150
250
SFI-A2012-391□□□
0.39
30
50
25
135
170
400
190
200
SFI-A2012-471□□□
0.47
30
50
25
125
160
400
190
200
SFI-A2012-561□□□
0.56
30
50
25
115
150
400
280
150
SFI-A2012-681□□□
0.68
30
50
25
105
135
500
300
150
SFI-A2012-821□□□
0.82
30
50
25
100
125
600
350
150
SFI-B2012-102□□□
1.0
45
75
10
75
105
300
120
100
SFI-B2012-122□□□
1.2
45
75
10
65
95
400
140
100
SFI-B2012-152□□□
1.5
45
75
10
60
85
400
140
100
SFI-B2012-182□□□
1.8
45
75
10
55
75
400
160
100
SFI-B2012-222□□□
2.2
45
80
10
50
70
400
200
50
SFI-B2012-272□□□
2.7
45
80
10
45
65
500
250
50
SFI-B2012-332□□□
3.3
45
80
10
40
55
500
270
50
SFI-B2012-392□□□
3.9
45
80
10
38
50
1000
500
50
SFI-B2012-472□□□
4.7
45
80
10
35
48
1400
700
50
SFI-C2012-562□□□
5.6
50
60
4
32
45
500
250
50
SFI-C2012-682□□□
6.8
50
60
4
29
40
600
330
25
SFI-C2012-822□□□
8.2
50
60
4
26
36
700
380
25
SFI-C2012-103□□□
10.0
50
60
2
24
33
800
450
25
SFI-C2012-123□□□
12.0
50
60
2
22
30
800
470
25
SFI-D2012-153□□□
15.0
30
40
1
19
27
1500
750
15
SFI-D2012-183□□□
18.0
30
40
1
18
25
1500
810
15
SFI-D2012-223□□□
22.0
30
40
1
16
22
700
350
5
SFI-D2012-273□□□
27.0
30
40
1
14
20
800
450
5
SFI-D2012-333□□□
33.0
±
10%
±
20%
30
40
0.4
13
18
1000
600
5
* SRF : Self-Resonant Frequency.
* DCR : DC Resistance
Parts with other Inductance Tolerance(‘J’ ± 5%) can be provided upon Customer`s request.


Similar Part No. - SFI-A2012-121

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
SFI-A1608-101 SUMIDA-SFI-A1608-101 Datasheet
371Kb / 3P
   Multilayer Chip Ferrite Inductors
SFI-A1608-121 SUMIDA-SFI-A1608-121 Datasheet
371Kb / 3P
   Multilayer Chip Ferrite Inductors
SFI-A1608-151 SUMIDA-SFI-A1608-151 Datasheet
371Kb / 3P
   Multilayer Chip Ferrite Inductors
SFI-A1608-181 SUMIDA-SFI-A1608-181 Datasheet
371Kb / 3P
   Multilayer Chip Ferrite Inductors
SFI-A1608-221 SUMIDA-SFI-A1608-221 Datasheet
371Kb / 3P
   Multilayer Chip Ferrite Inductors
More results

Similar Description - SFI-A2012-121

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
SFI-A1608-270 SUMIDA-SFI-A1608-270 Datasheet
371Kb / 3P
   Multilayer Chip Ferrite Inductors
logo
Abracon Corporation
AIML-0805-R33K-T ABRACON-AIML-0805-R33K-T Datasheet
542Kb / 1P
   MULTILAYER FERRITE CHIP INDUCTORS
01.11.11
AIML-0805 ABRACON-AIML-0805 Datasheet
68Kb / 1P
   MULTILAYER FERRITE CHIP INDUCTORS
logo
Sumida Corporation
SFI-A3216-470 SUMIDA-SFI-A3216-470 Datasheet
380Kb / 3P
   Multilayer Chip Ferrite Inductors
logo
Token Electronics Indus...
TRMI160808 TOKEN-TRMI160808 Datasheet
410Kb / 8P
   TRMI Chip Multilayer Ferrite Inductors
logo
Frontier Electronics.
FL160808 FRONTIER-FL160808_15 Datasheet
119Kb / 2P
   SMD MULTILAYER FERRITE CHIP INDUCTORS
logo
RCD COMPONENTS INC.
MLI1206-R10-MBW RCD-MLI1206-R10-MBW Datasheet
62Kb / 1P
   MULTILAYER SHIELDED FERRITE CHIP INDUCTORS
logo
Frontier Electronics.
FL201209 FRONTIER-FL201209_15 Datasheet
118Kb / 2P
   SMD MULTILAYER FERRITE CHIP INDUCTORS
FL201212 FRONTIER-FL201212_15 Datasheet
118Kb / 2P
   SMD MULTILAYER FERRITE CHIP INDUCTORS
logo
Superworld Electronics
L2-47N-10 SUPERWORLD-L2-47N-10 Datasheet
250Kb / 7P
   FERRITE CHIP INDUCTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com