Electronic Components Datasheet Search |
|
SFI-A3216-271 Datasheet(PDF) 1 Page - Sumida Corporation |
|
SFI-A3216-271 Datasheet(HTML) 1 Page - Sumida Corporation |
1 / 3 page PAGE Multilayer Chip Ferrite Inductors —— SFI-3216 1 /2 *All specifications are subject to change without notice. Features 1. Ideal for high density surface mount applications as magnetic shield eliminates crosstalk. 2. Highly reliable in wide temperature and humidity range. Superior Q characteristics in wide frequency. 3. Terminal electrode has excellent solder heat resistance. 4. Lead Free (RoHS compliance). Applications 1. Prevention of electromagnetic interference to signals on the secondary side of electronic equipment. 2. Noise Suppression in HDTV, Portable device , computers and peripheral devices. Ordering Information SFI - C 3216 - 153 - K J T (1) (2) (3) (4) (5) (6) (7) (1) Series (2) Material & Design (5) Tolerance K : ±10% M: ±20% (3) Dimensions The first two digits : length(㎜) The last two digits : width(㎜) (6) Termination J : Nickel barrier (4) Inductance First two digits are values. Last digit is the number of zeros following. ⑺ Packing B : Bulk Packing T : Tape & Reel (Φ 178㎜ [ 7inches]) L : Tape & Reel (Φ 254㎜ [10inches]) Shape and Dimensions Unit : mm [inches] Type L W T C SFI-□3216 3.2±0.2 1.6±0.2 1.3±0.2 0.50±0.30 [.126±.008] [.063±.008] [.051±.008] [.020±.012] L T C W |
Similar Part No. - SFI-A3216-271 |
|
Similar Description - SFI-A3216-271 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |