Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RM500DZ-H Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # RM500DZ-H
Description  HIGH POWER GENERAL USE INSULATED TYPE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RM500DZ-H Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  RM500DZ-H Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RM500DZ-H Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RM500DZ-H Datasheet HTML 3Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Feb.1999
–1
10
–2
10
–3
10
0
10
1
10
0
10
4
10
3
10
2
10
1
10
0.8
7
5
3
2
7
5
3
2
7
5
3
2
1.0
1.2
1.6
1.8
1.4
Tj=25°C
70
50
30
20
7
5
3
2
0
2000
10000
4000
6000
8000
10
1
100
150
50
0
400
800
200
600
70
90
110
130
7
5
3
2
7
5
3
2
7
5
3
2
0.10
0
0.02
0.04
0.06
0.08
7
5
3
2
800
0
0
400
800
200
100
600
200
300
400
500
600
700
300
700
100
500
THREE-PHASE
OPERATION
RESISTIVE, INDUCTIVE LOAD
DC OPERATION
SINGLE-PHASE
OPERATION
THREE-PHASE
OPERATION
RESISTIVE, INDUCTIVE LOAD
DC OPERATION
SINGLE-PHASE
OPERATION
MITSUBISHI DIODE MODULES
RM500DZ/UZ-M,-H,-24.-2H
HIGH POWER GENERAL USE
INSULATED TYPE
PERFORMANCE CURVES
MAXIMUM FORWARD CHARACTERISTIC
ALLOWABLE SURGE (NON-REPETITIVE)
FORWARD CURRENT
CONDUCTION TIME
(CYCLES AT 60Hz)
FORWARD VOLTAGE (V)
MAXIMUM TRANSIENT THERMAL IMPEDANCE
(JUNCTION TO CASE)
MAXIMUM POWER DISSIPATION
TIME (s)
AVERAGE FORWARD CURRENT (A)
ALLOWABLE CASE TEMPERATURE
VS. AVERAGE FORWARD CURRENT
AVERAGE FORWARD CURRENT (A)


Similar Part No. - RM500DZ-H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RM500DZ-H MITSUBISHI-RM500DZ-H Datasheet
49Kb / 3P
   HIGH POWER GENERAL USE INSULATED TYPE
More results

Similar Description - RM500DZ-H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
TM90DZ-M MITSUBISHI-TM90DZ-M Datasheet
63Kb / 5P
   HIGH POWER GENERAL USE INSULATED TYPE
TM400DZ-M MITSUBISHI-TM400DZ-M Datasheet
61Kb / 4P
   HIGH POWER GENERAL USE INSULATED TYPE
RM150DZ MITSUBISHI-RM150DZ Datasheet
55Kb / 3P
   HIGH POWER GENERAL USE INSULATED TYPE
RM100DZ-M MITSUBISHI-RM100DZ-M Datasheet
44Kb / 3P
   HIGH POWER GENERAL USE INSULATED TYPE
RM500DZ MITSUBISHI-RM500DZ Datasheet
49Kb / 3P
   HIGH POWER GENERAL USE INSULATED TYPE
RM150DZ-H MITSUBISHI-RM150DZ-H Datasheet
48Kb / 3P
   HIGH POWER GENERAL USE INSULATED TYPE
TM90RZ-M MITSUBISHI-TM90RZ-M Datasheet
67Kb / 5P
   HIGH POWER GENERAL USE INSULATED TYPE
TM130DZ-M MITSUBISHI-TM130DZ-M Datasheet
66Kb / 5P
   HIGH POWER GENERAL USE INSULATED TYPE
RM500HA-M MITSUBISHI-RM500HA-M Datasheet
44Kb / 3P
   HIGH POWER GENERAL USE INSULATED TYPE
TM200RZ-M MITSUBISHI-TM200RZ-M Datasheet
62Kb / 4P
   HIGH POWER GENERAL USE INSULATED TYPE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com