Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UU9LFHNP-HB471 Datasheet(PDF) 1 Page - Sumida Corporation

Part # UU9LFHNP-HB471
Description  AC COMMON MODE COIL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

UU9LFHNP-HB471 Datasheet(HTML) 1 Page - Sumida Corporation

  UU9LFHNP-HB471 Datasheet HTML 1Page - Sumida Corporation UU9LFHNP-HB471 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AC COMMON MODE COIL <Pin Type: UU Series>
Type: UU9LF, UU9LFH
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/2
11.0 MAX.
3.5 MAX.
16.5 MAX.
3.5±1.0
7.0±0.3
7.0±0.3
15.5 MAX.
12.5 MAX.
3.5 MAX.
3.5±1.0
PIN
NO.1
Product Description
16.5×11.0mm Max.(L×W), 16.5mm Max. Height. (UU9LF)
16.5×15.5mm Max.(L×W), 12.5mm Max. Height. (UU9LFH)
Inductance range: 0.47mH~10mH
Rated current range: 0.2~1.0A
In addition to the standard versions of parameters shown here,
custom designs are available to meet your exact requirements.
Feature
Ideally used in Multi-function telephone, AC adapter, Fax, Small size fluorescent light, VCR,TV
as AC line common mode chokes.
RoHS Compliance
Dimensions (mm)
UU9LF
UU9LFH
Dimension does not include solder used on coil.
Terminal pitch is measured at the base.(not from tip of the pin)


Similar Part No. - UU9LFHNP-HB471

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
UU9LFH SUMIDA-UU9LFH Datasheet
224Kb / 1P
   AC COMMON MODE CHOKES
UU9LFH-B102 SUMIDA-UU9LFH-B102 Datasheet
224Kb / 1P
   AC COMMON MODE CHOKES
UU9LFH-B103 SUMIDA-UU9LFH-B103 Datasheet
224Kb / 1P
   AC COMMON MODE CHOKES
UU9LFH-B222 SUMIDA-UU9LFH-B222 Datasheet
224Kb / 1P
   AC COMMON MODE CHOKES
UU9LFH-B392 SUMIDA-UU9LFH-B392 Datasheet
224Kb / 1P
   AC COMMON MODE CHOKES
More results

Similar Description - UU9LFHNP-HB471

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
UU9LFB SUMIDA-UU9LFB_06 Datasheet
144Kb / 2P
   AC COMMON MODE COIL
UU10LF SUMIDA-UU10LF_06 Datasheet
144Kb / 2P
   AC COMMON MODE COIL
PFC2225B SUMIDA-PFC2225B Datasheet
148Kb / 2P
   AC COMMON MODE COIL
LF2628 SUMIDA-LF2628 Datasheet
130Kb / 2P
   AC COMMON MODE COIL
LF2020B SUMIDA-LF2020B Datasheet
127Kb / 2P
   AC COMMON MODE COIL
LF2829 SUMIDA-LF2829 Datasheet
125Kb / 1P
   AC COMMON MODE COIL
UU16LF SUMIDA-UU16LF_06 Datasheet
135Kb / 2P
   AC COMMON MODE COIL
PFD1617 SUMIDA-PFD1617 Datasheet
125Kb / 1P
   AC COMMON MODE COIL
PFC2831C SUMIDA-PFC2831C Datasheet
174Kb / 1P
   AC COMMON MODE COIL
LF2429 SUMIDA-LF2429 Datasheet
162Kb / 1P
   AC COMMON MODE COIL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com