Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRU2009 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SRU2009
Description  Shielded SMD Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRU2009 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SRU2009 Datasheet HTML 1Page - Bourns Electronic Solutions SRU2009 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
TYP.
2.80 ± 0.20
(.110 ± .008)
2.80 ± 0.20
(.110 ± .008)
0.90
(.035)
TYP.
0.90
(.035)
TYP.
0.90
(.035)
0.90 ± 0.10
(.035 ± .004)
A
SRU2009 Series - Shielded SMD Power Inductors
Features
Maximum height of 1.0 mm
Current up to 1.45 A
Lead free
RoHS compliant*
Applications
Input/output of DC/DC converters
Power supplies for:
Portable communication equipment
Camcorders
LCD TVs
Car radios
Electrical Specifications
Product Dimensions
Recommended Layout
Electrical Schematic
General Specifications
Test Voltage .....................................0.1 V
Reflow Soldering ...230 °C, 50 sec. max.
Operating Temperature ..-40 °C to +125 °C
(Temperature rise included)
Storage Temperature..-40 °C to +125 °C
Resistance to Soldering Heat
................................260 °C for 10 sec.
Materials
Core.....................Ferrite DR and RI core
Wire .............................Enameled copper
Terminal ....................................Ag/Ni/Sn
Rated Current
....................Ind. drop 35 % typ. at Isat
Temperature Rise
......................40 °C max. at rated Irms
Packaging..................1,500 pcs. per reel
A
DIMENSIONS:
MM
(INCHES)
1.30
(.051)
REF.
REF.
1.20
(.047)
REF.
1.00
(.039)
REF.
1.00
(.039)
REF.
1.20
(.047)
REF.
0.65
(.026)
REF.
2.10
(.083)
REF.
0.65
(.026)
1.24
(.049)
REF.
3.00
(.118)
REF.
Inductance 100 KHz
Q
Test
SRF
RDC
I rms
I sat
Bourns Part No.
(µH)
Tol. %
Ref.
Frequency
Typ.
Max.
Max.
Typ.
(MHz)
(MHz)
(mΩ)
(A)
(A)
Marking
SRU2009-1R0Y
1.0
± 30
7
7.96
200
110
1.45
1.30
A
SRU2009-2R2Y
2.2
± 30
7
7.96
120
210
1.10
0.80
C
SRU2009-3R3Y
3.3
± 30
7
7.96
100
320
0.80
0.60
E
SRU2009-4R4Y
4.4
± 30
7
7.96
85
430
0.68
0.50
F
SRU2009-6R8Y
6.8
± 30
7
7.96
70
650
0.52
0.45
G
SRU2009-100Y
10
± 30
10
2.52
50
1080
0.40
0.35
H
SRU2009-150Y
15
± 30
10
2.52
40
1370
0.30
0.30
I
SRU2009-220Y
22
± 30
10
2.52
30
2600
0.22
0.22
J


Similar Part No. - SRU2009

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRU2009 BOURNS-SRU2009 Datasheet
279Kb / 2P
   Shielded SMD Power Inductors
SRU2009-100Y BOURNS-SRU2009-100Y Datasheet
279Kb / 2P
   Shielded SMD Power Inductors
SRU2009-150Y BOURNS-SRU2009-150Y Datasheet
279Kb / 2P
   Shielded SMD Power Inductors
SRU2009-1R0Y BOURNS-SRU2009-1R0Y Datasheet
279Kb / 2P
   Shielded SMD Power Inductors
SRU2009-220Y BOURNS-SRU2009-220Y Datasheet
279Kb / 2P
   Shielded SMD Power Inductors
More results

Similar Description - SRU2009

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRU5018 BOURNS-SRU5018 Datasheet
159Kb / 2P
   Shielded SMD Power Inductors
SRR4018 BOURNS-SRR4018_08 Datasheet
391Kb / 2P
   Shielded SMD Power Inductors
SRU3009 BOURNS-SRU3009 Datasheet
241Kb / 2P
   Shielded SMD Power Inductors
SRU5028 BOURNS-SRU5028_13 Datasheet
237Kb / 2P
   Shielded SMD Power Inductors
SRU6013 BOURNS-SRU6013 Datasheet
267Kb / 2P
   Shielded SMD Power Inductors
SRU6025 BOURNS-SRU6025_13 Datasheet
243Kb / 2P
   Shielded SMD Power Inductors
logo
List of Unclassifed Man...
SLF1045 ETC-SLF1045 Datasheet
29Kb / 1P
   SMD Shielded Power Inductors
logo
Bourns Electronic Solut...
SRR1240 BOURNS-SRR1240 Datasheet
272Kb / 2P
   Shielded SMD Power Inductors
SRU8028 BOURNS-SRU8028 Datasheet
157Kb / 2P
   Shielded SMD Power Inductors
SRU5011 BOURNS-SRU5011_13 Datasheet
221Kb / 2P
   Shielded SMD Power Inductors
SRU5018 BOURNS-SRU5018_13 Datasheet
210Kb / 2P
   Shielded SMD Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com