Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSLF2520NP-1R0NC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CSLF2520NP-1R0NC
Description  Power Inductors Type: CSLF Series>
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CSLF2520NP-1R0NC Datasheet(HTML) 2 Page - Sumida Corporation

  CSLF2520NP-1R0NC Datasheet HTML 1Page - Sumida Corporation CSLF2520NP-1R0NC Datasheet HTML 2Page - Sumida Corporation CSLF2520NP-1R0NC Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Power Inductors <SMD Type: CSLF Series>
Type: CSLF2520
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/3
Specification
Part No.
Stamp
Inductance
µH) ※1
D.C.R.
(Ω)[Max.]
Qu
[Min.]
1
Self Resonance
Frequency
(MHz)[Min.]
Rated
Current
(mA)※2
CSLF2520NP-1R0NC
AA
1.0±30%
0.5
20
100
445
CSLF2520NP-1R2NC
AB
1.2±30%
0.6
20
100
425
CSLF2520NP-1R5MC
AC
1.5±20%
0.6
20
75
400
CSLF2520NP-1R8MC
AD
1.8±20%
0.7
20
60
390
CSLF2520NP-2R2MC
AE
2.2±20%
0.8
20
50
370
CSLF2520NP-2R7MC
AF
2.7±20%
0.9
20
43
320
CSLF2520NP-3R3MC
AG
3.3±20%
1.0
20
38
300
CSLF2520NP-3R9MC
AH
3.9±20%
1.1
20
35
290
CSLF2520NP-4R7MC
AI
4.7±20%
1.2
20
31
270
CSLF2520NP-5R6MC
AJ
5.6±20%
1.3
20
28
250
CSLF2520NP-6R8MC
AK
6.8±20%
1.5
20
25
240
CSLF2520NP-8R2MC
AL
8.2±20%
1.6
20
23
225
CSLF2520NP-100MC
AM
10±20%
1.8
35
20
190
CSLF2520NP-100KC
AN
10±10%
1.8
35
20
190
CSLF2520NP-120MC
AO
12±20%
2.0
35
18
180
CSLF2520NP-120KC
AP
12±10%
2.0
35
18
180
CSLF2520NP-150MC
AQ
15±20%
2.2
35
16
170
CSLF2520NP-150KC
AR
15±10%
2.2
35
16
170
CSLF2520NP-180MC
AS
18±20%
2.5
35
15
165
CSLF2520NP-180KC
AT
18±10%
2.5
35
15
165
CSLF2520NP-220MC
AU
22±20%
2.8
35
14
150
CSLF2520NP-220KC
AV
22±10%
2.8
35
14
150
CSLF2520NP-270MC
AW
27±20%
3.1
35
13
125
CSLF2520NP-270KC
AX
27±10%
3.1
35
13
125
CSLF2520NP-330MC
AY
33±20%
3.5
40
12
115
CSLF2520NP-330KC
AZ
33±10%
3.5
40
12
115
CSLF2520NP-390MC
BA
39±20%
3.9
40
11
110
CSLF2520NP-390KC
BB
39±10%
3.9
40
11
110
CSLF2520NP-470MC
BC
47±20%
4.3
40
11
100
CSLF2520NP-470KC
BD
47±10%
4.3
40
11
100


Similar Part No. - CSLF2520NP-1R0NC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CSLF1205 SUMIDA-CSLF1205 Datasheet
529Kb / 6P
   It is a signal common mode choke coils, widely used in LAN & communication devices.
CSLF1205 SUMIDA-CSLF1205 Datasheet
529Kb / 6P
   It is a signal common mode choke coils, widely used in LAN & communication devices.
CSLF137 SUMIDA-CSLF137 Datasheet
115Kb / 1P
   Common Mode Choke Coils
CSLF3226B SUMIDA-CSLF3226B Datasheet
152Kb / 3P
   Power Inductors
CSLF3226B-100KC SUMIDA-CSLF3226B-100KC Datasheet
8Mb / 156P
   GENERAL PRODUCTS CATALOG
2011.09
More results

Similar Description - CSLF2520NP-1R0NC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CSLF4D17 SUMIDA-CSLF4D17 Datasheet
193Kb / 2P
   Common Mode Choke Coils
CSLF137 SUMIDA-CSLF137 Datasheet
115Kb / 1P
   Common Mode Choke Coils
CSLF4D25 SUMIDA-CSLF4D25 Datasheet
98Kb / 2P
   Common Mode Choke Coils
CR54 SUMIDA-CR54 Datasheet
40Kb / 2P
   POWER INDUCTORS
CR32 SUMIDA-CR32 Datasheet
97Kb / 2P
   POWER INDUCTORS
CR105 SUMIDA-CR105 Datasheet
104Kb / 2P
   POWER INDUCTORS
RCP-195D SUMIDA-RCP-195D Datasheet
156Kb / 2P
   POWER INDUCTORS
CMD-6L SUMIDA-CMD-6L Datasheet
131Kb / 2P
   Power Inductors
CEP12D38 SUMIDA-CEP12D38_06 Datasheet
158Kb / 2P
   POWER INDUCTORS
CDRH8D43 SUMIDA-CDRH8D43_1 Datasheet
162Kb / 2P
   POWER INDUCTORS < SMD Type: CDRH Series>
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com