Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM5NP-390 Datasheet(PDF) 2 Page - Sumida Corporation

Part # CM5NP-390
Description  General Power Transformer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CM5NP-390 Datasheet(HTML) 2 Page - Sumida Corporation

  CM5NP-390 Datasheet HTML 1Page - Sumida Corporation CM5NP-390 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
General Power Transformer <SMD Type: CM Series>
Type: CM-5
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
※1.Rated current: The D.C. current at which the inductance decreases to 90% of it’s initial value or when
△t=40℃, whichever is lower(Ta=20℃).
◆ Specification (for inductors)
Part Name
Inductance
(Tolerance +40%,
-20%)[Within]
D.C.R.(Ω)
[Max.](at 20℃)
Rate Current
(mA)※2
Measuring
Frequency
CM5NP-100□
10μH
0.2
490
CM5NP-120□
12µH
0.25
460
CM5NP-150□
15µH
0.25
415
CM5NP-180□
18µH
0.3
375
CM5NP-220□
22µH
0.3
305
CM5NP-270□
27µH
0.35
280
CM5NP-330□
33µH
0.4
270
CM5NP-390□
39µH
0.45
245
CM5NP-470□
47µH
0.5
215
CM5NP-560□
56µH
0.55
210
CM5NP-680□
68µH
0.6
190
CM5NP-820□
82µH
0.7
160
2.52 MHz
CM5NP-101□
100µH
0.75
150
CM5NP-121□
120µH
0.95
140
CM5NP-151□
150µH
1.25
130
CM5NP-181□
180µH
1.5
115
CM5NP-221□
220µH
1.7
105
CM5NP-271□
270µH
1.9
95
CM5NP-331□
330µH
2.45
90
CM5NP-391□
390µH
3.15
80
CM5NP-471□
470µH
3.65
75
CM5NP-561□
560µH
4.2
65
CM5NP-681□
680µH
4.5
60
CM5NP-821□
820µH
6.9
55
CM5NP-102□
1.0 mH
10
50
CM5NP-122□
1.2 mH
10.5
45
CM5NP-152□
1.5 mH
13
40
CM5NP-182□
1.8 mH
18
40
CM5NP-222□
2.2 mH
22
35
CM5NP-272□
2.7 mH
24
30
CM5NP-332□
3.3 mH
27.5
30
CM5NP-392□
3.9 mH
31
25
CM5NP-472□
4.7 mH
32
24
CM5NP-562□
5.6 mH
36
21
1 kHz
※ Description of part name
※ Schematics (Bottom)
CM5NP-100□
“ S” is winding start.
B
Box
C
Carrier Tape
3
2
1
4
6
S


Similar Part No. - CM5NP-390

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CM5NNP-100 SUMIDA-CM5NNP-100 Datasheet
35Kb / 2P
   General Power Transformer
CM5NNP-101 SUMIDA-CM5NNP-101 Datasheet
35Kb / 2P
   General Power Transformer
CM5NNP-102 SUMIDA-CM5NNP-102 Datasheet
35Kb / 2P
   General Power Transformer
CM5NNP-120 SUMIDA-CM5NNP-120 Datasheet
35Kb / 2P
   General Power Transformer
CM5NNP-121 SUMIDA-CM5NNP-121 Datasheet
35Kb / 2P
   General Power Transformer
More results

Similar Description - CM5NP-390

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CLQ7D23 SUMIDA-CLQ7D23_06 Datasheet
120Kb / 1P
   General Power Transformer
CM-5N SUMIDA-CM-5N Datasheet
35Kb / 2P
   General Power Transformer
CMD-8N SUMIDA-CMD-8N Datasheet
149Kb / 2P
   General Power Transformer
CLS74 SUMIDA-CLS74 Datasheet
28Kb / 1P
   General Power Transformer
CLQ72B SUMIDA-CLQ72B_06 Datasheet
124Kb / 1P
   General Power Transformer
LC-12U SUMIDA-LC-12U Datasheet
114Kb / 1P
   General Power Transformer
MC-100C SUMIDA-MC-100C Datasheet
112Kb / 1P
   General Power Transformer
ERH3530 SUMIDA-ERH3530 Datasheet
148Kb / 1P
   General Power Transformer
EP2013 SUMIDA-EP2013 Datasheet
56Kb / 1P
   General Power Transformer
PQ2019 SUMIDA-PQ2019 Datasheet
51Kb / 1P
   General Power Transformer
ER4029 SUMIDA-ER4029 Datasheet
135Kb / 1P
   General Power Transformer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com