Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR105NP-100MB Datasheet(PDF) 1 Page - Sumida Corporation

Part # CR105NP-100MB
Description  POWER INDUCTORS Type: CR Series>
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CR105NP-100MB Datasheet(HTML) 1 Page - Sumida Corporation

  CR105NP-100MB Datasheet HTML 1Page - Sumida Corporation CR105NP-100MB Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Type: CR105
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/2
POWER INDUCTORS <SMD Type: CR Series>
Product Description
・10.4×9.5mm Max.(L×W), 5.8mm Max. Height.
・Inductance range: 1.8~820μH
・Rated current range: 0.24~6.0A
・In addition to the standard versions of inductors shown here, custom inductors are
available to meet your exact requirements.
Feature
・Magnetically unshielded construction.
・Ideally used in Projector, PDA,DSC/DVC, Game Machine, DVD, STB, Notebook PC
etc as DC-DC Converter inductors.
・RoHS Compliance
Dimensions (mm)
◆ Land Pattern (mm)
9.1 ±0 .4
5.4 ± 0.4
7. 6
PART OF SILK
PART OF
R1.0
9.5
TERMINAL


Similar Part No. - CR105NP-100MB

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CR105 SUMIDA-CR105 Datasheet
113Kb / 2P
   POWER INDUCTORS
CR105 SUMIDA-CR105 Datasheet
113Kb / 2P
   POWER INDUCTORS
logo
List of Unclassifed Man...
CR105 ETC1-CR105 Datasheet
2Mb / 6P
   GERMANIUM PNP TRANSISTORS
More results

Similar Description - CR105NP-100MB

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CR54 SUMIDA-CR54 Datasheet
40Kb / 2P
   POWER INDUCTORS
CR32 SUMIDA-CR32 Datasheet
97Kb / 2P
   POWER INDUCTORS
CR5D11 SUMIDA-CR5D11_06 Datasheet
188Kb / 2P
   POWER INDUCTORS
CR43 SUMIDA-CR43 Datasheet
40Kb / 2P
   POWER INDUCTORS
CR75 SUMIDA-CR75_06 Datasheet
160Kb / 2P
   POWER INDUCTORS
RCP-195D SUMIDA-RCP-195D Datasheet
156Kb / 2P
   POWER INDUCTORS
CMD-6L SUMIDA-CMD-6L Datasheet
131Kb / 2P
   Power Inductors
CEP12D38 SUMIDA-CEP12D38_06 Datasheet
158Kb / 2P
   POWER INDUCTORS
CDRH8D43 SUMIDA-CDRH8D43_1 Datasheet
162Kb / 2P
   POWER INDUCTORS < SMD Type: CDRH Series>
CDRH8D38 SUMIDA-CDRH8D38_1 Datasheet
136Kb / 2P
   POWER INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com