Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR5D11NP-5R6MC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CR5D11NP-5R6MC
Description  POWER INDUCTORS Type: CR Series>
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CR5D11NP-5R6MC Datasheet(HTML) 2 Page - Sumida Corporation

  CR5D11NP-5R6MC Datasheet HTML 1Page - Sumida Corporation CR5D11NP-5R6MC Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Type: CR5D11
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
POWER INDUCTORS <SMD Type: CR Series>
Specification
Part Name
Stamp
Inductance
Within]
(at 100kHz)
D.C.R.(mΩ)
Max.(Typ.)
(at 20℃)
Saturation
Current(mA)
(at 20℃)※1
Temperature
Rise current
(mA) ※2
CR5D11NP-1RØM□
1R0
1.0μH ±25%
40(32)
2200
2800
CR5D11NP-1R5M□
1R5
1.5μH ±25%
50(40)
1900
2500
CR5D11NP-2RØM□
2R0
2.0μH ±25%
57(45)
1700
2200
CR5D11NP-2R5M□
2R5
2.5μH ±25%
66(53)
1550
2000
CR5D11NP-3RØM□
3R0
3.0μH ±25%
92(73)
1400
1700
CR5D11NP-3R9M□
3R9
3.9μH ±25%
103(82)
1250
1550
CR5D11NP-4R7M□
4R7
4.7μH ±25%
118(94)
1200
1400
CR5D11NP-5R6M□
5R6
5.6μH ±25%
149(124)
1050
1200
CR5D11NP-6R2M□
6R2
6.2μH ±25%
162(135)
1000
1100
CR5D11NP-7RØM□
7R0
7.0μH ±25%
184(153)
950
1050
CR5D11NP-8R6M□
8R6
8.6μH ±25%
220(183)
850
950
CR5D11NP-1ØØM□
100
10μH ±25%
246(205)
750
900
CR5D11NP-12ØM□
120
12μH ±25%
304(253)
700
850
CR5D11NP-15ØM□
150
15μH ±25%
353(294)
650
750
CR5D11NP-18ØM□
180
18μH ±25%
398(332)
600
650
CR5D11NP-22ØM□
220
22μH ±25%
592(493)
500
550
CR5D11NP-27ØM□
270
27μH ±25%
679(566)
450
500
CR5D11NP-33ØM□
330
33μH ±25%
784(653)
400
450
Description of part name
CR5D11NP-1RØM□
1. Saturation current: The DC current at which the inductance decreases to 80% of it’s initial value.
2. Temperature rise current: The DC current at which the temperature rise is △t=40℃.(Ta=20℃).
B Box
C Carrier Tape


Similar Part No. - CR5D11NP-5R6MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CR5D11 SUMIDA-CR5D11 Datasheet
124Kb / 2P
   XCCCPOWER INDUCTORS
More results

Similar Description - CR5D11NP-5R6MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CR54 SUMIDA-CR54 Datasheet
40Kb / 2P
   POWER INDUCTORS
CR32 SUMIDA-CR32 Datasheet
97Kb / 2P
   POWER INDUCTORS
CR105 SUMIDA-CR105 Datasheet
104Kb / 2P
   POWER INDUCTORS
CR43 SUMIDA-CR43 Datasheet
40Kb / 2P
   POWER INDUCTORS
CR75 SUMIDA-CR75_06 Datasheet
160Kb / 2P
   POWER INDUCTORS
RCP-195D SUMIDA-RCP-195D Datasheet
156Kb / 2P
   POWER INDUCTORS
CMD-6L SUMIDA-CMD-6L Datasheet
131Kb / 2P
   Power Inductors
CEP12D38 SUMIDA-CEP12D38_06 Datasheet
158Kb / 2P
   POWER INDUCTORS
CDRH8D43 SUMIDA-CDRH8D43_1 Datasheet
162Kb / 2P
   POWER INDUCTORS < SMD Type: CDRH Series>
CDRH8D38 SUMIDA-CDRH8D38_1 Datasheet
136Kb / 2P
   POWER INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com