Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR32NP-1R8MB Datasheet(PDF) 2 Page - Sumida Corporation

Part # CR32NP-1R8MB
Description  POWER INDUCTORS Type: CR Series>
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CR32NP-1R8MB Datasheet(HTML) 2 Page - Sumida Corporation

  CR32NP-1R8MB Datasheet HTML 1Page - Sumida Corporation CR32NP-1R8MB Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Type: CR32
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
POWER INDUCTORS <SMD Type: CR Series>
◆ Specification
Part Name
Stamp
Inductance
[within](μH)※1
D.C.R.(mΩ)
[max.]at 20℃
Rated Current
(mA) ※2
CR32NP-1RØM□
1.0 ± 20%
72
2100
CR32NP-1R2M□
1.2 ± 20%
78
1700
CR32NP-1R5M□
1.5 ± 20%
85
1500
CR32NP-1R8M□
1.8 ± 20%
91
1320
CR32NP-2R2M□
2.2 ± 20%
104
1280
CR32NP-2R7M□
2.7 ± 20%
111
1240
CR32NP-3R3M□
3.3 ± 20%
137
1180
CR32NP-3R9M□
3.9 ± 20%
143
1150
CR32NP-4R7M□
4.7 ± 20%
170
1040
CR32NP-5R6M□
5.6 ± 20%
176
1000
CR32NP-6R8M□
6.8 ± 20%
202
880
CR32NP-7R4M□
7.4 ± 20%
215
840
CR32NP-8R2M□
8.2 ± 20%
228
780
CR32NP-1ØØK□
10 ± 10%
230
760
CR32NP-12ØK□
12 ± 10%
270
685
CR32NP-15ØK□
15 ± 10%
310
635
CR32NP-18ØK□
18 ± 10%
410
525
CR32NP-22ØK□
22 ± 10%
470
500
CR32NP-27ØK□
27 ± 10%
660
405
CR32NP-33ØK□
33 ± 10%
760
380
CR32NP-39ØK□
39 ± 10%
850
355
CR32NP-47ØK□
47 ± 10%
970
330
CR32NP-56ØK□
56 ± 10%
1250
290
CR32NP-68ØK□
68 ± 10%
1450
275
CR32NP-82ØK□
82 ± 10%
1850
235
CR32NP-1Ø1K□
100 ± 10%
2200
220
CR32NP-121K□
120 ± 10%
2900
185
CR32NP-151K□
150 ± 10%
3400
170
CR32NP-181K□
180 ± 10%
3900
165
CR32NP-221K□
220 ± 10%
4500
155
CR32NP-271K□
270 ± 10%
6000
135
CR32NP-331K□
330 ± 10%
7000
125
CR32NP-391K□
390 ± 10%
7800
115
※ Description of part name
CR32NP-1RØM□
※1.Measuring frequency
1.0μH ∼ 8.2μH
at
7.96 MHz
10μH ∼ 390μH
at
100 kHz
※2. Rated current: The D.C. current at which the inductance decreases to 90% of it’s initial value or when
△t=40℃, whichever is lower(Ta=20℃).
B Box
C Carrier Tape


Similar Part No. - CR32NP-1R8MB

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CR32 SUMIDA-CR32 Datasheet
124Kb / 2P
   XCCCPOWER INDUCTORS
CR32 SUMIDA-CR32 Datasheet
239Kb / 1P
   POWER INDUCTORS (SMD Type)
logo
List of Unclassifed Man...
CR32-1-1 ETC2-CR32-1-1 Datasheet
184Kb / 1P
   Material Rivet Nylon 6/6, Mandrel Polycarbonate
logo
Monolithic Power System...
CR32-100 MPS-CR32-100 Datasheet
469Kb / 12P
   1.6MHz Synchronous Step-Down plus 200mA LDO
CR32-100 MPS-CR32-100 Datasheet
448Kb / 10P
   1.7MHz, 600mA Synchronous Step-Down Converter
More results

Similar Description - CR32NP-1R8MB

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CR54 SUMIDA-CR54 Datasheet
40Kb / 2P
   POWER INDUCTORS
CR105 SUMIDA-CR105 Datasheet
104Kb / 2P
   POWER INDUCTORS
CR5D11 SUMIDA-CR5D11_06 Datasheet
188Kb / 2P
   POWER INDUCTORS
CR43 SUMIDA-CR43 Datasheet
40Kb / 2P
   POWER INDUCTORS
CR75 SUMIDA-CR75_06 Datasheet
160Kb / 2P
   POWER INDUCTORS
RCP-195D SUMIDA-RCP-195D Datasheet
156Kb / 2P
   POWER INDUCTORS
CMD-6L SUMIDA-CMD-6L Datasheet
131Kb / 2P
   Power Inductors
CEP12D38 SUMIDA-CEP12D38_06 Datasheet
158Kb / 2P
   POWER INDUCTORS
CDRH8D43 SUMIDA-CDRH8D43_1 Datasheet
162Kb / 2P
   POWER INDUCTORS < SMD Type: CDRH Series>
CDRH8D38 SUMIDA-CDRH8D38_1 Datasheet
136Kb / 2P
   POWER INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com