Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE930 Datasheet(PDF) 3 Page - NTE Electronics

Part # NTE930
Description  Linear Integrated Circuit BiMOS Operational Amp
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE930 Datasheet(HTML) 3 Page - NTE Electronics

  NTE930 Datasheet HTML 1Page - NTE Electronics NTE930 Datasheet HTML 2Page - NTE Electronics NTE930 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Pin Connection Diagram
(Top View)
8
7
6
5
4
3
2
1
Phase Comp/Offset Null
Invert Input
Non−Invert Input
V/Case
Offset Null
Output
V+
Phase Comp/
Strobe
.370 (9.39) Dia Max
.335 (8.52) Dia Max
.018 (0.45) Dia Typ
.032 (0.82)
45
°
.177 (4.5)
Max
.492
(12.5)
Min
.200
(5.06)
Dia
1
2
3
4
5
6
7
8


Similar Part No. - NTE930

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE93 NTE-NTE93 Datasheet
20Kb / 2P
   Silicon Complementary Transistors Hi-Fi Power Amp, Audio Ourtput
NTE931 NTE-NTE931 Datasheet
24Kb / 2P
   Integrated Circuit 3-Terminal Positive Voltage Regulator 5V, 3A
NTE932 NTE-NTE932 Datasheet
25Kb / 2P
   Integrated Circuit 3-Terminal Positive Voltage Regulator 5V, 5A
NTE933 NTE-NTE933 Datasheet
24Kb / 2P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, 12V, 5A
NTE934 NTE-NTE934 Datasheet
23Kb / 2P
   Integrated Circuit Positive 3 Terminal Voltage Regulator 13.8V 짹5%, 5A
More results

Similar Description - NTE930

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE867 NTE-NTE867 Datasheet
95Kb / 4P
   Integrated Circuit BiMOS Input Op−Amp
NTE945 NTE-NTE945 Datasheet
75Kb / 3P
   Integrated Circuit Operational Amp
NTE7144 NTE-NTE7144 Datasheet
31Kb / 4P
   Integrated Circuit BIMOS Operational Amplifier w/MOSFET Input, Bipolar Output
NTE996 NTE-NTE996 Datasheet
23Kb / 3P
   Linear Integrated Circuit Operational Transconductance Amplifier
NTE870 NTE-NTE870 Datasheet
25Kb / 3P
   Integrated Circuit Dual Operational Transconductance Amp
NTE7141 NTE-NTE7141 Datasheet
34Kb / 4P
   Integrated Circuit Dual BIMOS Operational Amplifier w/MOSFET Input, Bipolar Output
logo
KEC(Korea Electronics)
KIA75S358F KEC-KIA75S358F Datasheet
88Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (SINGLE OPERATIONAL AMPLIFIER)
KIA324P KEC-KIA324P Datasheet
81Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (QUAD OPERATIONAL AMPLIFIER)
KIA358P KEC-KIA358P Datasheet
88Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (DUAL OPERATIONAL AMPLIFIER)
logo
NTE Electronics
NTE871 NTE-NTE871 Datasheet
28Kb / 3P
   Integrated Circuit Wideband High Speed Operational Amp
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com