Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD74HC4046A Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC4046A
Description  High-Speed CMOS Logic Phase-Locked Loop with VCO
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC4046A Datasheet(HTML) 11 Page - Texas Instruments

Back Button CD74HC4046A Datasheet HTML 7Page - Texas Instruments CD74HC4046A Datasheet HTML 8Page - Texas Instruments CD74HC4046A Datasheet HTML 9Page - Texas Instruments CD74HC4046A Datasheet HTML 10Page - Texas Instruments CD74HC4046A Datasheet HTML 11Page - Texas Instruments CD74HC4046A Datasheet HTML 12Page - Texas Instruments CD74HC4046A Datasheet HTML 13Page - Texas Instruments CD74HC4046A Datasheet HTML 14Page - Texas Instruments CD74HC4046A Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
11
Center Frequency
C1 = 40pF
R1 = 3kΩ
R2 =
VCOIN =
VCC/2
3
7
10
-
-
-
-
-
MHz
4.5
12
17
-
-
-
-
-
MHz
6
14
21
-
-
-
-
-
MHz
Frequency Linearity
∆fVCO
R1 = 100kΩ
R2 =
C1 = 100pF
3
-
0.4
-
-
-
-
-
%
4.5
-
0.4
-
-
-
-
-
%
6
-
0.4
-
-
-
-
-
%
Offset Frequency
R2 = 220kΩ
C1 = 1nF
3
-
400
-
-
-
-
-
kHz
4.5
-
400
-
-
-
-
-
kHz
6
-
400
-
-
-
-
-
kHz
DEMODULATOR SECTION
VOUT VS fIN
R1 = 100kΩ
R2 =
C1 = 100pF
RS = 10kΩ
R3 = 100kΩ
C2 = 100pF
3
-
-
-
-
-
-
-
mV/kHz
4.5
-
330
-
-
-
-
-
mV/kHz
6
-
-
-
-
-
-
-
mV/kHz
HCT TYPES
PHASE COMPARATOR SECTION
Propagation Delay
tPHL, tPLH
SIGIN, COMPIN to PCIOUT
CL = 50pF
4.5
-
-
45
-
56
-
68
ns
SIGIN, COMPIN to PCPOUT tPHL, tPLH
CL = 50pF
4.5
-
-
68
-
85
-
102
ns
SIGIN, COMPIN to PC3OUT tPHL, tPLH
CL = 50pF
4.5
-
-
58
-
73
-
87
ns
Output Transition Time
tTLH, tTHL
CL = 50pF
4.5
-
-
15
-
19
-
22
ns
Output Enable Time, SIGIN,
COMPIN to PC2OUT
tPZH, tPZL
CL = 50pF
4.5
-
-
60
-
75
-
90
pF
Output Disable Time, SIGIN,
COMPIN to PCZOUT
tPHZ, tPLZ
CL = 50pF
4.5
-
-
68
-
85
-
102
pF
AC Coupled Input Sensitivity
(P-P) at SIGIN or COMPI
VI(P-P)
4.5
-
15
-
-
-
-
-
mV
VCO SECTION
Frequency Stability with
Temperature Change
∆f
∆T
R1 = 100kΩ,
R2 =
4.5
-
0.11
-
-
-
-
-
%/oC
Maximum Frequency
fMAX
C1 = 50pF
R1 = 3.5kΩ
R2 =
4.5
-
24
-
-
-
-
-
MHz
C1 = 0pF
R1 = 9.1kΩ
R2 =
4.5
-
38
-
-
-
-
-
MHz
Center Frequency
C1 = 40pF
R1 = 3kΩ
R2 =
VCOIN =
VCC/2
4.5
12
17
-
-
-
-
-
MHz
Frequency Linearity
∆fVCO
R1 = 100kΩ
R2 =
C1 = 100pF
4.5
-
0.4
-
-
-
-
-
%
Switching Specifications CL = 50pF, Input tr, tf = 6ns (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oC TO
85oC
-55oC TO
125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
CD54HC4046A, CD74HC4046A, CD54HCT4046A, CD74HCT4046A


Similar Part No. - CD74HC4046A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC4046A TI-CD74HC4046A Datasheet
316Kb / 28P
[Old version datasheet]   High-Speed CMOS Logic Phase-Locked Loop with VCO
CD74HC4046A TI-CD74HC4046A Datasheet
505Kb / 32P
[Old version datasheet]   High-Speed CMOS Logic Phase-Locked Loop with VCO
CD74HC4046AE TI-CD74HC4046AE Datasheet
316Kb / 28P
[Old version datasheet]   High-Speed CMOS Logic Phase-Locked Loop with VCO
CD74HC4046AE TI-CD74HC4046AE Datasheet
505Kb / 32P
[Old version datasheet]   High-Speed CMOS Logic Phase-Locked Loop with VCO
CD74HC4046AEE4 TI-CD74HC4046AEE4 Datasheet
316Kb / 28P
[Old version datasheet]   High-Speed CMOS Logic Phase-Locked Loop with VCO
More results

Similar Description - CD74HC4046A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC4046A TI-CD74HC4046A Datasheet
316Kb / 28P
[Old version datasheet]   High-Speed CMOS Logic Phase-Locked Loop with VCO
SN74LV4046A TI-SN74LV4046A_10 Datasheet
503Kb / 15P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC PHASE-LOCKED LOOP WITH VCO
SN74LV4046A TI-SN74LV4046A_08 Datasheet
536Kb / 15P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC PHASE-LOCKED LOOP WITH VCO
CD54HC4046A TI-CD54HC4046A_07 Datasheet
505Kb / 32P
[Old version datasheet]   High-Speed CMOS Logic Phase-Locked Loop with VCO
SN74LV4046A TI-SN74LV4046A Datasheet
297Kb / 12P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC PHASE-LOCKED LOOP WITH VCO
SN74LV4046A TI1-SN74LV4046A_15 Datasheet
1Mb / 26P
[Old version datasheet]   High-Speed CMOS Logic Phase-Locked Loop
CD74HC297 TI1-CD74HC297 Datasheet
255Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Digital Phase-Locked Loop
CD54HC297 TI1-CD54HC297_14 Datasheet
251Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Digital Phase-Locked Loop
CD54HC297 TI-CD54HC297 Datasheet
243Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Digital Phase-Locked Loop
CD74HC297 TI-CD74HC297 Datasheet
97Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic Digital Phase-Locked-Loop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com