Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC1111F32RSPR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CC1111F32RSPR
Description  Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
Download  243 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1111F32RSPR Datasheet(HTML) 4 Page - Texas Instruments

  CC1111F32RSPR Datasheet HTML 1Page - Texas Instruments CC1111F32RSPR Datasheet HTML 2Page - Texas Instruments CC1111F32RSPR Datasheet HTML 3Page - Texas Instruments CC1111F32RSPR Datasheet HTML 4Page - Texas Instruments CC1111F32RSPR Datasheet HTML 5Page - Texas Instruments CC1111F32RSPR Datasheet HTML 6Page - Texas Instruments CC1111F32RSPR Datasheet HTML 7Page - Texas Instruments CC1111F32RSPR Datasheet HTML 8Page - Texas Instruments CC1111F32RSPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 243 page
background image
CC1110Fx / CC1111Fx
SWRS033F
Page 4 of 242
1
Abbreviation
∆Σ
Delta-Sigma
ADC
Analog to Digital Converter
AES
Advanced Encryption Standard
AGC
Automatic Gain Control
ARIB
Association of Radio Industries and
Businesses
ASK
Amplitude Shift Keying
BCD
Binary Coded Decimal
BER
Bit Error Rate
BOD
Brown Out Detector
CBC
Cipher Block Chaining
CBC-MAC
Cipher Block Chaining Message
Authentication Code
CCA
Clear Channel Assessment
CCM
Counter mode + CBC-MAC
CFB
Cipher Feedback
CFR
Code of Federal Regulations
CMOS
Complementary Metal Oxide Semiconductor
CPU
Central Processing Unit
CRC
Cyclic Redundancy Check
CTR
Counter mode (encryption)
DAC
Digital to Analog Converter
DMA
Direct Memory Access
DSM
Delta-Sigma Modulator
ECB
Electronic Code Book
EM
Evaluation Module
ENOB
Effective Number of Bits
EP{0 - 5}
USB Endpoints 0 - 5
ESD
Electro Static Discharge
ESR
Equivalent Series Resistance
ETSI
European Telecommunications Standard
Institute
FCC
Federal Communications Commision
FIFO
First In First Out
GPIO
General Purpose Input / Output
HSSD
High Speed Serial Debug
HW
Hardware
I/O
Input / Output
I/Q
In-phase / Quadrature-phase
I
2S
Inter-IC Sound
IF
Intermediate Frequency
IOC
I/O Controller
ISM
Industrial, Scientific and Medical
ISR
Interrupt Service Routine
IV
Initialization Vector
JEDEC
Joint Electron Device Engineering Council
KB
Kilo Bytes (1024 bytes)
kbps
kilo bits per second
LFSR
Linear Feedback Shift Register
LNA
Low-Noise Amplifier
LO
Local Oscillator
LQI
Link Quality Indication
LSB
Least Significant Bit / Byte
MAC
Medium Access Control
MCU
Microcontroller Unit
MISO
Master In Slave Out
MOSI
Master Out Slave In
MSB
Most Significant Bit / Byte
NA
Not Applicable
OFB
Output Feedback (encryption)
OOK
On-Off Keying
PA
Power Amplifier
PCB
Printed Circuit Board
PER
Packet Error Rate
PLL
Phase Locked Loop
PM{0 - 3}
Power Mode 0 -3
PMC
Power Management Controller
POR
Power On Reset
PQI
Preamble Quality Indicator
PWM
Pulse Width Modulator
QLP
Quad Leadless Package
RAM
Random Access Memory
RCOSC
RC Oscillator
RF
Radio Frequency
RoHS
Restriction on Hazardous Substances
RSSI
Receive Signal Strength Indicator
RX
Receive
SCK
Serial Clock
SFD
Start of Frame Delimiter
SFR
Special Function Register
SINAD
Signal-to-noise and distortion ratio
SPI
Serial Peripheral Interface
SRAM
Static Random Access Memory
SW
Software
T/R
Transmit / Receive
TX
Transmit
UART
Universal Asynchronous Receiver/Transmitter
USART
Universal Synchronous/Asynchronous
Receiver/Transmitter
USB
Universal Serial Bus
VCO
Voltage Controlled Oscillator
VGA
Variable Gain Amplifier
WDT
Watchdog Timer
XOSC
Crystal Oscillator


Similar Part No. - CC1111F32RSPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1111F32RSPR TI-CC1111F32RSPR Datasheet
3Mb / 245P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
logo
TEXAS ADVANCED OPTOELEC...
CC1111F32RSPR TAOS-CC1111F32RSPR Datasheet
2Mb / 240P
   Low-power sub-1 GHz RF System-on-Chip (SoC) with MCU, memory, transceiver, and USB controller
logo
Texas Instruments
CC1111F32RSPR TI-CC1111F32RSPR Datasheet
3Mb / 247P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory,Sub-1 GHz RF Transceiver, and USB Controller
CC1111F32RSPR TI-CC1111F32RSPR Datasheet
3Mb / 247P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC1111F32RSPR TI1-CC1111F32RSPR Datasheet
3Mb / 247P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
More results

Similar Description - CC1111F32RSPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1110FX TI-CC1110FX_08 Datasheet
3Mb / 245P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC1110FX TI-CC1110FX_10 Datasheet
3Mb / 247P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC1110F32RHHR TI1-CC1110F32RHHR Datasheet
3Mb / 249P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
logo
TEXAS ADVANCED OPTOELEC...
CC1110FX TAOS-CC1110FX Datasheet
2Mb / 240P
   Low-power sub-1 GHz RF System-on-Chip (SoC) with MCU, memory, transceiver, and USB controller
logo
Texas Instruments
CC1110FX TI-CC1110FX_09 Datasheet
3Mb / 247P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory,Sub-1 GHz RF Transceiver, and USB Controller
CC1110F16 TI1-CC1110F16 Datasheet
3Mb / 247P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC1110F8RHHR TI1-CC1110F8RHHR Datasheet
3Mb / 249P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC2510FX TI-CC2510FX_10 Datasheet
2Mb / 244P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
CC2510F8RHHR TI-CC2510F8RHHR Datasheet
3Mb / 244P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
CC2510F16 TI1-CC2510F16 Datasheet
2Mb / 244P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com