Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC1111F32RSP Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # CC1111F32RSP
Description  Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
Download  243 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1111F32RSP Datasheet(HTML) 9 Page - Texas Instruments

Back Button CC1111F32RSP Datasheet HTML 5Page - Texas Instruments CC1111F32RSP Datasheet HTML 6Page - Texas Instruments CC1111F32RSP Datasheet HTML 7Page - Texas Instruments CC1111F32RSP Datasheet HTML 8Page - Texas Instruments CC1111F32RSP Datasheet HTML 9Page - Texas Instruments CC1111F32RSP Datasheet HTML 10Page - Texas Instruments CC1111F32RSP Datasheet HTML 11Page - Texas Instruments CC1111F32RSP Datasheet HTML 12Page - Texas Instruments CC1111F32RSP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 243 page
background image
CC1110Fx / CC1111Fx
SWRS033F
Page 9 of 242
6
General Characteristics
TA = 25°C, VDD = 3.0 V if nothing else stated
Parameter
Min
Typ
Max
Unit
Condition/Note
Radio part
300
348
MHz
391
464
MHz
Frequency range
782
928
MHz
1.2
500
kBaud
2-FSK (500 kBaud only characterized @ 915
MHz on
CC1110Fx)
1.2
250
kBaud
GFSK, OOK, and ASK
Data rate
26
500
kBaud
(Shaped) MSK (also known as differential
offset QPSK) 500 kBaud only characterized
@ 915 MHz
Optional Manchester encoding (the data rate
in kbps will be half the baud rate)
Wake-Up Timing
PM1
Active Mode
4
µs
Digital regulator on. HS RCOSC and high
speed crystal oscillator off. 32.768 kHz
XOSC or low power RCOSC running.
SLEEP.OSC_PD=1 and CLKCON.OSC=1
PM2
Active Mode
100
µs
Digital regulator off. HS RCOSC and high
speed crystal oscillator off. 32.768 kHz
XOSC or low power RCOSC running
SLEEP.OSC_PD=1 and CLKCON.OSC=1
PM3
Active Mode
100
µs
Digital regulator off. No crystal oscillators or
RC oscillators are running.
SLEEP.OSC_PD=1 and CLKCON.OSC=1
Table 5: General Characteristics


Similar Part No. - CC1111F32RSP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1111F32RSP TI-CC1111F32RSP Datasheet
3Mb / 245P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
logo
TEXAS ADVANCED OPTOELEC...
CC1111F32RSP TAOS-CC1111F32RSP Datasheet
2Mb / 240P
   Low-power sub-1 GHz RF System-on-Chip (SoC) with MCU, memory, transceiver, and USB controller
logo
Texas Instruments
CC1111F32RSP TI-CC1111F32RSP Datasheet
3Mb / 247P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory,Sub-1 GHz RF Transceiver, and USB Controller
CC1111F32RSP TI-CC1111F32RSP Datasheet
3Mb / 247P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC1111F32RSP TI1-CC1111F32RSP Datasheet
3Mb / 247P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
More results

Similar Description - CC1111F32RSP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1110FX TI-CC1110FX_08 Datasheet
3Mb / 245P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC1110FX TI-CC1110FX_10 Datasheet
3Mb / 247P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC1110F32RHHR TI1-CC1110F32RHHR Datasheet
3Mb / 249P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
logo
TEXAS ADVANCED OPTOELEC...
CC1110FX TAOS-CC1110FX Datasheet
2Mb / 240P
   Low-power sub-1 GHz RF System-on-Chip (SoC) with MCU, memory, transceiver, and USB controller
logo
Texas Instruments
CC1110FX TI-CC1110FX_09 Datasheet
3Mb / 247P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory,Sub-1 GHz RF Transceiver, and USB Controller
CC1110F16 TI1-CC1110F16 Datasheet
3Mb / 247P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC1110F8RHHR TI1-CC1110F8RHHR Datasheet
3Mb / 249P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC2510FX TI-CC2510FX_10 Datasheet
2Mb / 244P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
CC2510F8RHHR TI-CC2510F8RHHR Datasheet
3Mb / 244P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
CC2510F16 TI1-CC2510F16 Datasheet
2Mb / 244P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com