Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MOC8111SVM Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # MOC8111SVM
Description  6-Pin DIP Optocoupler for Power Supply Applications (No Base Connection)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MOC8111SVM Datasheet(HTML) 2 Page - Fairchild Semiconductor

  MOC8111SVM Datasheet HTML 1Page - Fairchild Semiconductor MOC8111SVM Datasheet HTML 2Page - Fairchild Semiconductor MOC8111SVM Datasheet HTML 3Page - Fairchild Semiconductor MOC8111SVM Datasheet HTML 4Page - Fairchild Semiconductor MOC8111SVM Datasheet HTML 5Page - Fairchild Semiconductor MOC8111SVM Datasheet HTML 6Page - Fairchild Semiconductor MOC8111SVM Datasheet HTML 7Page - Fairchild Semiconductor MOC8111SVM Datasheet HTML 8Page - Fairchild Semiconductor MOC8111SVM Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
©2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
MOC8111M, MOC8112M, MOC8113M Rev. 1.0.0
2
Absolute Maximum Ratings (T
A = 25°C Unless otherwise specified.)
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Value
Unit
TOTAL DEVICE
PD
Total Device Power Dissipation @ TA = 25°C
260
mW
Derate above 25°C
3.5
mW/°C
TOPR
Ambient Operating Temperature Range
-40 to +100
°C
TSTG
Storage Temperature Range
-40 to +150
°C
TSOL
Lead Soldering Temperature (Wave Solder)
(1/16" from case, 10 sec. duration)
260
°C
INPUT LED
IF
Forward Current – Continuous
90
mA
IF(pk)
Forward Current – Peak (PW = 1µs, 300pps)
3
A
VR
Reverse Voltage
6
V
PD
LED Power Dissipation @ TA = 25°C
135
mW
Derate above 25°C
1.8
mW/°C
OUTPUT TRANSISTOR
PD
Detector Power Dissipation @ TA = 25°C
200
mW
Derate above 25°C
2.67
mW/°C


Similar Part No. - MOC8111SVM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC8111SVM FAIRCHILD-MOC8111SVM Datasheet
254Kb / 9P
   6-Pin DIP Optocoupler for Power Supply Applications
More results

Similar Description - MOC8111SVM

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MOC8101 MOTOROLA-MOC8101 Datasheet
188Kb / 4P
   6-Pin DIP Optoisolators for Power Supply Applications(No Base Connection)
logo
Fairchild Semiconductor
MOC8111 FAIRCHILD-MOC8111_04 Datasheet
188Kb / 10P
   6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS (NO BASE CONNECTION)
MOC8101 FAIRCHILD-MOC8101 Datasheet
177Kb / 10P
   6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS (NO BASE CONNECTION)
logo
Motorola, Inc
MOC8106 MOTOROLA-MOC8106 Datasheet
198Kb / 6P
   6-Pin DIP Optoisolators for Power Supply Applications(No Base Connection)
logo
Fairchild Semiconductor
MOC8112M_0810 FAIRCHILD-MOC8112M_0810 Datasheet
254Kb / 9P
   6-Pin DIP Optocoupler for Power Supply Applications
logo
Motorola, Inc
MOC119 MOTOROLA-MOC119 Datasheet
265Kb / 6P
   6-Pin DIP Optoisolator Darlington Output(No Base Connection)
MOC8050 MOTOROLA-MOC8050 Datasheet
274Kb / 6P
   6-Pin DIP Optoisolators Darlington Ouput(No Base Connection)
MOC8111 MOTOROLA-MOC8111 Datasheet
276Kb / 6P
   6-Pin DIP Optoisolators Transistor Output(No Base Connection)
logo
Fairchild Semiconductor
CNY17F23S FAIRCHILD-CNY17F23S Datasheet
566Kb / 12P
   6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS
logo
QT Optoelectronics
CNY17F-1 QT-CNY17F-1 Datasheet
100Kb / 5P
   6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com