Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MOC8111TM Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # MOC8111TM
Description  6-Pin DIP Optocoupler for Power Supply Applications (No Base Connection)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MOC8111TM Datasheet(HTML) 7 Page - Fairchild Semiconductor

  MOC8111TM Datasheet HTML 1Page - Fairchild Semiconductor MOC8111TM Datasheet HTML 2Page - Fairchild Semiconductor MOC8111TM Datasheet HTML 3Page - Fairchild Semiconductor MOC8111TM Datasheet HTML 4Page - Fairchild Semiconductor MOC8111TM Datasheet HTML 5Page - Fairchild Semiconductor MOC8111TM Datasheet HTML 6Page - Fairchild Semiconductor MOC8111TM Datasheet HTML 7Page - Fairchild Semiconductor MOC8111TM Datasheet HTML 8Page - Fairchild Semiconductor MOC8111TM Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
©2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
MOC8111M, MOC8112M, MOC8113M Rev. 1.0.0
7
Ordering Information
Marking Information
Option
Example Part Number
Description
No Suffix
MOC8111M
Through Hole
S
MOC8111SM
Surface Mount Lead Bend
SR2
MOC8111SR2M
Surface Mount; Tape and Reel
T
MOC8111TM
0.4" Lead Spacing
V
MOC8111VM
VDE 0884
TV
MOC8111TVM
IEC60747-5-2 (VDE), 0.4" Lead Spacing
SV
MOC8111SVM
IEC60747-5-2 (VDE), Surface Mount
SR2V
MOC8111SR2VM
IEC60747-5-2 (VDE), Surface Mount, Tape and Reel
MOC8111M
V
X YY Q
1
2
6
4
3
5
Definitions
1Fairchild logo
2Device number
3
VDE mark (Note: Only appears on parts ordered with VDE
option – See order entry table)
4
One digit year code, e.g., ‘7’
5Two digit work week ranging from ‘01’ to ‘53’
6
Assembly package code


Similar Part No. - MOC8111TM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC8111TM FAIRCHILD-MOC8111TM Datasheet
254Kb / 9P
   6-Pin DIP Optocoupler for Power Supply Applications
More results

Similar Description - MOC8111TM

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MOC8101 MOTOROLA-MOC8101 Datasheet
188Kb / 4P
   6-Pin DIP Optoisolators for Power Supply Applications(No Base Connection)
logo
Fairchild Semiconductor
MOC8111 FAIRCHILD-MOC8111_04 Datasheet
188Kb / 10P
   6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS (NO BASE CONNECTION)
MOC8101 FAIRCHILD-MOC8101 Datasheet
177Kb / 10P
   6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS (NO BASE CONNECTION)
logo
Motorola, Inc
MOC8106 MOTOROLA-MOC8106 Datasheet
198Kb / 6P
   6-Pin DIP Optoisolators for Power Supply Applications(No Base Connection)
logo
Fairchild Semiconductor
MOC8112M_0810 FAIRCHILD-MOC8112M_0810 Datasheet
254Kb / 9P
   6-Pin DIP Optocoupler for Power Supply Applications
logo
Motorola, Inc
MOC119 MOTOROLA-MOC119 Datasheet
265Kb / 6P
   6-Pin DIP Optoisolator Darlington Output(No Base Connection)
MOC8050 MOTOROLA-MOC8050 Datasheet
274Kb / 6P
   6-Pin DIP Optoisolators Darlington Ouput(No Base Connection)
MOC8111 MOTOROLA-MOC8111 Datasheet
276Kb / 6P
   6-Pin DIP Optoisolators Transistor Output(No Base Connection)
logo
Fairchild Semiconductor
CNY17F23S FAIRCHILD-CNY17F23S Datasheet
566Kb / 12P
   6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS
logo
QT Optoelectronics
CNY17F-1 QT-CNY17F-1 Datasheet
100Kb / 5P
   6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com