Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CEI122NP-100M Datasheet(PDF) 4 Page - Sumida Corporation

Part # CEI122NP-100M
Description  POWER INDUCTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CEI122NP-100M Datasheet(HTML) 4 Page - Sumida Corporation

  CEI122NP-100M Datasheet HTML 1Page - Sumida Corporation CEI122NP-100M Datasheet HTML 2Page - Sumida Corporation CEI122NP-100M Datasheet HTML 3Page - Sumida Corporation CEI122NP-100M Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
POWER INDUCTORS <SMD Type: CEI Series>
Type: CEI122 , CEI122B
Please refer to the sales offices on our website for a representative near you
www.sumida.com
4/4
Specification(CEI122B)
1.Standard Specification
Saturation Current
A)※1
Part Name
Stamp
Inductance
Within]
100kHz
D.C.R.(mΩ)
Max.(Typ.)
(at 20℃)
(at 20℃)
(at 100℃)
Temperature
Rise current
(A) ※2
CEI122BNP-1R2M□
1R2M
1.2μH±20%
16.7(13.9)
10.7
8.6
5.9
CEI122BNP-2R1M□
2R1M
2.1μH±20%
20.0(16.6)
8.0
6.2
5.1
CEI122BNP-3R3M□
3R3M
3.3μH±20%
23.8(19.8)
6.2
5.2
4.7
CEI122BNP-4R6M□
4R6M
4.6μH±20%
27.6(23.0)
5.0
3.9
4.2
CEI122BNP-6R4M□
6R4M
6.4μH±20%
37.0(30.5)
4.3
3.7
4.0
CEI122BNP-8R2M□
8R2M
8.2μH±20%
36.0(30.0)
3.8
3.2
3.6
CEI122BNP-1ØØM□
100M
10.0μH±20%
40.2(33.5)
3.4
2.8
3.4
CEI122BNP-13ØM□
130M
13.0μH±20%
44.4(37.0)
2.9
2.5
3.2
CEI122BNP-15ØM□
150M
15.0μH±20%
76.0(62.2)
2.7
2.4
2.2
CEI122BNP-19ØM□
190M
19.0μH±20%
88.8(73.8)
2.5
2.1
2.1
CEI122BNP-22ØM□
220M
22.0μH±20%
95.5(79.0)
2.3
2.0
2.0
2.High Specification
Saturation Current
A)※1
Part Name
Stamp
Inductance
Within]
100kHz
D.C.R.(mΩ)
Max.(Typ.)
(at 20℃)
(at 20℃)
(at 100℃)
Temperature
Rise current
(A) ※2
CEI122BNP-ØR7M□-H
0R7MH
0.7μH±20%
16.7(13.9)
17.0
13.5
5.9
CEI122BNP-1R2M□-H
1R2MH
1.2μH±20%
20.0(16.6)
12.8
10.4
5.1
CEI122BNP-2RØM□-H
2R0MH
2.0μH±20%
23.8(19.8)
10.2
8.2
4.7
CEI122BNP-3RØM□-H
3R0MH
3.0μH±20%
27.6(23.0)
8.2
6.6
4.2
CEI122BNP-4R2M□-H
4R2MH
4.2μH±20%
37.0(30.5)
6.9
5.6
4.0
CEI122BNP-5R6M□-H
5R6MH
5.6μH±20%
36.0(30.0)
5.8
4.8
3.6
CEI122BNP-7RØM□-H
7R0MH
7.0μH±20%
40.2(33.5)
5.2
4.2
3.4
CEI122BNP-8R6M□-H
8R6MH
8.6μH±20%
44.4(37.0)
4.6
3.9
3.2
CEI122BNP-1ØØM□-H
100MH 10.0μH±20%
76.0(62.2)
4.3
3.6
2.2
CEI122BNP-12ØM□-H
120MH 12.0μH±20%
88.8(73.8)
3.4
3.5
2.1
CEI122BNP-15ØM□-H
150MH 15.0μH±20%
95.5(79.0)
3.6
3.2
2.0
Description of part name
CEI122BNP-1R2M□-H
1.Saturation Current: The DC current at which the inductance decreases to 75% of it's nominal value
2 Temperature rise current:The DC current at which the temperature rise is △t=40℃.(Ta=20℃)
(Ta=20℃).
B Box
C Carrier Tape


Similar Part No. - CEI122NP-100M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CEI122 SUMIDA-CEI122 Datasheet
250Kb / 1P
   POWER INDUCTORS (SMD Type)
CEI122-0R7MB SUMIDA-CEI122-0R7MB Datasheet
250Kb / 1P
   POWER INDUCTORS (SMD Type)
CEI122-0R7MB-H SUMIDA-CEI122-0R7MB-H Datasheet
250Kb / 1P
   POWER INDUCTORS (SMD Type)
CEI122-0R7MB-HH SUMIDA-CEI122-0R7MB-HH Datasheet
250Kb / 1P
   POWER INDUCTORS (SMD Type)
CEI122-0R7MBH SUMIDA-CEI122-0R7MBH Datasheet
250Kb / 1P
   POWER INDUCTORS (SMD Type)
More results

Similar Description - CEI122NP-100M

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com