Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5308YD6 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5308YD6
Description  Low VIN/VOUT 150mA High PSRR ULDO with Ultra-Low IQ
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5308YD6 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5308YD6 Datasheet HTML 1Page - Micrel Semiconductor MIC5308YD6 Datasheet HTML 2Page - Micrel Semiconductor MIC5308YD6 Datasheet HTML 3Page - Micrel Semiconductor MIC5308YD6 Datasheet HTML 4Page - Micrel Semiconductor MIC5308YD6 Datasheet HTML 5Page - Micrel Semiconductor MIC5308YD6 Datasheet HTML 6Page - Micrel Semiconductor MIC5308YD6 Datasheet HTML 7Page - Micrel Semiconductor MIC5308YD6 Datasheet HTML 8Page - Micrel Semiconductor MIC5308YD6 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MIC5308
Low VIN/VOUT 150mA High PSRR
ULDO™ with Ultra-Low IQ
ULDO is a trademark of Micrel, Inc.
MLF and MicroLeadFrame are registered trademarks of Amkor Technology, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
November 2007
M9999-110807-B
General Description
The MIC5308 is a high performance, µCap low dropout
regulator, offering ultra-low operating current while
maintaining very fast transient response. The MIC5308
can source up to 150mA of output current and can
regulate down from a low input supply voltage to increase
system efficiency.
Ideal for battery operated applications; the MIC5308 offers
extremely low dropout voltage 45mV typically @ 150mA,
and low ground current at all load conditions (typically
23µA). The MIC5308 can also be put into a zero-off-mode
current state, drawing virtually no current when disabled.
The MIC5308 is available in fixed output voltages in the
tiny 6-pin 1.6mm x 1.6mm thin MLF
® leadless package as
well as the 6-pin TSOT-23 for cost sensitive applications.
Data sheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Features
• Input voltage range: 1.6V to 5.5V
• Guaranteed 150mA over temperature
• Ultra Low dropout voltage of 45mV at 150mA
• High PSRR, up to 90dB @ 1kHz
• Output Voltage range: 0.8V to 2.0V
• Very low ground current – 23µA under full load
• Bias supply voltage range: 2.5V to 5.5V
• Stable with 1µF ceramic output capacitor
• 150mA maximum output current at 1.6V input voltage
• Very fast transient response – ideal for digital loads
• Thermal shutdown and current limit protection
• Tiny 6-pin 1.6mm x 1.6mm Thin MLF® package
• Cost effective 6-pin TSOT-23 package
Applications
• Mobile Phones
• PDAs
• GPS Receivers
• Portable Electronics
___________________________________________________________________________________________________________
Typical Application
VOUT
BIAS
VIN
MIC5308
EN
BYP
GND
CBYP
10nF
COUT
1µF
CIN
1µF
CBIAS
1µF
MIC23050
DC-to-DC
Converter
Li-Ion
2.7V to 4.2V
1.2V / 150mA


Similar Part No. - MIC5308YD6

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5308YD6 MICREL-MIC5308YD6 Datasheet
382Kb / 11P
   Low VIN/VOUT 150mA High PSRR ULDO with Ultra-Low IQ
More results

Similar Description - MIC5308YD6

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5308 MICREL-MIC5308_08 Datasheet
382Kb / 11P
   Low VIN/VOUT 150mA High PSRR ULDO with Ultra-Low IQ
MIC5309 MICREL-MIC5309 Datasheet
353Kb / 11P
   Low VIN/VOUT 300mA High PSRR ULDO??with Ultra-Low IQ
MIC5309 MICREL-MIC5309_08 Datasheet
355Kb / 11P
   Low VIN/VOUT 300mA High PSRR ULDO with Ultra-Low IQ
MIC5325 MICREL-MIC5325_10 Datasheet
375Kb / 11P
   Low VIN/VOUT 400mA ULDO with Ultra-Low IQ
MIC5325 MICREL-MIC5325_11 Datasheet
407Kb / 11P
   Low VIN/VOUT 400mA ULDO??with Ultra-Low IQ
MIC5325 MICREL-MIC5325 Datasheet
293Kb / 11P
   Low VIN/VOUT 400mA ULDO??with Ultra-Low IQ
MIC5283 MICREL-MIC5283_12 Datasheet
962Kb / 19P
   120VIN, 150mA, Ultra-Low IQ, High-PSRR Linear Regulator
MAQ5283 MICREL-MAQ5283 Datasheet
828Kb / 14P
   120VIN, 150mA, Ultra-Low IQ, High-PSRR Linear Regulator
logo
Renesas Technology Corp
ISL9016A RENESAS-ISL9016A Datasheet
753Kb / 11P
   150mA Dual LDO with Low Noise, High PSRR and Low IQ
August 3, 2016
ISL9016 RENESAS-ISL9016 Datasheet
558Kb / 11P
   150mA Dual LDO with Low Noise, High PSRR, and Low IQ
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com