Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

J10218 Datasheet(PDF) 1 Page - Sumida Corporation

Part # J10218
Description  ADSL Transformer< SMD Type: CEP Series>
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

J10218 Datasheet(HTML) 1 Page - Sumida Corporation

  J10218 Datasheet HTML 1Page - Sumida Corporation J10218 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ADSL Transformer< SMD Type: CEP Series>
Type: CEP911
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/2
Product Description
・10.0×10.0mm Max.(L×W),11.5mm Max. Height.
◆ Feature
・xDSL line transformer.
・Ideally used in ADSL/VDSL Central Office.
・Approved by Conexant,Infineon and TI.
・RoHS Compliance.
Dimensions (mm)
◆ Land Pattern (mm)
◆Schematics(Bottom)
7.5
[0.295]
8.7
[0.343]
1.2
[0.047]
2.5
[0.098]
10.0 MAX
[.394]
10.0 MAX
[.394]
Part Number
Date Code
Country of Origin
sumida
11.5 MAX
6x2.5
[.098]
8x0.6
[.024]
1
4
8
5
1
8
4
5
1
4
8
5
6
7
Line
Chip
3
1
4
8
5
6
7
Line
Chip
3
2
(B)
(A)
2


Similar Part No. - J10218

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J1021AS1 CIT-J1021AS1 Datasheet
572Kb / 2P
   CIT SWITCH
J1021AS112VDC.20 CIT-J1021AS112VDC.20 Datasheet
100Kb / 3P
   High sensitivity
J1021AS112VDC.36 CIT-J1021AS112VDC.36 Datasheet
100Kb / 3P
   High sensitivity
J1021AS112VDC.45 CIT-J1021AS112VDC.45 Datasheet
100Kb / 3P
   High sensitivity
J1021AS124VDC.20 CIT-J1021AS124VDC.20 Datasheet
100Kb / 3P
   High sensitivity
More results

Similar Description - J10218

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CEP710B SUMIDA-CEP710B Datasheet
115Kb / 1P
   ADSL Transformer
CEP1010 SUMIDA-CEP1010 Datasheet
148Kb / 1P
   ADSL Transformer< SMD Type: CEP Series>
CEP1311C SUMIDA-CEP1311C Datasheet
141Kb / 2P
   ADSL Transformer< SMD Type: CEP Series>
CEP79 SUMIDA-CEP79 Datasheet
41Kb / 1P
   ADSL Transformer< SMD Type: CEP Series>
CEP1311E SUMIDA-CEP1311E Datasheet
183Kb / 2P
   ADSL Transformer< SMD Type: CEP Series>
CEP710 SUMIDA-CEP710 Datasheet
173Kb / 2P
   ADSL Transformer< SMD Type: CEP Series>
CEP711 SUMIDA-CEP711 Datasheet
108Kb / 1P
   ADSL Transformer
CEP1311 SUMIDA-CEP1311 Datasheet
152Kb / 2P
   ADSL Transformer< SMD Type: CEP Series>
CEP78B SUMIDA-CEP78B Datasheet
47Kb / 2P
   ADSL Transformer< SMD Type: CEP Series>
CEP912 SUMIDA-CEP912 Datasheet
43Kb / 2P
   ADSL Transformer< SMD Type: CEP Series>
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com