Electronic Components Datasheet Search |
|
M38271M9-XXXGP Datasheet(PDF) 11 Page - Mitsubishi Electric Semiconductor |
|
M38271M9-XXXGP Datasheet(HTML) 11 Page - Mitsubishi Electric Semiconductor |
11 / 70 page 11 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER MITSUBISHI MICROCOMPUTERS 3827 Group I/O PORTS Direction Registers The I/O ports have direction registers which determine the input/ output direction of each individual pin. (P00–P07 and P10–P15 use bit 0 of port P0, P1 direction registers respectively.) When “1” is written to that bit, that pin becomes an output pin. When “0” is written to the bit corresponding to a pin, that pin be- comes an input pin. If data is read from a pin set to output, the value of the port output latch is read, not the value of the pin itself. Pins set to input are floating and the value of that pin can be read. If a pin set to input is written to, only the port output latch is written to and the pin re- mains floating. Port P3 Output Control Register Bit 0 of the port P3 output control register (address 000716) en- ables control of the output of ports P30 to P37. When the bit is set to “1”, the port output function is valid. When resetting, bit 0 of the port P3 output control register is set to “0” (the port output function is invalid.) and ports P30 to P37 are pulled up. Pull-up Control By setting the PULL register A (address 001616) or the PULL reg- ister B (address 001716), ports P0 to P6 can control pull-up with a program. However, the contents of PULL register A and PULL register B do not affect ports programmed as the output ports. The PULL register A setting is invalid for pins set to segment out- put on the segment output enable register. Fig. 9 Structure of PULL register A and PULL register B P00, P01 pull-up P02,P03 pull-up P04–P07 pull-up P10–P13 pull-up P14,P15 pull-up P16,P17 pull-up P20–P23 pull-up P24–P27 pull-up PULL register A (PULLA : address 001616) b7 b0 P41–P43 pull-up P44–P47 pull-up P50–P53 pull-up P54–P57 pull-up P60–P63 pull-up P64–P67 pull-up Not used (return “0” when read) 0 : No pull-up 1 : Pull-up PULL register B (PULLB : address 001716) b7 b0 Note : The contents of PULL register A and PULL register B do not affect ports programmed as the output port. |
Similar Part No. - M38271M9-XXXGP |
|
Similar Description - M38271M9-XXXGP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |