Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B82498F3279000 Datasheet(PDF) 4 Page - EPCOS

Part # B82498F3279000
Description  SMT Inductors, SIMID Series SIMID 0805-F
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82498F3279000 Datasheet(HTML) 4 Page - EPCOS

  B82498F3279000 Datasheet HTML 1Page - EPCOS B82498F3279000 Datasheet HTML 2Page - EPCOS B82498F3279000 Datasheet HTML 3Page - EPCOS B82498F3279000 Datasheet HTML 4Page - EPCOS B82498F3279000 Datasheet HTML 5Page - EPCOS B82498F3279000 Datasheet HTML 6Page - EPCOS B82498F3279000 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
B82498–F****–*–2–7659
Characteristics and ordering codes
LR
Toler–
ance 1)
fL
Qmin
fQ
IR
Rmax
fres,min Ordering code 2)
(
180–mm reel)
nH
MHz
MHz
mA
MHz
Core material: ceramics
2,7
5,6
6,8
8,2
10%
K
250
250
250
250
50
50
50
50
1500
1000
1000
1000
1000
900
800
700
0.03
0.04
0.05
0.09
9000
7000
6000
5000
B82498F3279+000
B82498F3569+000
B82498F3689+000
B82498F3829+000
10
12
15
2%
G
5%
J
250
250
250
50
50
50
500
500
500
700
700
650
0.09
0.09
1.13
5000
4000
3300
B82498F3100+000
B82498F3120+000
B82498F3150+000
18
22
27
2%
G
5%
J
250
250
250
60
60
60
500
500
500
700
700
700
0.08
0.08
0.09
3300
2500
2500
B82498F3180+000
B82498F3220+000
B82498F3270+000
33
39
47
2%
G
5%
J
250
250
200
65
65
65
500
500
500
600
600
600
0.11
0.12
0.13
2200
2100
2000
B82498F3330+000
B82498F3390+000
B82498F3470+000
56
68
82
2%
G
5%
J
200
200
150
60
60
60
500
500
500
600
500
500
0.14
0.18
0.19
1700
1600
1500
B82498F3560+000
B82498F3680+000
B82498F3820+000
100
120
150
2%
G
5%
J
150
150
100
55
50
45
500
250
250
450
440
400
0.28
0.31
0.42
1350
1250
1150
B82498F3101+000
B82498F3121+000
B82498F3151+000
180
220
270
2%
G
5%
J
100
100
100
45
45
45
250
250
250
340
320
270
0.53
0.70
1.0
1050
950
900
B82498F3181+000
B82498F3221+000
B82498F3271+000
330
390
470
2%
G
5%
J
100
100
50
45
40
30
250
250
100
220
210
190
1.5
1.6
1.9
800
700
650
B82498F3331+000
B82498F3391+000
B82498F3471+000
560
680
820
2%
G
5%
J
25
25
25
23
23
23
50
50
50
230
190
180
1.3
1.7
1.9
400
300
300
B82498F3561+000
B82498F3681+000
B82498F3821+000
1)
intermediate values and closer tolerances upon request
2)
Replace the + by the code letter for the required inductance tolerance.
The information contained in this datasheet describes the
type of component and shall not be considered as guaran-
teed characteristics.
SMT Inductors, SIMID Series
B82498F
SIMID 0805–F
Hugo ist doof BNR
7 pages
11.11.2004


Similar Part No. - B82498F3279000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82498F3279K000 EPCOS-B82498F3279K000 Datasheet
172Kb / 10P
   SMT inductors
logo
TDK Electronics
B82498F3279K000 TDK-B82498F3279K000 Datasheet
246Kb / 2P
   Inductors (Coils)
More results

Similar Description - B82498F3279000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82498F3820J EPCOS-B82498F3820J Datasheet
490Kb / 10P
   SIMID series, SIMID 0805-F
B32496-C EPCOS-B32496-C Datasheet
74Kb / 6P
   SMT Inductors, SIMID Series SIMID 0603-C
B82422H1223K EPCOS-B82422H1223K Datasheet
276Kb / 5P
   SMT Inductors, SIMID Series SIMID 1210?묱
B82422H1474K EPCOS-B82422H1474K Datasheet
484Kb / 8P
   SMT inductors SIMID series, SIMID 1210-H
B82496C3159A EPCOS-B82496C3159A Datasheet
81Kb / 6P
   SMT Inductors, SIMID Series
B82499A EPCOS-B82499A Datasheet
58Kb / 4P
   SMT Inductors, SIMID Series
B82496C3109 EPCOS-B82496C3109 Datasheet
125Kb / 8P
   SMT inductors, SIMID series
B82496-A EPCOS-B82496-A Datasheet
57Kb / 4P
   SMT Inductors, SIMID Series
B82496-C EPCOS-B82496-C Datasheet
130Kb / 6P
   SMT Inductors, SIMID Series
B82494-A1100-K EPCOS-B82494-A1100-K Datasheet
62Kb / 5P
   SMT Inductors, SIMID Series
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com