Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7148ACPZ-1REEL Datasheet(PDF) 9 Page - Analog Devices

Part # AD7148ACPZ-1REEL
Description  Programmable Touch Controller for Single Electrode Capacitance Sensors
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7148ACPZ-1REEL Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7148ACPZ-1REEL Datasheet HTML 5Page - Analog Devices AD7148ACPZ-1REEL Datasheet HTML 6Page - Analog Devices AD7148ACPZ-1REEL Datasheet HTML 7Page - Analog Devices AD7148ACPZ-1REEL Datasheet HTML 8Page - Analog Devices AD7148ACPZ-1REEL Datasheet HTML 9Page - Analog Devices AD7148ACPZ-1REEL Datasheet HTML 10Page - Analog Devices AD7148ACPZ-1REEL Datasheet HTML 11Page - Analog Devices AD7148ACPZ-1REEL Datasheet HTML 12Page - Analog Devices AD7148ACPZ-1REEL Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
AD7148
Rev. 0 | Page 9 of 56
58000
40000
0
ACSHIELD CAPACITIVE LOAD (pF)
100
200
300
400
500
56000
54000
52000
50000
48000
46000
44000
42000
Figure 11. CDC Output Code vs. Capacitive Load on ACSHIELD
960
780
–60
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
940
920
900
880
860
840
820
800
3.3V
3.6V
2.6V
Figure 12. Supply Current vs. Temperature
12
0
–45
135
TEMPERATURE (°C)
10
8
6
4
2
–25
–51535
557595
115
3.6V
2.6V
3.3V
Figure 13. Shutdown Supply Current vs. Temperature
160
0
SINE WAVE FREQUENCY (Hz)
140
120
100
80
60
40
20
25mV
75mV
125mV
175mV
50mV
100mV
150mV
200mV
Figure 14. Power Supply Sine Wave Rejection, VCC = 3.6 V
35
0
0
10000
20000
30000
40000
50000
60000
CDC OUTPUT CODE
30
25
20
15
10
5
Figure 15. CDC Linearity, VCC = 3.3 V


Similar Part No. - AD7148ACPZ-1REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7142 AD-AD7142 Datasheet
1Mb / 68P
   Programmable Capacitance-to-Digital Converter with Environmental Compensation
REV. 0
AD7142 AD-AD7142 Datasheet
844Kb / 73P
   Programmable Controller for Capacitance Touch Sensors
REV. A
AD7142 AD-AD7142 Datasheet
1Mb / 70P
   Programmable Controller for Capacitance Touch Sensors
AD7142ACPZ-1500RL7 AD-AD7142ACPZ-1500RL7 Datasheet
1Mb / 70P
   Programmable Controller for Capacitance Touch Sensors
AD7142ACPZ-1500RL71 AD-AD7142ACPZ-1500RL71 Datasheet
844Kb / 73P
   Programmable Controller for Capacitance Touch Sensors
REV. A
More results

Similar Description - AD7148ACPZ-1REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7147 AD-AD7147_15 Datasheet
889Kb / 73P
   CapTouch Programmable Controller for Single-Electrode Capacitance Sensors
REV. D
AD7147 AD-AD7147 Datasheet
1Mb / 68P
   CapTouch??Programmable Controller for Single-Electrode Capacitance Sensors
REV. 0
AD7142 AD-AD7142_17 Datasheet
1Mb / 70P
   Programmable Controller for Capacitance Touch Sensors
AD7142 AD-AD7142_15 Datasheet
958Kb / 73P
   Programmable Controller for Capacitance Touch Sensors
REV. A
AD7143 AD-AD7143 Datasheet
1,006Kb / 56P
   Programmable Controller for Capacitance Touch Sensors
REV. 0
AD7143 AD-AD7143_17 Datasheet
589Kb / 57P
   Programmable Controller for Capacitance Touch Sensors
AD7143 AD-AD7143_15 Datasheet
784Kb / 57P
   Programmable Controller for Capacitance Touch Sensors
REV. 0
AD7142ACPZ-500RL7 AD-AD7142ACPZ-500RL7 Datasheet
844Kb / 73P
   Programmable Controller for Capacitance Touch Sensors
REV. A
logo
Texas Instruments
TSC2301 TI1-TSC2301_15 Datasheet
1Mb / 94P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER
logo
ON Semiconductor
LC717A30UR ONSEMI-LC717A30UR Datasheet
241Kb / 14P
   Capacitance?륞igital?륝onverter LSI for Electrostatic Capacitive Touch Sensors
November, 2018 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com