Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRC62NP-150NC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRC62NP-150NC
Description  Power Inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRC62NP-150NC Datasheet(HTML) 2 Page - Sumida Corporation

  CDRC62NP-150NC Datasheet HTML 1Page - Sumida Corporation CDRC62NP-150NC Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Power Inductor< SMD Type: CDRC Series>
Type: CDRC62
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
Specification(Used as inductors)
Part name
Stamp
Inductance
[within]
※1
D.C.R.(Ω)
Max.(Typ.)
(at 20℃)
Rated
Current
(mA)※2
S.R.F.
(MHz)
[Typ.]
CDRC62NP-8RØN□
8R0
8μH ± 25%
0.077 (0.062)
764
38.6
CDRC62NP-1ØØN□
100
10μH ± 25%
0.104 (0.083)
712
33.9
CDRC62NP-15ØN□
150
15μH ± 25%
0.131 (0.105)
556
27.6
CDRC62NP-22ØN□
220
22μH ± 25%
0.200 (0.160)
467
23.0
CDRC62NP-33ØN□
330
33μH ± 25%
0.264 (0.211)
374
18.9
CDRC62NP-39ØN□
390
39μH ± 25%
0.381 (0.305)
354
16.9
CDRC62NP-47ØN□
470
47μH ± 25%
0.430 (0.344)
320
15.0
CDRC62NP-56ØN□
560
56μH ± 25%
0.480 (0.384)
290
14.0
CDRC62NP-68ØN□
680
68μH ± 25%
0.624 (0.499)
248
12.2
CDRC62NP-82ØN□
820
82μH ± 25%
0.671 (0.537)
237
11.4
CDRC62NP-1Ø1M□
101
100μH ± 20%
0.769 (0.615)
212
10.2
CDRC62NP-121M□
121
120μH ± 20%
1.02 (0.816)
194
9.4
CDRC62NP-151M□
151
150μH ± 20%
1.43 (1.14)
174
8.6
CDRC62NP-181M□
181
180μH ± 20%
1.60 (1.28)
160
7.5
CDRC62NP-221M□
221
220μH ± 20%
1.77 (1.42)
142
7.2
CDRC62NP-271M□
271
270μH ± 20%
2.30 (1.84)
130
6.5
CDRC62NP-331M□
331
330μH ± 20%
2.71 (2.16)
117
5.8
CDRC62NP-391M□
391
390μH ± 20%
3.02 (2.42)
108
5.3
CDRC62NP-471M□
471
470μH ± 20%
3.93 (3.14)
98
4.8
CDRC62NP-561M□
561
560μH ± 20%
4.46 (3.57)
91
4.4
CDRC62NP-681M□
681
680μH ± 20%
6.05 (4.84)
83
4.0
CDRC62NP-821M□
821
820μH ± 20%
6.79 (5.43)
75
3.7
CDRC62NP-1Ø2M□
102
1.0 mH ± 20%
9.98 (7.98)
66
3.3
CDRC62NP-122M□
122
1.2 mH ± 20%
11.8 (9.44)
62
3.0
※ Description of Part Name
CDRC62NP-8RØN□
1:Measuring frequency:
8.0μH ~ 82μH ; at 100kHz
100μH ~ 1.2mH ; at 1kHz
2: Rated current: The D.C. current at which the inductance decreases to 75% of it’s nominal value or
when △t=40℃, whichever is lower(Ta=20℃).
B Box
C Carrier Tape


Similar Part No. - CDRC62NP-150NC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRCH12D78B SUMIDA-CDRCH12D78B Datasheet
210Kb / 4P
   Ferrite drum core construction.
CDRCH12D78BHF-100MC SUMIDA-CDRCH12D78BHF-100MC Datasheet
210Kb / 4P
   Ferrite drum core construction.
CDRCH12D78BHF-100MC SUMIDA-CDRCH12D78BHF-100MC Datasheet
491Kb / 7P
   SMD Power Inductor
CDRCH12D78BHF-101MC SUMIDA-CDRCH12D78BHF-101MC Datasheet
210Kb / 4P
   Ferrite drum core construction.
CDRCH12D78BHF-101MC SUMIDA-CDRCH12D78BHF-101MC Datasheet
491Kb / 7P
   SMD Power Inductor
More results

Similar Description - CDRC62NP-150NC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
   Chip Inductor Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
XFMRS Inc.
XFRCR875D-102M XFMRS-XFRCR875D-102M_15 Datasheet
59Kb / 1P
   Power Inductor
XFHCL2-1R8M XFMRS-XFHCL2-1R8M Datasheet
37Kb / 1P
   Power Inductor
XFRCH654-102M XFMRS-XFRCH654-102M Datasheet
59Kb / 1P
   Power Inductor
XFRCRH875-100M XFMRS-XFRCRH875-100M Datasheet
59Kb / 1P
   Power Inductor
XFRCR110D-102M XFMRS-XFRCR110D-102M_15 Datasheet
58Kb / 1P
   Power Inductor
9XFXXX6-S3P XFMRS-9XFXXX6-S3P Datasheet
49Kb / 1P
   POWER INDUCTOR
XFHCL2-1R6M XFMRS-XFHCL2-1R6M Datasheet
60Kb / 1P
   POWER INDUCTOR
XFRLH875-101M XFMRS-XFRLH875-101M Datasheet
32Kb / 1P
   POWER INDUCTOR
XFRCRH875-100M XFMRS-XFRCRH875-100M_15 Datasheet
59Kb / 1P
   Power Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com