Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH127NP-561M Datasheet(PDF) 3 Page - Sumida Corporation

Part # CDRH127NP-561M
Description  POWER INDUCTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH127NP-561M Datasheet(HTML) 3 Page - Sumida Corporation

  CDRH127NP-561M Datasheet HTML 1Page - Sumida Corporation CDRH127NP-561M Datasheet HTML 2Page - Sumida Corporation CDRH127NP-561M Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
POWER INDUCTORS <SMD Type: CDRH Series>
Type: CDRH127 , CDRH127/LD
Please refer to the sales offices on our website for a representative near you
www.sumida.com
3/3
Specification(CDRH127/LD)
Part Name※
Stamp
Inductance
Within]※2
D.C.R.(Ω)
Max.(Typ.)(at 20℃)
Rated Current
(A)※1
Measuring
frequency
CDRH127/LDNP-1RØN□
1R0
1.0μH ± 30%
6.5m(5.0m)
14.0
CDRH127/LDNP-2R4N□
2R4
2.4μH ± 30%
10.5m(8.1m)
10.3
CDRH127/LDNP-3R5N□
3R5
3.5μH ± 30%
12.4m(9.5m)
9.30
CDRH127/LDNP-4R6N□
4R6
4.6μH ± 30%
13.8m(10.6m)
9.10
CDRH127/LDNP-5R8N□
5R8
5.8μH ± 30%
16.2m(12.4m)
8.60
CDRH127/LDNP-7R4N□
7R4
7.4μH ± 30%
17.7m(13.6m)
7.40
at 100 kHz
CDRH127/LDNP-1ØØM
100
10 μH ± 20%
19.5m(15.0m)
6.70
CDRH127/LDNP-12ØM□
120
12 μH ± 20%
21.3m(16.4m)
6.45
CDRH127/LDNP-15ØM□
150
15 μH ± 20%
26.4m(20.3m)
5.65
CDRH127/LDNP-18ØM□
180
18 μH ± 20%
28.0m(21.5m)
5.10
CDRH127/LDNP-22ØM□
220
22 μH ± 20%
36.4m(28.0m)
4.70
CDRH127/LDNP-27ØM□
270
27 μH ± 20%
41.6m(32.0m)
4.20
CDRH127/LDNP-33ØM□
330
33 μH ± 20%
53.3m(41.0m)
3.90
CDRH127/LDNP-39ØM□
390
39 μH ± 20%
60.5m(46.5m)
3.50
CDRH127/LDNP-47ØM□
470
47 μH ± 20%
78.0m(60.0m)
3.25
CDRH127/LDNP-56ØM□
560
56 μH ± 20%
90.0m(69.0m)
2.90
CDRH127/LDNP-68ØM□
680
68 μH ± 20%
120m(92.0m)
2.60
CDRH127/LDNP-82ØM□
820
82 μH ± 20%
119m(91.0m)
2.40
CDRH127/LDNP-1Ø1M□
101
100μH ± 20%
151m (119m)
2.10
CDRH127/LDNP-121M□
121
120μH ± 20%
169m (130m)
1.90
CDRH127/LDNP-151M□
151
150μH ± 20%
227m (174m)
1.80
CDRH127/LDNP-181M□
181
180μH ± 20%
299m (230m)
1.55
CDRH127/LDNP-221M□
221
220μH ± 20%
338m (260m)
1.45
CDRH127/LDNP-271M□
271
270μH ± 20%
419m (322m)
1.30
CDRH127/LDNP-331M□
331
330μH ± 20%
471m (362m)
1.20
CDRH127/LDNP-391M□
391
390μH ± 20%
572m (440m)
1.10
CDRH127/LDNP-471M□
471
470μH ± 20%
741m (570m)
1.00
CDRH127/LDNP-561M□
561
560μH ± 20%
852m (655m)
0.95
CDRH127/LDNP-681M□
681
680μH ± 20%
1.13 (870m)
0.85
CDRH127/LDNP-821M□
821
820μH ± 20%
1.24 (950m)
0.75
CDRH127/LDNP-1Ø2M□
102
1.0 mH ± 20%
1.50 (1.15)
0.70
at 1 kHz
1 Rated current: The DC current at which the inductance decreases to 75% of it's nominal value
or when △t=40℃, whichever is lower(Ta=20℃).


Similar Part No. - CDRH127NP-561M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH127NP-561M SUMIDA-CDRH127NP-561M Datasheet
183Kb / 4P
   POWER INDUCTORS SMD Type: CDRH Series
More results

Similar Description - CDRH127NP-561M

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com