Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDR95NP-4R7MC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDR95NP-4R7MC
Description  POWER INDUCTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDR95NP-4R7MC Datasheet(HTML) 2 Page - Sumida Corporation

  CDR95NP-4R7MC Datasheet HTML 1Page - Sumida Corporation CDR95NP-4R7MC Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
POWER INDUCTORS <SMD Type: CDR Series>
Type: CDR95
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
Specification
Part Name
Stamp
Inductance
Within]
100kHz
D.C.R.(mΩ)
Max.(Typ.)
(at 20℃)
Saturation
Current
A)※1
Temperature
rise current
(A)※2
CDR95NP-1RØM□
1R0M
1.0μH±20%
6.3(5.0)
14.6
9.0
CDR95NP-1R5M□
1R5M
1.5μH±20%
8.2(6.5)
12.0
8.0
CDR95NP-2R2M□
2R2M
2.2μH±20%
11.3(9.0)
9.4
7.0
CDR95NP-3R3M□
3R3M
3.3μH±20%
12.5(10.0)
7.8
6.2
CDR95NP-4R7M□
4R7M
4.7μH±20%
15.5(12.4)
6.4
5.8
CDR95NP-6R8M□
6R8M
6.8μH±20%
23.0(18.3)
5.3
4.5
CDR95NP-1ØØM□
100M
10μH±20%
35.4(28.3)
4.0
3.5
CDR95NP-15ØM□
150M
15μH±20%
46.8(37.4)
3.5
3.0
CDR95NP-22ØM□
220M
22μH±20%
68.0(54.5)
3.0
2.5
CDR95NP-33ØM□
330M
33μH±20%
102.0(81.4)
2.4
2.0
CDR95NP-47ØM□
470M
47μH±20%
151.0(120.5)
2.0
1.5
CDR95NP-68ØM□
680M
68μH±20%
208.0(166.3)
1.7
1.3
CDR95NP-1Ø1M□
101M
100μH±20%
288.0(230.0)
1.4
1.1
CDR95NP-151M□
151M
150μH±20%
454.0(363.0)
1.1
0.9
CDR95NP-221M□
221M
220μH±20%
669.0(535.0)
0.9
0.7
CDR95NP-331M□
331M
330μH±20%
1000.0(800.0)
0.8
0.55
CDR95NP-471M□
471M
470μH±20%
1453.0(1162)
0.6
0.45
CDR95NP-681M□
681M
680μH±20%
2363.0(1890)
0.5
0.35
Description of part name
CDR95NP-1RØM□
1.Saturation current: The DC current at which the inductance decreases to 90% of it’s initial value.
(Ta=20℃)
2.Temperature rise current: The DC current at which the temperature rise is △t=40℃.(Ta=20℃)
B Box
C Carrier Tape


Similar Part No. - CDR95NP-4R7MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDR910 SUMIDA-CDR910 Datasheet
59Kb / 2P
   POWER INDUCTORS
CDR910NP-100MB SUMIDA-CDR910NP-100MB Datasheet
59Kb / 2P
   POWER INDUCTORS
CDR910NP-100MC SUMIDA-CDR910NP-100MC Datasheet
59Kb / 2P
   POWER INDUCTORS
CDR910NP-101MB SUMIDA-CDR910NP-101MB Datasheet
59Kb / 2P
   POWER INDUCTORS
CDR910NP-101MC SUMIDA-CDR910NP-101MC Datasheet
59Kb / 2P
   POWER INDUCTORS
More results

Similar Description - CDR95NP-4R7MC

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com