Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRC62NP-121MB Datasheet(PDF) 1 Page - Sumida Corporation

Part # CDRC62NP-121MB
Description  Power Inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRC62NP-121MB Datasheet(HTML) 1 Page - Sumida Corporation

  CDRC62NP-121MB Datasheet HTML 1Page - Sumida Corporation CDRC62NP-121MB Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Power Inductor< SMD Type: CDRC Series>
Type: CDRC62
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/2
Product Description
6.7×6.7mm Max.(L×W), 2.5mm Max. Height.
Inductance Range: 8µH~1.2mH
Rated current range: 62mA~764mA
4 Terminal pins’ type gives a flexible design as inductors or transformers(SEPIC,ZETA circuit).
Feature
Magnetically shielded construction.
Ideally used in portable devices such as DVD,DSC/DVC,MP3,PDA,HDD etc as DC-DC
Converter inductors.
RoHS Compliance
Dimensions (mm)
Land Pattern (mm)
Schematics(Bottom)
6.3±0.4
2.5
MAX.
0.6
0.8±0.3
4.7±0.4
0.8±0.3
BETWEEN(1-4)
SURFACE OF
COPPER PATTERN
RE SISTANCE
4. 0
6. 8
2
1
3
4
S
8.0μH~180μH
220μH~1.2mH
2
1
3
4
S
S
2
1
3
4
S
S
OR
(1)
(2)


Similar Part No. - CDRC62NP-121MB

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRCH12D78B SUMIDA-CDRCH12D78B Datasheet
210Kb / 4P
   Ferrite drum core construction.
CDRCH12D78BHF-100MC SUMIDA-CDRCH12D78BHF-100MC Datasheet
210Kb / 4P
   Ferrite drum core construction.
CDRCH12D78BHF-100MC SUMIDA-CDRCH12D78BHF-100MC Datasheet
491Kb / 7P
   SMD Power Inductor
CDRCH12D78BHF-101MC SUMIDA-CDRCH12D78BHF-101MC Datasheet
210Kb / 4P
   Ferrite drum core construction.
CDRCH12D78BHF-101MC SUMIDA-CDRCH12D78BHF-101MC Datasheet
491Kb / 7P
   SMD Power Inductor
More results

Similar Description - CDRC62NP-121MB

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
   Chip Inductor Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
XFMRS Inc.
XFRCR875D-102M XFMRS-XFRCR875D-102M_15 Datasheet
59Kb / 1P
   Power Inductor
XFHCL2-1R8M XFMRS-XFHCL2-1R8M Datasheet
37Kb / 1P
   Power Inductor
XFRCH654-102M XFMRS-XFRCH654-102M Datasheet
59Kb / 1P
   Power Inductor
XFRCRH875-100M XFMRS-XFRCRH875-100M Datasheet
59Kb / 1P
   Power Inductor
XFRCR110D-102M XFMRS-XFRCR110D-102M_15 Datasheet
58Kb / 1P
   Power Inductor
9XFXXX6-S3P XFMRS-9XFXXX6-S3P Datasheet
49Kb / 1P
   POWER INDUCTOR
XFHCL2-1R6M XFMRS-XFHCL2-1R6M Datasheet
60Kb / 1P
   POWER INDUCTOR
XFRLH875-101M XFMRS-XFRLH875-101M Datasheet
32Kb / 1P
   POWER INDUCTOR
XFRCRH875-100M XFMRS-XFRCRH875-100M_15 Datasheet
59Kb / 1P
   Power Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com