Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDR105NP-470MB Datasheet(PDF) 3 Page - Sumida Corporation

Part # CDR105NP-470MB
Description  POWER INDUCTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDR105NP-470MB Datasheet(HTML) 3 Page - Sumida Corporation

  CDR105NP-470MB Datasheet HTML 1Page - Sumida Corporation CDR105NP-470MB Datasheet HTML 2Page - Sumida Corporation CDR105NP-470MB Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
POWER INDUCTORS <SMD Type: CDR Series>
Type: CDR105,CDR105B
Please refer to the sales offices on our website for a representative near you
www.sumida.com
3/3
Specification (CDR105B)
Part name
Stamp
Inductance
Within]
※1
D.C.R.
(Ω)[MAX.]
(at 20℃)
Rated
Current
(A)※2-2
S.R.F.(MHz)
[Ref.]
CDR1Ø5BNP-1ØØM□
100
10μH ± 20%
0.06
2.06
29.1
CDR1Ø5BNP-12ØM□
120
12μH ± 20%
0.07
1.94
26.5
CDR1Ø5BNP-15ØM□
150
15μH ± 20%
0.07
1.72
24.2
CDR1Ø5BNP-18ØM□
180
18μH ± 20%
0.08
1.58
21.8
CDR1Ø5BNP-22ØM□
220
22μH ± 20%
0.08
1.42
18.8
CDR1Ø5BNP-27ØM□
270
27μH ± 20%
0.10
1.32
17.1
CDR1Ø5BNP-33ØL□
330
33μH ± 15%
0.11
1.16
14.2
CDR1Ø5BNP-39ØL□
390
39μH ± 15%
0.12
1.10
14.1
CDR1Ø5BNP-47ØL□
470
47μH ± 15%
0.14
1.00
11.5
CDR1Ø5BNP-56ØL□
560
56μH ± 15%
0.19
0.93
11.1
CDR1Ø5BNP-68ØL□
680
68μH ± 15%
0.21
0.85
10.2
CDR1Ø5BNP-82ØL□
820
82μH ± 15%
0.28
0.79
9.2
CDR1Ø5BNP-1Ø1K□
101
100μH ± 10%
0.34
0.72
8.1
CDR1Ø5BNP-121K□
121
120μH ± 10%
0.37
0.63
7.3
CDR1Ø5BNP-151K□
151
150μH ± 10%
0.51
0.55
6.2
CDR1Ø5BNP-181K□
181
180μH ± 10%
0.57
0.50
5.6
CDR1Ø5BNP-221K□
221
220μH ± 10%
0.78
0.47
5.4
CDR1Ø5BNP-271K□
271
270μH ± 10%
0.87
0.41
5.0
CDR1Ø5BNP-331K□
331
330μH ± 10%
1.20
0.37
4.2
CDR1Ø5BNP-391K□
391
390μH ± 10%
1.34
0.35
3.8
CDR1Ø5BNP-471K□
471
470μH ± 10%
1.50
0.33
3.5
Description of part name
CDR1Ø5BNP-1ØØM□
1: Measuring frequency: 10μH ~ 82μH at 2.52 MHz;
100μH~470μH at
1 kHz.
2-1: Rated current: The D.C. current at which the inductance decreases to 80% of it’s nominal value or
when △t=40℃, whichever is lower(Ta=20℃
).
2-2: Rated current: The D.C. current at which the inductance decreases to 90% of it’s initial value or
when △t=40℃, whichever is lower(Ta=20℃
).
B Box
C Carrier Tape


Similar Part No. - CDR105NP-470MB

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDR105NP-470MB SUMIDA-CDR105NP-470MB Datasheet
101Kb / 3P
   POWER INDUCTORS
More results

Similar Description - CDR105NP-470MB

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com