Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM486DE2-66V8TGC Datasheet(PDF) 10 Page - Advanced Micro Devices

Part # AM486DE2-66V8TGC
Description  8-Kbyte Write-Through Embedded Microprocessor
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM486DE2-66V8TGC Datasheet(HTML) 10 Page - Advanced Micro Devices

Back Button AM486DE2-66V8TGC Datasheet HTML 6Page - Advanced Micro Devices AM486DE2-66V8TGC Datasheet HTML 7Page - Advanced Micro Devices AM486DE2-66V8TGC Datasheet HTML 8Page - Advanced Micro Devices AM486DE2-66V8TGC Datasheet HTML 9Page - Advanced Micro Devices AM486DE2-66V8TGC Datasheet HTML 10Page - Advanced Micro Devices AM486DE2-66V8TGC Datasheet HTML 11Page - Advanced Micro Devices AM486DE2-66V8TGC Datasheet HTML 12Page - Advanced Micro Devices AM486DE2-66V8TGC Datasheet HTML 13Page - Advanced Micro Devices AM486DE2-66V8TGC Datasheet HTML 14Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
10
Am486DE2 Microprocessor
208-Lead SQFP Designations (Functional Grouping)
Address
Data
Control
Test
INC
Vcc
Vss
Pin Name
No.
Pin Name
No.
Pin Name
No.
Pin Name
No.
Pin No.
Pin No.
Pin No.
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
A14
A15
A16
A17
A18
A19
A20
A21
A22
A23
A24
A25
A26
A27
A28
A29
A30
A31
202
197
196
195
193
192
190
187
186
182
180
178
177
174
173
171
166
165
164
161
160
159
158
154
153
152
151
149
148
147
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
D15
D16
D17
D18
D19
D20
D21
D22
D23
D24
D25
D26
D27
D28
D29
D30
D31
144
143
142
141
140
130
129
126
124
123
119
118
117
116
113
112
108
103
101
100
99
93
92
91
87
85
84
83
79
78
75
74
A20M
ADS
AHOLD
BE0
BE1
BE2
BE3
BLAST
BOFF
BRDY
BREQ
BS8
BS16
CACHE
CLK
D/C
DP0
DP1
DP2
DP3
EADS
FERR
FLUSH
HITM
HLDA
HOLD
IGNNE
INTR
INV
KEN
LOCK
M/IO
NMI
PCD
PCHK
PLOCK
PWT
RDY
RESET
SMI
SMIACT
SRESET
STPCLK
UP
WB/WT
W/R
47
203
17
31
32
33
34
204
6
5
30
8
7
70
24
39
145
125
109
90
46
66
49
63
26
16
72
50
71
13
207
37
51
41
4
206
40
12
48
65
59
58
73
194
64
27
TCK
TDI
TDO
TMS
18
168
68
167
3
11
67
96
127
2
9
14
19
20
22
23
25
29
35
38
42
44
45
54
56
60
62
69
77
80
82
86
89
95
98
102
106
111
114
121
128
131
133
134
136
137
139
150
155
162
163
169
172
176
179
183
185
188
191
198
200
205
1
10
15
21
28
36
43
52
53
55
57
61
76
81
88
94
97
104
105
107
110
115
120
122
132
135
138
146
156
157
170
175
181
184
189
199
201
208
Note: INC = Internal No Connect


Similar Part No. - AM486DE2-66V8TGC

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM486DX2 AMD-AM486DX2 Datasheet
1Mb / 67P
   Am5X86??Microprocessor Family
More results

Similar Description - AM486DE2-66V8TGC

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
28945-BRF-001-A MA-COM-28945-BRF-001-A_15 Datasheet
111Kb / 2P
   Embedded Microprocessor
logo
NXP Semiconductors
SZF2002 PHILIPS-SZF2002 Datasheet
431Kb / 76P
   Low voltage 8-bit microcontroller with 6-kbyte embedded RAM
1998 Aug 26
logo
Fujitsu Component Limit...
MB93423 FUJITSU-MB93423 Datasheet
659Kb / 55P
   VLIW Embedded Microprocessor
logo
STMicroelectronics
STPCCLIENT STMICROELECTRONICS-STPCCLIENT Datasheet
762Kb / 48P
   PC Compatible Embedded Microprocessor
February 8, 2000
logo
Intel Corporation
80386EX INTEL-80386EX Datasheet
766Kb / 56P
   Intel386 EX Embedded Microprocessor
80960JD INTEL-80960JD Datasheet
2Mb / 61P
   EMBEDDED 32-BIT MICROPROCESSOR
logo
STMicroelectronics
STPCINDUSTRIAL STMICROELECTRONICS-STPCINDUSTRIAL Datasheet
787Kb / 55P
   PC Compatible Embedded Microprocessor
5/11/99
logo
Intel Corporation
A80960KA INTEL-A80960KA Datasheet
2Mb / 41P
   EMBEDDED 32-BIT MICROPROCESSOR
JA80386EXTC25 INTEL-JA80386EXTC25 Datasheet
591Kb / 56P
   Intel386??EX Embedded Microprocessor
logo
Feeling Technology Corp...
FM8PC71A FEELING-FM8PC71A Datasheet
68Kb / 4P
   The FM8PC71A is an 8-bit microprocessor embedded device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com