Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH127NP-100M Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRH127NP-100M
Description  POWER INDUCTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH127NP-100M Datasheet(HTML) 2 Page - Sumida Corporation

  CDRH127NP-100M Datasheet HTML 1Page - Sumida Corporation CDRH127NP-100M Datasheet HTML 2Page - Sumida Corporation CDRH127NP-100M Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
POWER INDUCTORS <SMD Type: CDRH Series>
Type: CDRH127 , CDRH127/LD
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/3
Specification(CDRH127)
Part Name
Stamp
Inductance
Within]
D.C.R.(Ω)
Max.(Typ.)
(at 20℃)
Rated current
(A)※1
Measuring
frequency
CDRH127NP-1R2N□
1R2
40%
1.2μH - 20%
7.0m(5.2m)
9.80
CDRH127NP-2R4N□
2R4
40%
2.4μH - 20%
11.5m(8.5m)
8.00
CDRH127NP-3R5N□
3R5
40%
3.5μH - 20%
13.5m(10.0m)
7.50
CDRH127NP-4R7N□
4R7
40%
4.7μH - 20%
15.8m(11.7m)
6.80
CDRH127NP-6R1N□
6R1
40%
6.1μH - 20%
17.6m(13.0m)
6.60
CDRH127NP-7R6N□
7R6
40%
7.6μH - 20%
20.0m(15.0m)
5.90
at 100 kHz
CDRH127NP-1ØØM□
100
10 μH ± 20%
21.6m(16.0m)
5.40
CDRH127NP-12ØM□
120
12 μH ± 20%
24.3m(18.0m)
4.90
CDRH127NP-15ØM□
150
15 μH ± 20%
27.0m(20.0m)
4.50
CDRH127NP-18ØM□
180
18 μH ± 20%
39.2m(29.0m)
3.90
CDRH127NP-22ØM□
220
22 μH ± 20%
43.2m(32.0m)
3.60
CDRH127NP-27ØM□
270
27 μH ± 20%
45.9m(34.0m)
3.40
CDRH127NP-33ØM□
330
33 μH ± 20%
64.8m(48.0m)
3.00
CDRH127NP-39ØM□
390
39 μH ± 20%
72.9m(54.0m)
2.75
CDRH127NP-47ØM□
470
47 μH ± 20%
0.10 (76.0m)
2.50
CDRH127NP-56ØM□
560
56 μH ± 20%
0.11 (83.0m)
2.35
CDRH127NP-68ØM□
680
68 μH ± 20%
0.14 (0.10)
2.10
CDRH127NP-82ØM□
820
82 μH ± 20%
0.16 (0.12)
1.95
CDRH127NP-1Ø1M□
101
100μH ± 20%
0.22 (0.17)
1.70
CDRH127NP-121M□
121
120μH ± 20%
0.25 (0.18)
1.60
CDRH127NP-151M□
151
150μH ± 20%
0.28 (0.21)
1.42
CDRH127NP-181M□
181
180μH ± 20%
0.35 (0.26)
1.30
CDRH127NP-221M□
221
220μH ± 20%
0.39 (0.29)
1.16
CDRH127NP-271M□
271
270μH ± 20%
0.56 (0.42)
1.06
CDRH127NP-331M□
331
330μH ± 20%
0.64 (0.47)
0.95
CDRH127NP-391M□
391
390μH ± 20%
0.70 (0.52)
0.88
CDRH127NP-471M□
471
470μH ± 20%
0.98 (0.73)
0.79
CDRH127NP-561M□
561
560μH ± 20%
1.07 (0.79)
0.73
CDRH127NP-681M□
681
680μH ± 20%
1.46 (1.12)
0.67
CDRH127NP-821M□
821
820μH ± 20%
1.64 (1.26)
0.60
CDRH127NP-1Ø2M□
102
1.0 mH ± 20%
1.82 (1.40)
0.55
at 1 kHz
Description of part name
CDRH127/LDNP-1RØN□
B Box
C Carrier Tape


Similar Part No. - CDRH127NP-100M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH127NP-100M SUMIDA-CDRH127NP-100M Datasheet
183Kb / 4P
   POWER INDUCTORS SMD Type: CDRH Series
More results

Similar Description - CDRH127NP-100M

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com