Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH6D38NP-180N Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRH6D38NP-180N
Description  POWER INDUCTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH6D38NP-180N Datasheet(HTML) 2 Page - Sumida Corporation

  CDRH6D38NP-180N Datasheet HTML 1Page - Sumida Corporation CDRH6D38NP-180N Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
POWER INDUCTORS <SMD Type: CDRH Series>
Type: CDRH6D38
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
B Box
C Carrier Tape
Specification
Part Name
Stamp
Inductance
Within]
10kHz/1V
D.C.R.(Ω)
Max.(Typ.)
(at 20℃)
Rated Current
(A)
※1
CDRH6D38NP-3R3N□
3R3
3.3
μH±30%
20m (15m)
3.50
CDRH6D38NP-5RØN□
5R0
5.0
μH±30%
24m (18m)
2.90
CDRH6D38NP-6R2N□
6R2
6.2
μH±30%
27m (20m)
2.50
CDRH6D38NP-7R4N□
7R4
7.4
μH±30%
31m (23m)
2.30
CDRH6D38NP-8R7N□
8R7
8.7
μH±30%
34m (25m)
2.20
CDRH6D38NP-1ØØN□
100
10
μH±30%
38m (28m)
2.00
CDRH6D38NP-12ØN□
120
12
μH±30%
53m (39m)
1.70
CDRH6D38NP-15ØN□
150
15
μH±30%
57m (42m)
1.60
CDRH6D38NP-18ØN□
180
18
μH±30%
92m (68m)
1.50
CDRH6D38NP-22ØN□
220
22
μH±30%
96m (71m)
1.30
CDRH6D38NP-27ØN□
270
27
μH±30%
109m (81m)
1.20
CDRH6D38NP-33ØN□
330
33
μH±30%
124m (92m)
1.10
CDRH6D38NP-39ØN□
390
39
μH±30%
138m(102m)
1.00
CDRH6D38NP-47ØN□
470
47
μH±30%
155m(115m)
0.95
CDRH6D38NP-56ØN□
560
56
μH±30%
202m(150m)
0.85
CDRH6D38NP-68ØN□
680
68
μH±30%
234m(173m)
0.75
CDRH6D38NP-82ØN□
820
82
μH±30%
324m(240m)
0.70
CDRH6D38NP-1Ø1N□
101
100
μH±30%
358m(265m)
0.65
※ Description of part name
CDRH6D38NP-3R3N□
1 Rated current: The DC current at which the inductance decreases to 65% of it's nominal
value or when △t=30℃, whichever is lower(Ta=20℃).


Similar Part No. - CDRH6D38NP-180N

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH6D38NP-180NC SUMIDA-CDRH6D38NP-180NC Datasheet
171Kb / 4P
   SMD Power Inductor CDRH6D38
More results

Similar Description - CDRH6D38NP-180N

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com