Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH125NP-7R5N Datasheet(PDF) 3 Page - Sumida Corporation

Part # CDRH125NP-7R5N
Description  POWER INDUCTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH125NP-7R5N Datasheet(HTML) 3 Page - Sumida Corporation

  CDRH125NP-7R5N Datasheet HTML 1Page - Sumida Corporation CDRH125NP-7R5N Datasheet HTML 2Page - Sumida Corporation CDRH125NP-7R5N Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
POWER INDUCTORS <SMD Type: CDRH Series>
Type: CDRH125
Please refer to the sales offices on our website for a representative near you
www.sumida.com
3/3
Part Name
Stamp
Inductance
Within]
D.C.R.(Ω)
Max.(Typ.)
(at 20℃)
Rated Current
(A)※1
Measuring
frequency
CDRH125NP-121M□
121
120μH±20%
0.17(0.13)
1.10
at 1KHz
CDRH125NP-151M□
151
150μH±20%
0.23(0.18)
1.00
at 1KHz
CDRH125NP-181M□
181
180μH±20%
0.29(0.22)
0.90
at 1KHz
CDRH125NP-221M□
221
220μH±20%
0.40(0.31)
0.80
at 1KHz
CDRH125NP-271M□
271
270μH±20%
0.46(0.35)
0.75
at 1KHz
CDRH125NP-331M□
331
330μH±20%
0.51(0.39)
0.68
at 1KHz
CDRH125NP-391M□
391
390μH±20%
0.69(0.53)
0.65
at 1KHz
CDRH125NP-471M□
471
470μH±20%
0.77(0.59)
0.58
at 1KHz
CDRH125NP-561M□
561
560μH±20%
0.86(0.66)
0.54
at 1KHz
CDRH125NP-681M□
681
680μH±20%
1.20(0.92)
0.48
at 1KHz
CDRH125NP-821M□
821
820μH±20%
1.34(1.03)
0.43
at 1KHz
CDRH125NP-1Ø2M□
102
1.0mH±20%
1.53(1.18)
0.40
at 1KHz
Description of part name
CDRH125NP-1ØØM□
1 Rated current: The DC current at which the inductance decreases to 75% of it's nominal value
or when △t=40℃, whichever is lower(Ta=20℃).
B Box
C Carrier Tape


Similar Part No. - CDRH125NP-7R5N

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH125NP-7R5N SUMIDA-CDRH125NP-7R5N Datasheet
189Kb / 4P
   Power Inductors
CDRH125NP-7R5N SUMIDA-CDRH125NP-7R5N Datasheet
191Kb / 4P
   Power Inductors
More results

Similar Description - CDRH125NP-7R5N

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com