Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH5D28 Datasheet(PDF) 4 Page - Sumida Corporation

Part # CDRH5D28
Description  POWER INDUCTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH5D28 Datasheet(HTML) 4 Page - Sumida Corporation

  CDRH5D28_06 Datasheet HTML 1Page - Sumida Corporation CDRH5D28_06 Datasheet HTML 2Page - Sumida Corporation CDRH5D28_06 Datasheet HTML 3Page - Sumida Corporation CDRH5D28_06 Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
POWER INDUCTORS <SMD Type: CDRH Series>
Type: CDRH5D28 , CDRH5D28R , CDRH5D28R/HP
Please refer to the sales offices on our website for a representative near you
www.sumida.com
4/4
Specification(CDRH5D28R/HP)
Saturation
Current (A)
1-2
Part Name
Stamp
Inductance
(μH)
[Within]
100kHz/1V
D.C.R.(mΩ)
[Max.](Typ.)
(at 20℃)
( 20℃)
(105℃)
Temperature
Rise current
(A)※2
CDRH5D28RHPNP-2R2N□
2R2
2.2±25%
24.8(19.8)
5.50
4.50
3.80
CDRH5D28RHPNP-3RØN□
3R0
3.0±25%
31.8(25.4)
4.70
3.90
3.35
CDRH5D28RHPNP-4R7N□
4R7
4.7±25%
43.1(34.5)
3.70
3.05
2.80
CDRH5D28RHPNP-5R6N□
5R6
5.6±25%
47.9(38.3)
3.30
2.65
2.70
CDRH5D28RHPNP-6R8N□
6R8
6.8±25%
61.3(49.0)
3.10
2.55
2.50
CDRH5D28RHPNP-8R2N□
8R2
8.2±25%
88.4(70.7)
2.70
2.30
1.90
CDRH5D28RHPNP-1ØØM□
100
10.0±20%
93.0(74.4)
2.45
2.05
1.85
CDRH5D28RHPNP-12ØM□
120
12.0±20%
115(92.1)
2.30
2.00
1.60
CDRH5D28RHPNP-15ØM□
150
15.0±20%
144(115)
2.05
1.65
1.40
CDRH5D28RHPNP-18ØM□
180
18.0±20%
161(128)
1.90
1.55
1.35
CDRH5D28RHPNP-22ØM□
220
22.0±20%
213(171)
1.75
1.42
1.20
CDRH5D28RHPNP-27ØM□
270
27.0±20%
277(221)
1.60
1.30
1.00
CDRH5D28RHPNP-33ØM□
330
33.0±20%
314(251)
1.35
1.10
0.90
CDRH5D28RHPNP-47ØM□
470
47.0±20%
379(303)
1.20
1.00
0.85
Description of part name
CDRH5D28RHPNP-2R2N□
1-1. Rated current: The DC current at which the inductance decreases to 65 % of it’s nominal
value or when △t=30℃(CDRH5D28)or△t=40℃(CDRH5D28R), whichever is lower(Ta=20℃).
1-2. Saturation current:The DC current at which the inductance decreases to 65% of it’s nominal value.
2. Temperature rise current: The DC current at which the temperature rise is △t=40℃.(Ta=20℃).
B Box
C Carrier Tape


Similar Part No. - CDRH5D28_06

ManufacturerPart #DatasheetDescription
logo
ECM Electronics Limited...
CDRH5D28-100 ECM-CDRH5D28-100 Datasheet
162Kb / 7P
   Surface Mount Power Inductors
logo
AIT Components Ltd.
CDRH5D28-100 AITCOMPONENTS-CDRH5D28-100 Datasheet
30Kb / 1P
   CDRH6D28 SMD POWER INDUCTOR
logo
Linear Technology
CDRH5D28-100 LINER-CDRH5D28-100 Datasheet
207Kb / 20P
   True Color PWM Delivers Constant Color with 400:1 Dimming Range
logo
ECM Electronics Limited...
CDRH5D28-101 ECM-CDRH5D28-101 Datasheet
162Kb / 7P
   Surface Mount Power Inductors
logo
AIT Components Ltd.
CDRH5D28-101 AITCOMPONENTS-CDRH5D28-101 Datasheet
30Kb / 1P
   CDRH6D28 SMD POWER INDUCTOR
More results

Similar Description - CDRH5D28_06

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com